Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM7060R501R-10 Datasheet(PDF) 2 Page - Laird Tech Smart Technology

Part # CM7060R501R-10
Description  Common mode filter for large current up to 9A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

CM7060R501R-10 Datasheet(HTML) 2 Page - Laird Tech Smart Technology

  CM7060R501R-10 Datasheet HTML 1Page - Laird Tech Smart Technology CM7060R501R-10 Datasheet HTML 2Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Wire-Wound SMD
Power Common Mode Chokes
CM7060 Series
USA: +1.423.308.1690
Europe: +42.0.4885.7511.1
Asia: +86.757.2563.8860
www.lairdtech.com
MCP-DS-POWER CMC 1015
Any information furnished by Laird Technologies, Inc. and its agents is believed to be accurate and reliable. All specifications are subject to change without notice. Responsibility for the use and
application of Laird Technologies materials rests with the end user. Laird Technologies makes no warranties as to the fitness, merchantability, suitability or non- infringement of any Laird Technologies
materials or products for any specific or general uses. Laird Technologies shall not be liable for incidental or consequential damages of any kind. All Laird Technologies products are sold pursuant to the
Laird Technologies’ Terms and Conditions of sale in effect from time to time, a copy of which will be furnished upon request. © Copyright 2015 Laird Technologies, Inc. All Rights Reserved. Laird, Laird
Technologies, the Laird Technologies Logo, and other marks are trademarks or registered trademarks of Laird Technologies, Inc. or an affiliate company thereof. Other product or service names may be
the property of third parties. Nothing herein provides a license under any Laird Technologies or any third party intellectual property rights. Version A01
TYPICAL CHARACTERISTICS
1
10
100
1000
10000
1
10
100
1000
Frequency (MHz)
CM7060M132R-10
Common mode
Differential mode
1
10
100
1000
10000
1
10
100
1000
Frequency (MHz)
CM7060N102R-10
Common mode
Differential
mode
1
10
100
1000
10000
1
10
100
1000
Frequency (MHz)
CM7060P701R-10
Differential mode
Common mode
1
10
100
1000
10000
1
10
100
1000
Frequency (MHz)
CM7060R301R-10
Common mode
Differential mode
1
10
100
1000
1
10
100
1000
Frequency (MHz)
CM7060R501R-10
Differential mode
Common mode
1
10
100
1000
1
10
100
1000
Frequency (MHz)
CM7060W101R-10
Differential mode
Common mode


Similar Part No. - CM7060R501R-10

ManufacturerPart #DatasheetDescription
logo
FENGJUI TECHNOLOGY CO.,...
CM7060F FENGJUI-CM7060F Datasheet
254Kb / 3P
   EMI SOLOTION PRODUCTS-RoHS
CM7060F-102 FENGJUI-CM7060F-102 Datasheet
254Kb / 3P
   EMI SOLOTION PRODUCTS-RoHS
CM7060F-132 FENGJUI-CM7060F-132 Datasheet
254Kb / 3P
   EMI SOLOTION PRODUCTS-RoHS
CM7060F-301 FENGJUI-CM7060F-301 Datasheet
254Kb / 3P
   EMI SOLOTION PRODUCTS-RoHS
CM7060F-701 FENGJUI-CM7060F-701 Datasheet
254Kb / 3P
   EMI SOLOTION PRODUCTS-RoHS
More results

Similar Description - CM7060R501R-10

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
CM8663 LSTD-CM8663 Datasheet
512Kb / 2P
   Common mode choke for high current up to
logo
Murata Manufacturing Co...
DLW5BSN191SQ2L MURATA-DLW5BSN191SQ2L Datasheet
73Kb / 2P
   Common Mode Choke Coil Wire Wound Type for Large Current
logo
Allied Components Inter...
PCMF1211S ALLIED-PCMF1211S Datasheet
2Mb / 3P
   SMD High Current Common Mode Filter
PCMF7060S ALLIED-PCMF7060S Datasheet
1Mb / 2P
   SMD High Current Common Mode Filter
PCMF9070S ALLIED-PCMF9070S Datasheet
1Mb / 2P
   SMD High Current Common Mode Filter
logo
Murata Manufacturing Co...
PLT10HH401100PN MURATA1-PLT10HH401100PN_V01 Datasheet
399Kb / 4P
   Meets large current up to 18A max. suitable for power lines
Last updated07/27/2022
PLT10HH501100PN MURATA1-PLT10HH501100PN_V01 Datasheet
399Kb / 4P
   Meets large current up to 18A max. suitable for power lines.
Last updated07/27/2022
PLT10HH1026R0PN MURATA1-PLT10HH1026R0PN_V01 Datasheet
399Kb / 4P
   Meets large current up to 18A max. suitable for power lines
Last updated07/27/2022
PLT10HN401100P0 MURATA1-PLT10HN401100P0 Datasheet
676Kb / 3P
   Meets large current up to 18A max. suitable for power lines.
Last updated07/27/2022
PLT10HH450180PN MURATA1-PLT10HH450180PN_V01 Datasheet
398Kb / 4P
   Meets large current up to 18A max. suitable for power lines.
Last updated07/27/2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com