Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T598V107M016ATE025 Datasheet(PDF) 11 Page - Kemet Corporation

Part # T598V107M016ATE025
Description  T591/T598 High Humidity/High Temperature Automotive Grade Polymer Electrolytic, 2.5 - 50 VDC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T598V107M016ATE025 Datasheet(HTML) 11 Page - Kemet Corporation

Back Button T598V107M016ATE025 Datasheet HTML 7Page - Kemet Corporation T598V107M016ATE025 Datasheet HTML 8Page - Kemet Corporation T598V107M016ATE025 Datasheet HTML 9Page - Kemet Corporation T598V107M016ATE025 Datasheet HTML 10Page - Kemet Corporation T598V107M016ATE025 Datasheet HTML 11Page - Kemet Corporation T598V107M016ATE025 Datasheet HTML 12Page - Kemet Corporation T598V107M016ATE025 Datasheet HTML 13Page - Kemet Corporation T598V107M016ATE025 Datasheet HTML 14Page - Kemet Corporation T598V107M016ATE025 Datasheet HTML 15Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
T2073_T591_T598 • 9/16/2016 11
11
KEMET Organic Capacitor (KO-CAP®) – Automotive Grade
T591/T598 High Humidity/High Temperature Automotive Grade Polymer Electrolytic, 2.5 – 50 VDC
Soldering Process
KEMET’sfamiliesofsurfacemountcapacitorsare
compatiblewithwave(singleordual),convection,IR,
orvaporphasereflowtechniques.Preheatingofthese
componentsisrecommendedtoavoidextremethermal
stress.KEMET'srecommendedprofileconditionsfor
convectionandIRreflowreflecttheprofileconditionsofthe
IPC/J–STD–020Dstandardformoisturesensitivitytesting.
Thedevicescansafelywithstandamaximumofthreereflow
passesattheseconditions.
PleasenotethatalthoughtheX/7343–43casesizecan
withstandwavesoldering,thetallprofile(4.3mmmaximum)
dictatescareinwaveprocessdevelopment.
Handsolderingshouldbeperformedwithcareduetothe
difficultyinprocesscontrol.Ifperformed,careshouldbe
takentoavoidcontactofthesolderingirontothemolded
case.Theironshouldbeusedtoheatthesolderpad,
applyingsolderbetweenthepadandthetermination,until
reflowoccurs.Oncereflowoccurs,theironshouldbe
removedimmediately.“Wiping”theedgesofachipand
heatingthetopsurfaceisnotrecommended.
Profile Feature
SnPb Assembly Pb-Free Assembly
Preheat/Soak
Temperature Minimum (T
Smin)
100°C
150°C
Temperature Maximum (T
Smax)
150°C
200°C
Time (t
s)fromTsmin to Tsmax)
60–120seconds
60–120seconds
Ramp-up Rate (T
L to TP)
3°C/secondsmaximum 3°C/secondsmaximum
LiquidousTemperature(T
L)
183°C
217°C
TimeAboveLiquidous(t
L)
60–150seconds
60–150seconds
Peak Temperature (T
P)
220°C*
235°C**
250°C*
260°C**
Timewithin5°CofMaximum
Peak Temperature (t
P)
20secondsmaximum
30secondsmaximum
Ramp-downRate(T
P to TL)
6°C/secondsmaximum 6°C/secondsmaximum
Time25°CtoPeak
Temperature
6 minutes maximum
8 minutes maximum
Note: All temperatures refer to the center of the package, measured on the
package body surface that is facing up during assembly reflow.
*Case Size D, E, P, Y, and X
**Case Size A, B, C, H, I, K, M, R, S, T, U, V, W, and Z
Storage
AllKO-CapSeriesareshippedinmoisturebarrierbags(MBBs)withdesiccantand humidityindicatorcard(HIC).
Thesepartsareclassified asMSL3(MoistureSensitivityLevel3)perIPC/JEDECJ-STD-020andpackagedper
IPC/JEDECJ–STD–033
MSL3specifiesafloortimeof168Hat30ºCmaximumtemperature and60%relativehumidity
UnusedcapacitorsshouldbesealedinaMBBwithfreshdesiccant.
Calculatedshelflifeinsealedbag:
–12monthsfrombagsealdateinastorageenvironmentof<40ºCandhumidity<90%RH
–24monthsfrombagsealdateinastorageenvironmentof<30ºCandhumidity<70%RH 
Ifbakingisrequired,refertoIPC/JEDECJ–STD–033forbakeprocedure
Time
T
smin
25
T
smax
T
L
T
P
Maximum Ramp Up Rate = 3ºC/sec
Maximum Ramp Down Rate = 6ºC/sec
t
P
t
L
t
s
25ºC to Peak


Similar Part No. - T598V107M016ATE025

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T598V107M016ATE025 KEMET-T598V107M016ATE025 Datasheet
1Mb / 19P
   T591/T598 High Humidity/High Temperature Automotive Grade Polymer Electrolytic, 2.5 - 50 VDC
More results

Similar Description - T598V107M016ATE025

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T59XD107M010ATE025 KEMET-T59XD107M010ATE025_17 Datasheet
1Mb / 19P
   T591/T598 High Humidity/High Temperature Automotive Grade Polymer Electrolytic, 2.5 - 50 VDC
T530X337M010ATE005 KEMET-T530X337M010ATE005 Datasheet
1Mb / 17P
   T530 High Capacitance Low ESR Polymer Electrolytic 125째C, 2.5 ??16 VDC
T540D107M10AH6510 KEMET-T540D107M10AH6510 Datasheet
1Mb / 19P
   T540 COTS Polymer Electrolytic for High Reliability Applications, 2.5 ??63 VDC
T541D157M10AH6510 KEMET-T541D157M10AH6510 Datasheet
1Mb / 23P
   T540/T541 COTS Polymer Electrolytic for High Reliability Applications, 2.5 - 63 VDC
logo
TDK Electronics
CGA2B2NP01H181J050BA TDK-CGA2B2NP01H181J050BA Datasheet
131Kb / 1P
   Automotive Grade ( High Temperature Application )
CGA2B2NP01H271J050BA TDK-CGA2B2NP01H271J050BA Datasheet
131Kb / 1P
   Automotive Grade ( High Temperature Application )
CGA4J2X8R1E224K125AA TDK-CGA4J2X8R1E224K125AA Datasheet
139Kb / 1P
   Automotive Grade ( High Temperature Application )
CGA4J2X8R1H104K125AA TDK-CGA4J2X8R1H104K125AA Datasheet
139Kb / 1P
   Automotive Grade ( High Temperature Application )
CGA5H2NP01H473J115AA TDK-CGA5H2NP01H473J115AA Datasheet
131Kb / 1P
   Automotive Grade ( High Temperature Application )
CGA6N3NP02E333J230AA TDK-CGA6N3NP02E333J230AA Datasheet
238Kb / 1P
   Automotive Grade ( High Temperature Application ) )
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com