Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T140B105K020AS0100 Datasheet(PDF) 10 Page - Kemet Corporation

Part # T140B105K020AS0100
Description  T140 Series Axial MIL?밣RF??9003 Polar Type and T242 (CSR23 Style)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T140B105K020AS0100 Datasheet(HTML) 10 Page - Kemet Corporation

Back Button T140B105K020AS0100 Datasheet HTML 6Page - Kemet Corporation T140B105K020AS0100 Datasheet HTML 7Page - Kemet Corporation T140B105K020AS0100 Datasheet HTML 8Page - Kemet Corporation T140B105K020AS0100 Datasheet HTML 9Page - Kemet Corporation T140B105K020AS0100 Datasheet HTML 10Page - Kemet Corporation T140B105K020AS0100 Datasheet HTML 11Page - Kemet Corporation T140B105K020AS0100 Datasheet HTML 12Page - Kemet Corporation T140B105K020AS0100 Datasheet HTML 13Page - Kemet Corporation T140B105K020AS0100 Datasheet HTML 14Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
T2034_T140_AXIAL_T242 • 6/27/2016 10
10
Tantalum Through-Hole Capacitors – Hermetically Sealed
T140 Series Axial MIL–PRF–39003 Polar Type and T242 (CSR23 Style)
Capacitor Marking
+K 10%
5R6 µF
10 V
1330
Capacitance Tolerance
Rated Capacitance
(“R” Indicates Decimal)
T140
KEMET ID
Polarity Mark
4 Digit Date Code
Rated Voltage
(VDC)
39003
03 - K J
6003
330 +
AAAA
T242 – A Case
Military Specification Number
Specification
Sheet Number
K = KEMET
and J = JAN
Military Dash
Number
3 Digit
Date Code
Polarity Mark
Lot Symbol
M39003
03
6003J
31433
330 AAAA +
T242 – B Case
Specification
Sheet Number
Military Dash
Number
Source Code
Polarity Mark
Lot Symbol
3 Digit Date Code
Military Specification Number
M39003 J
03 - 8020
330µF +
10% 6V
31433
330 AAAA K
T242 – C and D Case
Specification
Sheet Number,
Military Dash
Number
Source Code
K = KEMET
Lot Symbol
3 Digit Date Code
Military Specification Number
and J = JAN
Capacitance
Tolerance
and Voltage
Capacitance
Value and
Polarity
Date Code
3 Digit
4 Digit
Year
5 = 2015
6 = 2016
7 = 2017
8 = 2018
9 = 2019
15 = 2015
16 = 2016
17 = 2017
18 = 2018
19 = 2019
Week
01 = 1stweekoftheyearto
52 = 52ndweekoftheyear


Similar Part No. - T140B105K020AS0100

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T140B105K050ASC KEMET-T140B105K050ASC Datasheet
590Kb / 84P
   TANTALUM HERMETICALLY SEALED / AXIAL
T140B105K050BSC KEMET-T140B105K050BSC Datasheet
590Kb / 84P
   TANTALUM HERMETICALLY SEALED / AXIAL
T140B105K050CSC KEMET-T140B105K050CSC Datasheet
590Kb / 84P
   TANTALUM HERMETICALLY SEALED / AXIAL
T140B105K050DSC KEMET-T140B105K050DSC Datasheet
590Kb / 84P
   TANTALUM HERMETICALLY SEALED / AXIAL
T140B105K050MSC KEMET-T140B105K050MSC Datasheet
590Kb / 84P
   TANTALUM HERMETICALLY SEALED / AXIAL
More results

Similar Description - T140B105K020AS0100

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T110 KEMET-T110 Datasheet
809Kb / 26P
   Series Axial MIL?밣RF??9003 Polar Type and T212 (CSR13 Style)
T110A105K050AT7200 KEMET-T110A105K050AT7200 Datasheet
1Mb / 26P
   T110 Series Axial MIL-PRF-39003 Polar Type and T212 (CSR13 Style)
T32XA474M035AT KEMET-T32XA474M035AT Datasheet
576Kb / 15P
   T322 and T323 Series MIL?밣RF??9137/1 and 5 (CX01 and CX05 Style)
logo
Vishay Siliconix
EKSU VISHAY-EKSU Datasheet
101Kb / 6P
   Aluminum Capacitors Radial Style Non-Polar
Revision: 24-Jun-08
logo
RFE international
TN331M0JTR080160 RFE-TN331M0JTR080160 Datasheet
86Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITOR TN Series: Axial Non-Polar
logo
Amphenol Corporation
MS3102A20-15P AMPHENOL-MS3102A20-15P Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015 Type Standard
logo
RFE international
TB330M1HTR160380 RFE-TB330M1HTR160380 Datasheet
76Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITORS TB/TBL Series: Axial, Bi-Polar
logo
Amphenol Corporation
MS3102A14S-7S AMPHENOL-MS3102A14S-7S Datasheet
1Mb / 54P
   MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
12-020 AMPHENOL-12-020 Datasheet
2Mb / 73P
   MIL-DTL-5015 and Mil-5015 Type Standard Cylindrical Connectors
logo
Vishay Siliconix
EBUEBT VISHAY-EBUEBT Datasheet
97Kb / 7P
   Aluminum Capacitors Axial Non-Polar Capacitor Styles
Revision: 11-Jun-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com