Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX30205MTA+ Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX30205MTA+
Description  Human Body Temperature Sensor
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX30205MTA+ Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX30205MTA+ Datasheet HTML 1Page - Maxim Integrated Products MAX30205MTA+ Datasheet HTML 2Page - Maxim Integrated Products MAX30205MTA+ Datasheet HTML 3Page - Maxim Integrated Products MAX30205MTA+ Datasheet HTML 4Page - Maxim Integrated Products MAX30205MTA+ Datasheet HTML 5Page - Maxim Integrated Products MAX30205MTA+ Datasheet HTML 6Page - Maxim Integrated Products MAX30205MTA+ Datasheet HTML 7Page - Maxim Integrated Products MAX30205MTA+ Datasheet HTML 8Page - Maxim Integrated Products MAX30205MTA+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Ordering Information appears at end of data sheet.
General Description
The MAX30205 temperature sensor accurately measures
temperature and provide an overtemperature alarm/
interrupt/shutdown output. This device converts the
temperature measurements to digital form using a high-
resolution, sigma-delta, analog-to-digital converter (ADC).
Accuracy meets clinical thermometry specification of
the ASTM E1112 when soldered on the final PCB.
Communication is through an I2C-compatible, 2-wire
serial interface.
The I2C serial interface accepts standard write byte, read
byte, send byte, and receive byte commands to read the
temperature data and configure the behavior of the open-
drain overtemperature shutdown output.
The MAX30205 features three address select lines with a
total of 32 available addresses. The sensor has a 2.7V to
3.3V supply voltage range, low 600µA supply current, and
a lockup-protected I2C-compatible interface that make it
ideal for wearable fitness and medical applications.
This device is available in an 8-pin TDFN package and
operates over the 0NC to +50NC temperature range.
Applications
● Fitness
● Medical
Benefits and Features
● High Accuracy and Low-Voltage Operation Aids
Designers in Meeting Error and Power Budgets
• 0.1°C Accuracy (37°C to 39°C)
• 16-Bit (0.00390625°C) Temperature Resolution
• 2.7V to 3.3V Supply Voltage Range
● One-Shot and Shutdown Modes Help Reduce Power
Usage
● 600μA (typ) Operating Supply Current
● Digital Functions Make Integration Easier into Any
System
• Selectable Timeout Prevents Bus Lockup
• Separate Open-Drain OS Output Operates as
Interrupt or Comparator/Thermostat Output
19-8505; Rev 0; 3/16
MAX30205
VDD
0.1µF
+2.7V TO +3.3V
4.7kΩ
A0
A1
A2
SDA
TO I2C
MASTER
SCL
OS
GND
Typical Application Circuit
MAX30205
Human Body Temperature Sensor


Similar Part No. - MAX30205MTA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX30205EVKIT MAXIM-MAX30205EVKIT Datasheet
799Kb / 6P
   MAX30205 Human Body Temperature Sensor Evaluation Kit
Rev 0; 9/16
More results

Similar Description - MAX30205MTA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX30205EVKIT MAXIM-MAX30205EVKIT Datasheet
799Kb / 6P
   MAX30205 Human Body Temperature Sensor Evaluation Kit
Rev 0; 9/16
logo
Rohm
BD9251FV ROHM-BD9251FV_11 Datasheet
272Kb / 9P
   IC for Human Body Detector Amplifier for Pyroelectric Infrared Sensor
logo
Advantech Co., Ltd.
USC-130 ADVANTECH-USC-130_V01 Datasheet
736Kb / 2P
   One by one human detection sensor
22-Mar-2021
logo
Panasonic Semiconductor
EKMC1601112 PANASONIC-EKMC1601112 Datasheet
763Kb / 8P
   High-sensitive human detection sensor with built-in amp.
logo
Murata Manufacturing Co...
MA40H1S-R MURATA-MA40H1S-R Datasheet
174Kb / 2P
   Human detection
logo
Panasonic Semiconductor
AMN24112 PANASONIC-AMN24112 Datasheet
449Kb / 8P
   Passive infrared human detection sensor with built-in amp.
AMN32112 PANASONIC-AMN32112 Datasheet
449Kb / 8P
   Passive infrared human detection sensor with built-in amp.
logo
Maxim Integrated Produc...
MAX2670 MAXIM-MAX2670 Datasheet
2Mb / 9P
   GPS/GNSS Front-End Amplifier ESD Protected to 짹2kV Human Body Model
Rev 0; 6/11
logo
Silicon Laboratories
AN249 SILABS-AN249 Datasheet
434Kb / 42P
   HUMAN INTERFACE DEVICE TUTORIAL
logo
Delta Electronics, Inc.
DOP-AE57CSTD DELTA-DOP-AE57CSTD Datasheet
5Mb / 12P
   Human Machine Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com