Electronic Components Datasheet Search |
|
MAX30205MTA+ Datasheet(PDF) 2 Page - Maxim Integrated Products |
|
MAX30205MTA+ Datasheet(HTML) 2 Page - Maxim Integrated Products |
2 / 15 page TDFN Junction-to-Ambient Thermal Resistance (θJA) ..........41°C/W Junction-to-Case Thermal Resistance (θJC).................8°C/W Note 1: Human Body Model, 100pF discharged through a 1.5kI resistor. (All voltages relative to GND.) Voltage Range on VDD, SDA, SCL, A0, A1 ............-0.3V to +4V Voltage Range on A2, OS ........................ -0.3V to (VDD + 0.3V) Input Current at Any Pin ....................................................+5mA Package Input Current ....................................................+20mA Continuous Power Dissipation (TA = +70°C) TDFN (derate 24.4mW/NC above +70°C)...............1951.2mW ESD Protection (All Pins, Human Body Model) (Note 1) ... ±4000V Operating Temperature Range...............................0NC to +50°C Junction Temperature........................................................+50°C Storage Temperature Range.............................. -10NC to +50°C Lead Temperature (soldering, 10s) .................................+300°C Soldering Temperature (reflow) ......................................+260°C (TA = 0°C to +50°C, unless otherwise noted.) (Notes 3, 4) (VDD = 2.7V to 3.3V, TA = 0°C to +50°C, unless otherwise noted. Typical values are VDD = 3.0V, TA = +25NC.) (Note 3) PARAMETER SYMBOL CONDITIONS MIN TYP MAX UNITS Operating Supply Voltage VDD 2.7 3.0 3.3 V Input High Voltage VIH VDD x 0.7 V Input Low Voltage VIL VDD x 0.3 V PARAMETER SYMBOL CONDITIONS MIN TYP MAX UNITS Thermometer Error (Note 5) TERR 0°C to +15°C -0.5 +0.5 °C +15°C to +35.8°C -0.3 +0.3 +35.8°C to +37°C -0.2 +0.2 +37°C to +39°C -0.1 +0.1 +39°C to +41°C -0.2 +0.2 +41°C to +45°C -0.3 +0.3 +45°C to +50°C -0.5 +0.5 ADC Repeatability Trepeat 1 Sigma 0.009 °C Temperature Data Resolution 16 Bits Conversion Time 44 50 ms First Conversion Completed Data ready after POR 50 ms Package Thermal Characteristics (Note 2) Absolute Maximum Ratings Note 2: Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a four-layer board. For detailed information on package thermal considerations, refer to www.maximintegrated.com/thermal-tutorial. Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. Recommended Operating Conditions Electrical Characteristics www.maximintegrated.com Maxim Integrated │ 2 MAX30205 Human Body Temperature Sensor |
Similar Part No. - MAX30205MTA+ |
|
Similar Description - MAX30205MTA+ |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |