Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR20153S Datasheet(PDF) 3 Page - International Rectifier

Part # IR20153S
Description  HIGH SIDE DRIVER WITH RECHARGE
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR20153S Datasheet(HTML) 3 Page - International Rectifier

  IR20153S Datasheet HTML 1Page - International Rectifier IR20153S Datasheet HTML 2Page - International Rectifier IR20153S Datasheet HTML 3Page - International Rectifier IR20153S Datasheet HTML 4Page - International Rectifier IR20153S Datasheet HTML 5Page - International Rectifier IR20153S Datasheet HTML 6Page - International Rectifier IR20153S Datasheet HTML 7Page - International Rectifier IR20153S Datasheet HTML 8Page - International Rectifier IR20153S Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
www.irf.com
3
IR20153S & (PbF)
Electrical Characteristics
Unless otherwise specified, VCC = 5V, VBS = 7V, VS = 0V, IN = 0V, RES = 5V, load R = 50, C = 6.8nF (see Figure 3).
Unless otherwise noted, these specifications apply for an operating ambient temperature of TA =25°C.
Symbol
Definition
Min.
Typ. Max. Units Test Conditions
VCCUV+
VCC supply undervoltage positive going threshold
——
4.3
VCC rising from 0V
VCCUV-
VCC supply undervoltage negative going threshold
2.5
VCC dropping
from 5V
VCCUVHYS
VCC supply undervoltage lockout hysteresis
0.01
0.3
0.60
IQCC
VCC supply current
——
400
uA
VCC = 3.6V & 6.5V
VBSUV+VBS supply undervoltage positive going threshold
——
4.3
V
VBS rising from 0V
VBSUV-VBS supply undervoltage negative going threshold
2.5
——
VBS dropping
from 5V
VBSUVHYS
VBS supply undervoltage lockout hysteresis
0.01
0.3
0.60
IQBS1
VBS supply current
——
100
µA
static mode, VBS =
7V, IN = 0V or 5V
IQBS2
VBS supply current
——
200
µA
static mode, VBS =
16V, IN = 0V or 5V
ILK
Offset supply leakage current
——
50
µAVB = VS = 150V
Io+1
Peak output source current
250
400
mA
Io+2
Peak output source current
800
1500
mA
VBS = 16V
tr1
Output rise time
0.2
0.4
µsec
tr2
Output rise time
0.1
0.2
µsec
VBS = 16V
Io-1
Peak output sink current
250
400
mA
IN = 5V
Io-2
Peak output sink current
800
1500
mA
VBS = 16V, IN = 5V
tf1
Output fall time
0.2
0.4
µsec
IN = 5V
tf2
Output fall time
0.1
0.2
µsec VBS = 16V, IN = 5V
ton
Input-to-Output Turn-on propogation delay
1.0
2.0
µsec
(50% input level to 10% output level)
toff
Input-to-Output Turn-off propogation delay
0.3
0.9
µsec
(50% input level to 90% output level)
tres,off
RES-to-Output Turn-off propogation delay
0.3
0.9
µsec
(50% input level to 90% [tphl] output levels)
V
VBS Supply Characteristics
VB. VS Supply Characteristics
Gate Driver Characteristics
VCC Supply Characteristics


Similar Part No. - IR20153S

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
IR201 EXTECH-IR201 Datasheet
181Kb / 1P
   Pocket InfraRed Thermometer
logo
International Rectifier
IR2010 IRF-IR2010 Datasheet
227Kb / 16P
   HIGH AND LOW SIDE DRIVER
IR2010PBF IRF-IR2010PBF Datasheet
337Kb / 17P
   HIGH AND LOW SIDE DRIVER
IR2010PBF IRF-IR2010PBF Datasheet
2Mb / 20P
   Floating channel designed for bootstrap operation
logo
Infineon Technologies A...
IR2010PBF INFINEON-IR2010PBF Datasheet
2Mb / 20P
   High and Low Side Driver
April 14, 2015
More results

Similar Description - IR20153S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7085CMX-F085 FAIRCHILD-FAN7085CMX-F085 Datasheet
275Kb / 14P
   High Side Gate Driver with Recharge FET
logo
International Rectifier
AUIRS2016S IRF-AUIRS2016S Datasheet
325Kb / 23P
   High Side Driver with Internal Vs Recharge
logo
Fairchild Semiconductor
FAN7085 FAIRCHILD-FAN7085_1 Datasheet
269Kb / 14P
   High Side Gate Driver with Recharge FET
FAN7085 FAIRCHILD-FAN7085_12 Datasheet
407Kb / 14P
   High Side Gate Driver with Recharge FET
FAN7085 FAIRCHILD-FAN7085 Datasheet
274Kb / 14P
   High Side Gate Driver with Recharge FET
logo
ON Semiconductor
FAN7085-GF085 ONSEMI-FAN7085-GF085 Datasheet
430Kb / 13P
   High Side Gate Driver with Recharge FET
September-2017,Rev.2
logo
Fairchild Semiconductor
FAN7085M_GF085 FAIRCHILD-FAN7085M_GF085 Datasheet
407Kb / 14P
   FAN7085_GF085 High Side Gate Driver with Recharge FET
logo
International Rectifier
AUIRS20161S IRF-AUIRS20161S Datasheet
316Kb / 25P
   One high side output and internal low side Vs recharge.
logo
Toshiba Semiconductor
TA8061H TOSHIBA-TA8061H Datasheet
166Kb / 5P
   DUAL HIGH SIDE DRIVER WITH DIAGNOSIS
logo
Fairchild Semiconductor
FAN7083 FAIRCHILD-FAN7083 Datasheet
321Kb / 19P
   High Side Gate Driver with Reset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com