Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR21834PBF Datasheet(PDF) 2 Page - International Rectifier

Part # IR21834PBF
Description  HALF-BRIDGE DRIVER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR21834PBF Datasheet(HTML) 2 Page - International Rectifier

  IR21834PBF Datasheet HTML 1Page - International Rectifier IR21834PBF Datasheet HTML 2Page - International Rectifier IR21834PBF Datasheet HTML 3Page - International Rectifier IR21834PBF Datasheet HTML 4Page - International Rectifier IR21834PBF Datasheet HTML 5Page - International Rectifier IR21834PBF Datasheet HTML 6Page - International Rectifier IR21834PBF Datasheet HTML 7Page - International Rectifier IR21834PBF Datasheet HTML 8Page - International Rectifier IR21834PBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
IR2183(4)(S)&(PbF)
2
www.irf.com
Symbol
Definition
Min.
Max.
Units
VB
High side floating absolute voltage
-0.3
625
VS
High side floating supply offset voltage
VB - 25
VB + 0.3
VHO
High side floating output voltage
VS - 0.3
VB + 0.3
VCC
Low side and logic fixed supply voltage
-0.3
25
VLO
Low side output voltage
-0.3
VCC + 0.3
DT
Programmable dead-time pin voltage (IR21834 only)
VSS - 0.3
VCC + 0.3
VIN
Logic input voltage (HIN & LIN)VSS - 0.3
VSS + 10
VSS
Logic ground (IR21834 only)
VCC - 25
VCC + 0.3
dVS/dt
Allowable offset supply voltage transient
50
V/ns
PD
Package power dissipation @ TA ≤ +25°C
(8-lead PDIP)
1.0
(8-lead SOIC)
0.625
(14-lead PDIP)
1.6
(14-lead SOIC)
1.0
RthJA
Thermal resistance, junction to ambient
(8-lead PDIP)
125
(8-lead SOIC)
200
(14-lead PDIP)
75
(14-lead SOIC)
120
TJ
Junction temperature
150
TS
Storage temperature
-50
150
TL
Lead temperature (soldering, 10 seconds)
300
V
°C
°C/W
W
Absolute Maximum Ratings
Absolute maximum ratings indicate sustained limits beyond which damage to the device may occur. All voltage param-
eters are absolute voltages referenced to COM. The thermal resistance and power dissipation ratings are measured
under board mounted and still air conditions.
Recommended Operating Conditions
The Input/Output logic timing diagram is shown in figure 1. For proper operation the device should be used within the
recommended conditions. The VS and VSS offset rating are tested with all supplies biased at 15V differential.
Note 1: Logic operational for VS of -5 to +600V. Logic state held for VS of -5V to -VBS. (Please refer to the Design Tip
DT97-3 for more details).
Note 2: HIN and LIN pins are internally clamped with a 5.2V zener diode.
VB
High side floating supply absolute voltage
VS + 10
VS + 20
VS
High side floating supply offset voltage
Note 1
600
VHO
High side floating output voltage
VS
VB
VCC
Low side and logic fixed supply voltage
10
20
VLO
Low side output voltage
0
VCC
VIN
Logic input voltage (HIN & LIN)VSS
VSS + 5
DT
Programmable dead-time pin voltage (IR21834 only)
VSS
VCC
VSS
Logic ground (IR21834 only)
-5
5
TA
Ambient temperature
-40
125
°C
V
Symbol
Definition
Min.
Max.
Units


Similar Part No. - IR21834PBF

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IR21834 INFINEON-IR21834 Datasheet
361Kb / 22P
   HALF-BRIDGE DRIVER
Data Sheet No. PD60173 rev.H
IR21834S INFINEON-IR21834S Datasheet
361Kb / 22P
   HALF-BRIDGE DRIVER
Data Sheet No. PD60173 rev.H
logo
International Rectifier
IR21834STR IRF-IR21834STR Datasheet
288Kb / 22P
   HALF-BRIDGE DRIVER
More results

Similar Description - IR21834PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2308 IRF-IRS2308 Datasheet
387Kb / 21P
   HALF-BRIDGE DRIVER
IRS2609DSPBF IRF-IRS2609DSPBF_11 Datasheet
831Kb / 25P
   HALF-BRIDGE DRIVER
IR2304 IRF-IR2304 Datasheet
211Kb / 8P
   HALF-BRIDGE DRIVER
IR2184STRPBF IRF-IR2184STRPBF Datasheet
294Kb / 24P
   HALF-BRIDGE DRIVER
IR25601SPBF IRF-IR25601SPBF Datasheet
520Kb / 11P
   Half-Bridge Driver
IR25602SPBF IRF-IR25602SPBF Datasheet
1Mb / 18P
   Half-Bridge Driver
IRS2104PBF IRF-IRS2104PBF Datasheet
665Kb / 15P
   HALF-BRIDGE DRIVER
IRS2608DSPBF IRF-IRS2608DSPBF Datasheet
1Mb / 23P
   HALF-BRIDGE DRIVER
IRS2608DSPBF IRF-IRS2608DSPBF_1 Datasheet
820Kb / 26P
   HALF-BRIDGE DRIVER
IRS21091PBF IRF-IRS21091PBF Datasheet
758Kb / 20P
   HALF-BRIDGE DRIVER
logo
HUAYI MICROELECTRONICS ...
HYD25050 HUAYI-HYD25050 Datasheet
1Mb / 9P
   Half-Bridge Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com