Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX77301EVKIT Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX77301EVKIT
Description  Enables Charging from a Micro-B USB Connector
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX77301EVKIT Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX77301EVKIT Datasheet HTML 7Page - Maxim Integrated Products MAX77301EVKIT Datasheet HTML 8Page - Maxim Integrated Products MAX77301EVKIT Datasheet HTML 9Page - Maxim Integrated Products MAX77301EVKIT Datasheet HTML 10Page - Maxim Integrated Products MAX77301EVKIT Datasheet HTML 11Page - Maxim Integrated Products MAX77301EVKIT Datasheet HTML 12Page - Maxim Integrated Products MAX77301EVKIT Datasheet HTML 13Page - Maxim Integrated Products MAX77301EVKIT Datasheet HTML 14Page - Maxim Integrated Products MAX77301EVKIT Datasheet HTML 15Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Maxim Integrated │ 11
www.maximintegrated.com
Evaluates: MAX77301
MAX77301 Evaluation Kit
Note: Indicate that you are using the MAX77301 when contact-
ing these component suppliers.
#Denotes RoHS compliant.
DESIGNATION
QTY
DESCRIPTION
C1, C3
2
10µF ±10%, 16V X5R ceramic
capacitors (0805)
TDK C2012X5R1C106KB
Taiyo Yuden EMK212BJ106KG-T
C2, C4–C6, C8
0
Not installed, capacitors
C7
1
22µF ±10%, 6.3V X5R ceramic
capacitor (0805)
TDK C2012X5R0J226K
C9
1
1µF ±10%, 6.3V X5R ceramic
capacitor (0402)
TDK C1005X5R0J105K
D1–D5
5
Red LEDs
OSRAM LS L296-P2Q2-1-Z
D6
1
5.6V zener diode
Micro Commercial Components
MMXZ5232B-TP
J1
1
20-pin (2 x 10) right-angle
receptacle
Samtec SSW-110-02-S-D-RA
JU1–JU3, JU5
0
Not installed, 2-pin jumpers
JU1, JU2, and JU5 are short
(PCB trace); JU3 is open
JU4
1
4-pin header
Digi-Key S1012E-36-ND
JU6–JU9
4
3-pin headers
Digi-Key S1012E-36-ND
DESIGNATION
QTY
DESCRIPTION
JU10
1
2-pin header
Digi-Key S1012E-36-ND
P1
1
Micro-B USB receptacle
Hirose H11635CT-ND
or ZX62-AB-5PA(11)
R1, R2
2
33.2Ω ±1% resistors (0402)
R3–R5, R11,
R12
5
270Ω ±5% resistors (0402)
R6, R7
0
Not installed, resistors
R8
1
100kΩ NTC thermistor (β = 4250)
Murata NCP15WF104F03RC
R9, R10
2
2.21kΩ ±1% resistors (0402)
R13–R16, R19
5
10kΩ ±1% resistors (0402)
R17
1
47kΩ ±1% resistor (0402)
R18
1
1kΩ ±1% resistor (0402)
U1
1
Dual-path Li+ charger with USB
enumeration (25 WLP)
Maxim MAX77301EWA+T
Y1
1
12MHz ±2500ppm crystal
Murata CSTCE12M0G15L
1
USB A-to-Micro-B cable, 3ft (1m)
Hirose ZX64-B-5S-1000-STDA
Digi-Key H11609-ND or
WM17145-ND
Molex 68784-0001
1
PCB: MAX77301EVKIT#
SUPPLIER
PHONE
WEB
Hirose Electric USA,
Inc.
805-522-7958 www.hiroseusa.com
Micro Commercial
Components Corp.
818-701-4933 www.mccsemi.com
Murata Electronics
North America, Inc. 770-436-1300
www.murata-
northamerica.com
OSRAM AG
978-777-1900 www.osram.com
Taiyo Yuden
800-348-2496 www.t-yuden.com
TDK Corp.
847-803-6100 www.component.tdk.com
Vishay
402-563-6866 www.vishay.com
Component List
Component Suppliers
PART
TYPE
MAX77301EVKIT#
EV Kit
Ordering Information


Similar Part No. - MAX77301EVKIT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX77301EWA+T MAXIM-MAX77301EWA+T Datasheet
1Mb / 67P
   JEITA-Compliant, Li Charger with Smart Power Selector, Automatic Detection, and USB Enumeration
2021
More results

Similar Description - MAX77301EVKIT

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
3023031-03M QUALTEK-3023031-03M Datasheet
566Kb / 1P
   MICRO USB 3.0 A B/M - MICRO USB 3.0 B/M
3023007-01M QUALTEK-3023007-01M Datasheet
567Kb / 1P
   MICRO USB 3.0 A B/M - MICRO USB 3.0 B/M
3023019-02M QUALTEK-3023019-02M Datasheet
566Kb / 1P
   MICRO USB 3.0 A B/M - MICRO USB 3.0 B/M
3023009-01M QUALTEK-3023009-01M Datasheet
557Kb / 1P
   MICRO USB 3.0 A B/M - USB 3.0 B/M
3023021-02M QUALTEK-3023021-02M Datasheet
556Kb / 1P
   MICRO USB 3.0 A B/M - USB 3.0 B/M
3023033-03M QUALTEK-3023033-03M Datasheet
554Kb / 1P
   MICRO USB 3.0 A B/M - USB 3.0 B/M
logo
FCI connector
10104111 FCI-CONNECTOR-10104111 Datasheet
129Kb / 1P
   MICRO USB A/B TYPE RECEPTACLE
logo
Qualtek Electronics Cor...
3025010-03 QUALTEK-3025010-03 Datasheet
361Kb / 1P
   USB 4P(A)/M - MICRO USB 5P(B)/M
3023017-02M QUALTEK-3023017-02M Datasheet
580Kb / 1P
   USB 3.0 A/M - MICRO USB 3.0 B/M
logo
Rosenberger Hochfrequen...
L99-988-800 ROSENBERGER-L99-988-800 Datasheet
782Kb / 2P
   USB 2.0 A MALE TO USB 2.0 MICRO-B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com