Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX77301EVKIT Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX77301EVKIT
Description  Enables Charging from a Micro-B USB Connector
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX77301EVKIT Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX77301EVKIT Datasheet HTML 1Page - Maxim Integrated Products MAX77301EVKIT Datasheet HTML 2Page - Maxim Integrated Products MAX77301EVKIT Datasheet HTML 3Page - Maxim Integrated Products MAX77301EVKIT Datasheet HTML 4Page - Maxim Integrated Products MAX77301EVKIT Datasheet HTML 5Page - Maxim Integrated Products MAX77301EVKIT Datasheet HTML 6Page - Maxim Integrated Products MAX77301EVKIT Datasheet HTML 7Page - Maxim Integrated Products MAX77301EVKIT Datasheet HTML 8Page - Maxim Integrated Products MAX77301EVKIT Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Maxim Integrated │ 4
www.maximintegrated.com
Evaluates: MAX77301
MAX77301 Evaluation Kit
Adapter Detection
When an adapter is present on the USB receptacle (P1),
the IC examines the external device to identify the type of
adapter connected. The possible adapter types are:
● Dedicated charger
● USB charger (host or hub)
● USB 2.0 low power (host or hub)
● USB 2.0 high power (host or hub)
Each of these different devices has different current capa-
bility, as shown in Table 2.
When an adapter is connected, the IC performs a series
of tests to identify the type of device connected. Refer to
the flow charts in the MAX77301 IC data sheet for more
details.
Smart Power Selector
The Smart Power Selector seamlessly distributes power
between the external adapter input (BUS), the battery
(BAT+), and the system load (SYS). The Smart Power
Selector basic functions are:
1) With both an external adapter and battery connected:
a) When the system load requirements are less than
the input-current limit, the battery is charged with
residual power from the input.
b) When the system load requirements exceed the
input-current limit, the battery supplies supplemen-
tal current to the load.
2) With the battery connected and no external power in-
put, the system is powered from the battery.
3) With an external power input connected and no
battery, the system is powered from BUS.
If the junction temperature starts to get too hot (110°C,
typ), the charging rate is reduced. If this is insufficient to
cool down the IC, the input-current limit is then reduced.
SYS Regulation Voltage
The IC always regulates SYS to 140mV (typ) above
BAT+, with a minimum voltage programmable from 3.4V
to 4.5V, regardless of what device is connected. The 3.4V
minimum voltage regulation reduces the ripple on SYS
during peak load conditions where the input-current limit
is tripped.
Figure 1. Smart Power Selector
Table 2. Adapter Types
ADAPTER TYPE
OUTPUT VOLTAGE
OUTPUT CURRENT
Dedicated charger
4.75V to 5.25V at ILOAD < 500mA;
2.0V to 5.25V for ILOAD ≥ 500mA
500mA to 1.8A
Charger
downstream port
4.75V to 5.25V at ILOAD < 500mA;
2.0V to 5.25V for ILOAD ≥ 500mA
500mA to 900mA for low-speed and full-speed operation;
500mA to 1.5A for low-speed and full-speed operation
Apple 500mA
4.75V to 5.25V at ILOAD < 500mA
500mA (max)
Apple 1A
4.75V to 5.25V at ILOAD < 1A
1A (max)
Apple 2A
4.75V to 5.25V at ILOAD < 2A
2A (max)
Sony 500mA
4.75V to 5.25V at ILOAD < 500mA
500mA (max)
Sony 500mA type B
4.75V to 5.25V at ILOAD < 500mA
500mA (max)
USB 2.0 low power
4.25V to 5.25V
100mA (max)
USB 2.0 high power
4.75V to 5.25V
500mA (max)
BUS
BUS_DGND
BAT+
BAT-
CHARGE
CURRENT
Q2 CHARGE
AND SYS LOAD
SWITCH
LOAD
CURRENT
GND
Q1
SYS
SYS_DGND
SYSTEM
LOAD
1-CELL Li+
MAX77301


Similar Part No. - MAX77301EVKIT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX77301EWA+T MAXIM-MAX77301EWA+T Datasheet
1Mb / 67P
   JEITA-Compliant, Li Charger with Smart Power Selector, Automatic Detection, and USB Enumeration
2021
More results

Similar Description - MAX77301EVKIT

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
3023031-03M QUALTEK-3023031-03M Datasheet
566Kb / 1P
   MICRO USB 3.0 A B/M - MICRO USB 3.0 B/M
3023007-01M QUALTEK-3023007-01M Datasheet
567Kb / 1P
   MICRO USB 3.0 A B/M - MICRO USB 3.0 B/M
3023019-02M QUALTEK-3023019-02M Datasheet
566Kb / 1P
   MICRO USB 3.0 A B/M - MICRO USB 3.0 B/M
3023009-01M QUALTEK-3023009-01M Datasheet
557Kb / 1P
   MICRO USB 3.0 A B/M - USB 3.0 B/M
3023021-02M QUALTEK-3023021-02M Datasheet
556Kb / 1P
   MICRO USB 3.0 A B/M - USB 3.0 B/M
3023033-03M QUALTEK-3023033-03M Datasheet
554Kb / 1P
   MICRO USB 3.0 A B/M - USB 3.0 B/M
logo
FCI connector
10104111 FCI-CONNECTOR-10104111 Datasheet
129Kb / 1P
   MICRO USB A/B TYPE RECEPTACLE
logo
Qualtek Electronics Cor...
3025010-03 QUALTEK-3025010-03 Datasheet
361Kb / 1P
   USB 4P(A)/M - MICRO USB 5P(B)/M
3023017-02M QUALTEK-3023017-02M Datasheet
580Kb / 1P
   USB 3.0 A/M - MICRO USB 3.0 B/M
logo
Rosenberger Hochfrequen...
L99-988-800 ROSENBERGER-L99-988-800 Datasheet
782Kb / 2P
   USB 2.0 A MALE TO USB 2.0 MICRO-B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com