Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALM-2412-TR1G Datasheet(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED

Part # ALM-2412-TR1G
Description  GPS LNA-Filter Front-End Module
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ALM-2412-TR1G Datasheet(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED

  ALM-2412-TR1G Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ALM-2412-TR1G Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ALM-2412-TR1G Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ALM-2412-TR1G Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ALM-2412-TR1G Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ALM-2412-TR1G Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ALM-2412-TR1G Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ALM-2412-TR1G Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ALM-2412-TR1G Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
DC Pin Configuration of 4-pin Connector
1
4
3
2
Pins
pointing out
of the page
Pins 1, 4 = GND
Pin 2 = Shutdown (SD)
Pin 3 = Vdd Supply
Circuit Symbol Size
Desciption
L1
0402
Not Used
L2
0402
6.8 nH Inductor (Toko)
L3
0402
5.6 nH Inductor (Toko)
C1
0805
0.1 uF Capacitor (Murata)
C2
0402
10 pF Capacitor (Rohm)
C3
0402
6.8 pF Capacitor (Rohm)
C9
0402
100pF Capacitor (Rohm)
R1
0402
12 Ohms Resistor (Rohm)
R2
0402
10k Ohms Resistor (Rohm)
Z1
0805
Not Used
Figure 1. Demoboard and application circuit components table
41
RF
input
RF
output
2
3
ALM-2412


Similar Part No. - ALM-2412-TR1G

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ALM-2412-TR1G BOARDCOM-ALM-2412-TR1G Datasheet
265Kb / 13P
   GPS LNA-Filter Front-End Module
More results

Similar Description - ALM-2412-TR1G

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ALM-1412 AVAGO-ALM-1412 Datasheet
192Kb / 16P
   GPS LNA-Filter Front-End Module
logo
Broadcom Corporation.
ALM-1612 BOARDCOM-ALM-1612 Datasheet
325Kb / 17P
   GPS LNA-Filter Front-End Module
ALM-1412 BOARDCOM-ALM-1412 Datasheet
192Kb / 16P
   GPS LNA-Filter Front-End Module
logo
AVAGO TECHNOLOGIES LIMI...
ALM-1412-TR1G AVAGO-ALM-1412-TR1G Datasheet
192Kb / 16P
   GPS LNA-Filter Front-End Module
logo
Broadcom Corporation.
ALM-2412 BOARDCOM-ALM-2412 Datasheet
265Kb / 13P
   GPS LNA-Filter Front-End Module
ALM-1712 BOARDCOM-ALM-1712 Datasheet
288Kb / 17P
   GPS Filter-LNA-Filter Front-End Module
ALM-GP001 BOARDCOM-ALM-GP001 Datasheet
743Kb / 19P
   GPS Filter-LNA-Filter Front-End Module
logo
AVAGO TECHNOLOGIES LIMI...
ALM-2712 AVAGO-ALM-2712 Datasheet
339Kb / 19P
   GPS Filter-LNA-Filter Front-End Module
ALM-2712-TR1G AVAGO-ALM-2712-TR1G Datasheet
339Kb / 19P
   GPS Filter-LNA-Filter Front-End Module
ALM-1712-BLKG AVAGO-ALM-1712-BLKG Datasheet
289Kb / 17P
   GPS Filter-LNA-Filter Front-End Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com