Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC33888FB Datasheet(PDF) 1 Page - Motorola, Inc

Part # MC33888FB
Description  Quad High Side and Octal Low Side Switch for Automotive
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC33888FB Datasheet(HTML) 1 Page - Motorola, Inc

  MC33888FB Datasheet HTML 1Page - Motorola, Inc MC33888FB Datasheet HTML 2Page - Motorola, Inc MC33888FB Datasheet HTML 3Page - Motorola, Inc MC33888FB Datasheet HTML 4Page - Motorola, Inc MC33888FB Datasheet HTML 5Page - Motorola, Inc MC33888FB Datasheet HTML 6Page - Motorola, Inc MC33888FB Datasheet HTML 7Page - Motorola, Inc MC33888FB Datasheet HTML 8Page - Motorola, Inc MC33888FB Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
MC33888FB
Advance Information
Quad High Side and Octal Low
Side Switch for Automotive
Simplified Application Schematic
MO188 Jedec Package
SOLID STATE RELAY
FOR AUTOMOTIVE
APPLICATIONS
SEMICONDUCTOR
TECHNICAL DATA
This document contains information on a new product. Specifications and
information herein are subject to change without notice.
© Motorola, Inc., 2001. All rights reserved.
Semiconductor Technical Data
MOTOROLA
Order Number: MC33888FB/D
Rev. 1.6, 06/2001
TM
This QHSOLSS is a single packaged combination of four discrete high-side
FETs and an integrated IC consisting of eight low-side drivers with appropriate
control, protection, and diagnostic features. The high-side drivers are useful for
both internal and external vehicle lighting applications as well as capable of
driving inductive solenoid loads. The low-side drivers are capable of controlling
low current on/off type inductive loads, such as relays and solenoids as well as
LED indicators and small lamps. The device will be useful in body control,
instrumentation, and other high power switching applications and systems.
• Operating Voltage Range from 6V to 27V
• Maximum Breakdown Voltage greater than 41V
• Protected in case of loss of ground, loss of Vbat
• Enhanced -16V Reverse Battery Protection (MOSFETs turned ON)
• Surface Mount Power Package
• Dual 10m
Ω High Side, Dual 40mΩ High Side, Octal 500mΩ Low Side
• Configurable SPI and/Or Direct High Side Control
• SPI Low Side Control with Single Configurable Direct Input
• SPI or Direct Fed Watchdog
• SPI Diagnostics
• Individual Overtemperature Protection with Hysteresis
• Configurable Open Load Detection in Off-State
• Short-Circuit Protection to ground and to Vbat.
• Configurable High Side Current Sense
• Configurable High Side Current limitation
• Under and Over Voltage Protection
• Standby Current less than 80
µA at Vbat<14V and Tj<85°C.
PACKAGE
MO188
64 pins
0.65 pitch
Battery
Vdd (5V)
A/D
Vbat
MC33888FB
A/D
CSNS2-3
IHS0, IHS1,
IHS2, IHS3
WDin
4
M
C
U
8x 0.5
10m
ILS
Vdd
CSNS0-1
RSTB
FLTB
10k
FSI
R
c1
R
c2
SPI
10m
65W
65W
21W 5W 21W 5W
40m
40m
8xRelay or Led
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MC33888FB

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33888FB MOTOROLA-MC33888FB Datasheet
667Kb / 32P
   Quad High-Side and Octal Low-Side Switch for Automotive
logo
Freescale Semiconductor...
MC33888FB FREESCALE-MC33888FB Datasheet
1Mb / 40P
   Quad High-Side and Octal Low-Side Switch for Automotive
logo
Motorola, Inc
MC33888FBR2 MOTOROLA-MC33888FBR2 Datasheet
667Kb / 32P
   Quad High-Side and Octal Low-Side Switch for Automotive
logo
Freescale Semiconductor...
MC33888FBR2 FREESCALE-MC33888FBR2 Datasheet
1Mb / 40P
   Quad High-Side and Octal Low-Side Switch for Automotive
More results

Similar Description - MC33888FB

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
33888 FREESCALE-33888 Datasheet
1Mb / 40P
   Quad High-Side and Octal Low-Side Switch for Automotive
logo
Motorola, Inc
MC33888 MOTOROLA-MC33888 Datasheet
667Kb / 32P
   Quad High-Side and Octal Low-Side Switch for Automotive
logo
STMicroelectronics
L9301 STMICROELECTRONICS-L9301 Datasheet
763Kb / 51P
   Automotive octal low side driver or quad low side plus quad high side driver
April 2016 Rev 6
logo
Motorola, Inc
MC33293A MOTOROLA-MC33293A Datasheet
239Kb / 16P
   QUAD LOW SIDE SWITCH
logo
Infineon Technologies A...
TLE7230R INFINEON-TLE7230R Datasheet
798Kb / 16P
   Smart Octal Low-Side Switch
V1.1 Oct. 2003
TLE6230GP INFINEON-TLE6230GP_09 Datasheet
282Kb / 16P
   Smart Octal Low-Side Switch
V2.3 Nov. 2009 1
TLE6236G INFINEON-TLE6236G Datasheet
526Kb / 15P
   Smart Octal Low-Side Switch
V2.1 26.Aug. 2002
TLE6230GP INFINEON-TLE6230GP Datasheet
746Kb / 16P
   Smart Octal Low-Side Switch?
V2.1 26. Aug. 2002 1
logo
Freescale Semiconductor...
35XS3400 FREESCALE-35XS3400_11 Datasheet
1Mb / 48P
   Quad High Side Switch
10XSC425 FREESCALE-10XSC425 Datasheet
826Kb / 56P
   Quad High Side Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com