Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC9328MX21CVM Datasheet(PDF) 7 Page - Motorola, Inc

Part # MC9328MX21CVM
Description  i.MX family of microprocessors
Download  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC9328MX21CVM Datasheet(HTML) 7 Page - Motorola, Inc

Back Button MC9328MX21CVM Datasheet HTML 3Page - Motorola, Inc MC9328MX21CVM Datasheet HTML 4Page - Motorola, Inc MC9328MX21CVM Datasheet HTML 5Page - Motorola, Inc MC9328MX21CVM Datasheet HTML 6Page - Motorola, Inc MC9328MX21CVM Datasheet HTML 7Page - Motorola, Inc MC9328MX21CVM Datasheet HTML 8Page - Motorola, Inc MC9328MX21CVM Datasheet HTML 9Page - Motorola, Inc MC9328MX21CVM Datasheet HTML 10Page - Motorola, Inc MC9328MX21CVM Datasheet HTML 11Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 106 page
background image
Signal Descriptions
MC9328MX21 Product Preview, Rev. 1.1
Freescale Semiconductor
7
Clocks and Resets
EXTAL26M
Crystal input (26MHz), or a 16 MHz to 32 MHz oscillator (or square-wave) input when internal
oscillator circuit is shut down.
XTAL26M
Oscillator output to external crystal
EXTAL32K
32 kHz crystal input
XTAL32K
Oscillator output to 32 kHz crystal
CLKO
Clock Out signal selected from internal clock signals. Please refer to clock controller for internal
clock selection.
EXT_48M
This is a special factory test signal. To ensure proper operation, connect this signal to ground.
EXT_266M
This is a special factory test signal. To ensure proper operation, connect this signal to ground.
RESET_IN
Master Reset—External active low Schmitt trigger input signal. When this signal goes active, all
modules (except the reset module, SDRAMC module, and the clock control module) are reset.
RESET_OUT
Reset Out—Internal active low output signal from the Watchdog Timer module and is asserted
from the following sources: Power-on reset, External reset (RESET_IN), and Watchdog time-out.
POR
Power On Reset—Active low Schmitt trigger input signal. The POR signal is normally generated by
an external RC circuit designed to detect a power-up event.
CLKMODE[1:0]
These are special factory test signals. To ensure proper operation, leave these signals as no
connects.
OSC26M_TEST
This is a special factory test signal. To ensure proper operation, leave this signal as a no connect.
TEST_WB[2:0]
These are special factory test signals. However, these signals are also multiplexed with GPIO
PORT E as well as alternate keypad signals. If not utilizing these signals for GPIO functionality or
for it’s other multiplexed function, then configure as GPIO input with pull up enabled, and leave as
a no connect.
TEST_WB[4:3]
These are special factory test signals. To ensure proper operation, leave these signals as no
connects.
WKGD
Battery indicator input used to qualify the walk-up process. Also multiplexed with TIN.
JTAG
TRST
Test Reset Pin—External active low signal used to asynchronously initialize the JTAG controller.
TDO
Serial Output for test instructions and data. Changes on the falling edge of TCK.
TDI
Serial Input for test instructions and data. Sampled on the rising edge of TCK.
TCK
Test Clock to synchronize test logic and control register access through the JTAG port.
TMS
Test Mode Select to sequence the JTAG test controller’s state machine. Sampled on the rising
edge of TCK.
JTAG_CTRL
JTAG Controller select signal—JTAG_CTRL is sampled during the rising edge of TRST. Must be
pulled to logic high for proper JTAG interface to debugger. Pulling JTAG_CRTL low is for internal
test purposes only.
RTCK
JTAG Return Clock used to enhance stability of JTAG debug interface devices. This signal is
multiplexed with OWIRE, hence utilizing OWIRE will render RTCK unusable and vice versa.
Table 2. i.MX21 Signal Descriptions (Continued)
Signal Name
Function/Notes


Similar Part No. - MC9328MX21CVM

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9328MX21CVM FREESCALE-MC9328MX21CVM Datasheet
1Mb / 98P
   i.MX family of microprocessors
MC9328MX21CVM FREESCALE-MC9328MX21CVM Datasheet
2Mb / 100P
   i.MX family of microprocessors
MC9328MX21CVM FREESCALE-MC9328MX21CVM Datasheet
1Mb / 100P
   266 MHz i.MX family of microprocessors
logo
NXP Semiconductors
MC9328MX21CVM NXP-MC9328MX21CVM Datasheet
1Mb / 100P
   MC9328MX21 266 MHz
Rev. 3.4, 07/2010
More results

Similar Description - MC9328MX21CVM

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9328MX21 FREESCALE-MC9328MX21_09 Datasheet
2Mb / 100P
   i.MX family of microprocessors
MC9328MX21 FREESCALE-MC9328MX21_06 Datasheet
1Mb / 98P
   i.MX family of microprocessors
MC9328MX21S FREESCALE-MC9328MX21S_08 Datasheet
1Mb / 88P
   i.MX family of microprocessors 266 MHz
MC9328MX21 FREESCALE-MC9328MX21_10 Datasheet
1Mb / 100P
   266 MHz i.MX family of microprocessors
logo
NXP Semiconductors
MC9328MX21S NXP-MC9328MX21S Datasheet
1Mb / 88P
   MX family of microprocessors
Rev. 1.3, 06/2008
logo
Freescale Semiconductor...
MC9328MX21S FREESCALE-MC9328MX21S Datasheet
1Mb / 88P
   MX family of microprocessors
logo
NXP Semiconductors
IMX7DCEC NXP-IMX7DCEC_V01 Datasheet
2Mb / 161P
   i.MX 7Dual Family of Applications Processors Datasheet
Rev. 7, 09/2023
logo
STMicroelectronics
STA1074 STMICROELECTRONICS-STA1074 Datasheet
322Kb / 16P
   Telemaco2 family of telematics and connectivity microprocessors
September 2015 Rev 1
logo
NXP Semiconductors
IMX7SCEC NXP-IMX7SCEC_V01 Datasheet
3Mb / 155P
   i.MX 7Solo Family of Applications Processors Datasheet
Rev. 7, 09/2023
IMX7DCEC NXP-IMX7DCEC Datasheet
1Mb / 158P
   i.MX 7Dual Family
Rev. 5, 07/2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com