Electronic Components Datasheet Search |
|
T140B105M015AT7293 Datasheet(PDF) 6 Page - Kemet Corporation |
|
T140B105M015AT7293 Datasheet(HTML) 6 Page - Kemet Corporation |
6 / 14 page © KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com T2034_T140_AXIAL_T242 • 6/27/2016 66 Tantalum Through-Hole Capacitors – Hermetically Sealed T140 Series Axial MIL–PRF–39003 Polar Type and T242 (CSR23 Style) Rated Voltage Rated Cap Case Size Code KEMET Part Number DC Leakage DF % at 25°C MIL–PRF–39003 (CSR23) Capacitors Dash Number Reference KEMET Equivalent Military Failure Rate Level (%/1,000 Hours) MIL–PRF–39003/3F MIL–PRF–39003/3F Exponential Graded VDC µF (See below for part options) µA at 25°C Max/5 Minutes 120 Hz Maximum M (1.0) P (0.1) R (0.01) S (0.001) G (1) B (0.1) C (0.01) D (0.001) Part Number 20 150.0 D T140D157K020A(3) 15.0 8 0161 0261 0361 0461 5061 2061 3061 4061 T242D157K020(2)S 20 150.0 D T140D157M020A(3) 15.0 8 0162 0262 0362 0462 5062 2062 3062 4062 T242D157M020(2)S 20 180.0 D T140D187K020A(3) 15.0 8 0163 0263 0363 0463 5063 2063 3063 4063 T242D187K020(2)S 20 180.0 D T140D187M020A(3) 15.0 8 30 1.2 A T140A125(1)030A(3) 1.0 4 30 1.5 A T140A155(1)030A(3) 1.0 4 30 1.8 A T140A185(1)030A(3) 1.0 4 30 2.2 A T140A225(1)030A(3) 1.0 4 30 2.7 A T140A275(1)030A(3) 1.0 4 30 12.0 B T140B126(1)030A(3) 3.0 4 30 15.0 B T140B156(1)030A(3) 3.0 4 30 18.0 B T140B186(1)030A(3) 3.0 4 30 33.0 C T140C336(1)030A(3) 6.0 6 30 39.0 C T140C396(1)030A(3) 6.0 6 30 47.0 C T140C476(1)030A(3) 7.0 6 30 56.0 C T140C566(1)030A(3) 7.0 6 30 68.0 C T140C686(1)030A(3) 7.0 6 30 82.0 D T140D826(1)030A(3) 10.0 6 30 100.0 D T140D107(1)030A(3) 10.0 8 35 1.2 A T140A125(1)035A(3) 0.6 4 35 1.5 A T140A155(1)035A(3) 0.8 4 35 1.8 A T140A185K035A(3) 1.0 4 0164 0264 0364 0464 5064 2064 3064 4064 T242A185K035(2)S 35 1.8 A T140A185M035A(3) 1.0 4 35 8.2 B T140B825K035A(3) 3.0 4 0165 0265 0365 0465 5065 2065 3065 4065 T242B825K035(2)S 35 8.2 B T140B825M035A(3) 3.0 4 35 10.0 B T140B106K035A(3) 3.0 4 0166 0266 0366 0466 5066 2066 3066 4066 T242B106K035(2)S 35 10.0 B T140B106M035A(3) 3.0 4 0167 0267 0367 0467 5067 2067 3067 4067 T242B106M035(2)S 35 27.0 C T140C276(1)035A(3) 7.0 6 35 33.0 C T140C336K035A(3) 8.0 6 0168 0268 0368 0468 5068 2068 3068 4068 T242C336K035(2)S 35 33.0 C T140C336M035A(3) 8.0 6 0169 0269 0369 0469 5069 2069 3069 4069 T242C336M035(2)S 35 39.0 C T140C396K035A(3) 10.0 6 0170 0270 0370 0470 5070 2070 3070 4070 T242C396K035(2)S 35 39.0 C T140C396M035A(3) 10.0 6 35 47.0 C T140C476K035A(3) 10.0 6 0171 0271 0371 0471 5071 2071 3071 4071 T242C476K035(2)S 35 47.0 C T140C476M035A(3) 10.0 6 0172 0272 0372 0472 5072 2072 3072 4072 T242C476M035(2)S 35 56.0 D T140D566K035A(3) 12.0 6 0173 0273 0373 0473 5073 2073 3073 4073 T242D566K035(2)S 35 56.0 D T140D566M035A(3) 12.0 6 35 68.0 D T140D686K035A(3) 12.0 6 0174 0274 0374 0474 5074 2074 3074 4074 T242D686K035(2)S 35 68.0 D T140D686M035A(3) 12.0 6 0175 0275 0375 0475 5075 2075 3075 4075 T242D686M035(2)S 35 82.0 D T140D826(1)035A(3) 20.0 8 35 100.0 D T140D107(1)035A(3) 20.0 8 50 1.2 A T140A125K050A(3) 0.6 4 0176 0276 0376 0476 5076 2076 3076 4076 T242A125K050(2)S 50 1.2 A T140A125M050A(3) 0.6 4 50 1.5 A T140A155K050A(3) 0.8 4 0177 0277 0377 0477 5077 2077 3077 4077 T242A155K050(2)S 50 1.5 A T140A155M050A(3) 0.8 4 0178 0278 0378 0478 5078 2078 3078 4078 T242A155M050(2)S 50 5.6 B T140B565K050A(3) 2.5 4 0179 0279 0379 0479 5079 2079 3079 4079 T242B565K050(2)S 50 5.6 B T140B565M050A(3) 2.5 4 50 6.8 B T140B685K050A(3) 2.5 4 0180 0280 0380 0480 5080 2080 3080 4080 T242B685K050(2)S 50 6.8 B T140B685M050A(3) 2.5 4 0181 0281 0381 0481 5081 2081 3081 4081 T242B685M050(2)S VDC µF Case Size Code (See below for part options) µA at 25°C Max/5 Minutes 120 Hz Maximum M (1.0) P (0.1) R (0.01) S (0.001) G (1) B (0.1) C (0.01) D (0.001) Part Number Rated Voltage Rated Cap KEMET Part Number DC Leakage DF % at 25°C MIL–PRF–39003 (CSR23) Capacitors Table 1 – Ratings & Part Number Reference cont'd (1) To complete KEMET part number, insert M for ±20% or K for ± 10%. Designates capacitance tolerance. (2) To complete KEMET part number (T242), insert failure rate code from Ordering Information table. (3) To complete KEMET T140 Part Number, insert Lead Material designator: S – Standard or T – 100% Matte Tin. Designates termination finish. |
Similar Part No. - T140B105M015AT7293 |
|
Similar Description - T140B105M015AT7293 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |