Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC33984 Datasheet(PDF) 9 Page - Motorola, Inc

Part # MC33984
Description  Dual Intelligent High-Current Self-Protected Silicon High-Side Switch (4.0 m??
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC33984 Datasheet(HTML) 9 Page - Motorola, Inc

Back Button MC33984 Datasheet HTML 5Page - Motorola, Inc MC33984 Datasheet HTML 6Page - Motorola, Inc MC33984 Datasheet HTML 7Page - Motorola, Inc MC33984 Datasheet HTML 8Page - Motorola, Inc MC33984 Datasheet HTML 9Page - Motorola, Inc MC33984 Datasheet HTML 10Page - Motorola, Inc MC33984 Datasheet HTML 11Page - Motorola, Inc MC33984 Datasheet HTML 12Page - Motorola, Inc MC33984 Datasheet HTML 13Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
33984
9
STATIC ELECTRICAL CHARACTERISTICS (continued)
Characteristics noted under conditions 4.5 V
≤ VDD ≤ 5.5V, 6.0V ≤ VPWR ≤ 27 V, -40°C ≤ TJ ≤ 150°C unless otherwise noted. Typical
values noted reflect the approximate parameter mean at TA = 25°C under nominal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
CONTROL INTERFACE
Input Logic High Voltage (Note 13)
VIH
0.7VDD
V
Input Logic Low Voltage (Note 13)
VIL
0.2VDD
V
Input Logic Voltage Hysteresis (Note 14)
VIN[0:1](HYS)
100
350
750
mV
Input Logic Pulldown Current (SCLK, IN, SI)
IDWN
5.0
20
µA
RST
Input Voltage Range
VRST
4.5
5.0
5.5
V
SO, FS Tri-State Capacitance (Note 15)
CSO
20
pF
Input Logic Pulldown Resistor (RST) and WAKE
RDWN
100
200
400
k
Input Capacitance (Note 15)
CIN
4.0
12
pF
WAKE Input Clamp Voltage (Note 16)
ICL(WAKE) <2.5 mA
VCL(WAKE)
7.0
14
V
WAKE Input Forward Voltage
ICL(WAKE) = -2.5 mA
VF(WAKE)
-2.0
-0.3
V
SO High-State Output Voltage
IOH = 1.0 mA
VSOH
0.8 VDD
V
FS
, SO Low-State Output Voltage
IOL = -1.6 mA
VSOL
0.2
0.4
V
SO Tri-State Leakage Current
CS
> 0.7 VDD
ISO(LEAK)
-5.0
0
5.0
µA
Input Logic Pullup Current (Note 17)
CS
, VIN[0:1] > 0.7 VDD
IUP
5.0
20
µA
FSI Input Terminal External Pulldown Resistance
FSI Disabled, HS[0:1] Indeterminate
FSI Enabled, HS[0:1] OFF
FSI Enabled, HS0 ON, HS1 OFF
FSI Enabled, HS[0:1] ON
RFS
RFSdis
RFSoffoff
RFSonoff
RFSonon
6.0
15
40
0
6.5
17
Infinite
1.0
7.0
19
k
Notes
13.
Upper and lower logic threshold voltage range applies to SI, CS, SCLK, RST, IN[0:1], and WAKE input signals. The WAKE and RST signals
may be supplied by a derived voltage reference to VPWR.
14.
Parameter is guaranteed by processing monitoring but is not production tested.
15.
Input capacitance of SI, CS, SCLK, RST, and WAKE. This parameter is guaranteed by process monitoring but is not production tested.
16.
The current must be limited by a series resistance when using voltages > 7.0 V.
17.
Pullup current is with CS OPEN. CS has an active internal pullup to VDD.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MC33984

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC33984 NXP-MC33984 Datasheet
1Mb / 57P
   Dual intelligent high-current self-protected silicon high-side switch (4.0 mOhm)
Rev. 17.0, 07/2023
logo
Freescale Semiconductor...
MC33984BPNA FREESCALE-MC33984BPNA Datasheet
1Mb / 36P
   Dual Intelligent High-Current Self Protected Silicon High-Side Switch (4.0 mohm)
MC33984BPNA/R2 FREESCALE-MC33984BPNA/R2 Datasheet
1Mb / 38P
   Dual Intelligent High-current Self-protected Silicon High Side Switch (4.0 m廓)
MC33984BPNAR2 FREESCALE-MC33984BPNAR2 Datasheet
1Mb / 36P
   Dual Intelligent High-Current Self Protected Silicon High-Side Switch (4.0 mohm)
MC33984CHFK FREESCALE-MC33984CHFK Datasheet
952Kb / 38P
   Dual Intelligent High-current Self-protected Silicon High Side Switch (4.0 mOhm)
More results

Similar Description - MC33984

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
33984B FREESCALE-33984B_09 Datasheet
1Mb / 38P
   Dual Intelligent High-current Self-protected Silicon High Side Switch (4.0 m廓)
logo
NXP Semiconductors
MC33984 NXP-MC33984 Datasheet
1Mb / 57P
   Dual intelligent high-current self-protected silicon high-side switch (4.0 mOhm)
Rev. 17.0, 07/2023
logo
Freescale Semiconductor...
33984B FREESCALE-33984B Datasheet
1Mb / 36P
   Dual Intelligent High-Current Self Protected Silicon High-Side Switch (4.0 mohm)
33984 FREESCALE-33984 Datasheet
952Kb / 38P
   Dual Intelligent High-current Self-protected Silicon High Side Switch (4.0 mOhm)
logo
Motorola, Inc
MC33982 MOTOROLA-MC33982 Datasheet
771Kb / 24P
   Single Intelligent High-Current Self-Protected Silicon High-Side Switch
logo
Freescale Semiconductor...
33988 FREESCALE-33988 Datasheet
1Mb / 34P
   Dual Intelligent High-current Self-protected Silicon High Side Switch (8.0m廓)
33988 FREESCALE-33988_12 Datasheet
919Kb / 34P
   Dual Intelligent High-current Self-protected Silicon High Side Switch (8.0 mOhm)
33982B FREESCALE-33982B_09 Datasheet
840Kb / 36P
   Single Intelligent High-current Self-protected Silicon High Side Switch (2.0 m廓)
33982 FREESCALE-33982_08 Datasheet
820Kb / 35P
   Single Intelligent High-current Self-protected Silicon High Side Switch (2.0m ohm)
33982B FREESCALE-33982B Datasheet
722Kb / 34P
   Single Intelligent High-Current Self-Protected Silicon High-Side Switch (2.0 mohm)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com