Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

33984 Datasheet(PDF) 6 Page - Motorola, Inc

Part # 33984
Description  Dual Intelligent High-Current Self-Protected Silicon High-Side Switch (4.0 m??
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

33984 Datasheet(HTML) 6 Page - Motorola, Inc

Back Button 33984 Datasheet HTML 2Page - Motorola, Inc 33984 Datasheet HTML 3Page - Motorola, Inc 33984 Datasheet HTML 4Page - Motorola, Inc 33984 Datasheet HTML 5Page - Motorola, Inc 33984 Datasheet HTML 6Page - Motorola, Inc 33984 Datasheet HTML 7Page - Motorola, Inc 33984 Datasheet HTML 8Page - Motorola, Inc 33984 Datasheet HTML 9Page - Motorola, Inc 33984 Datasheet HTML 10Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
33984
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
6
STATIC ELECTRICAL CHARACTERISTICS
Characteristics noted under conditions 4.5 V
≤ VDD ≤ 5.5 V, 6.0 V ≤ VPWR ≤ 27 V, -40°C ≤ TJ ≤ 150°C unless otherwise noted. Typical
values noted reflect the approximate parameter mean at TA = 25°C under nominal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
POWER INPUT
Battery Supply Voltage Range
Full Operational
VPWR
6.0
27
V
VPWR Operating Supply Current
Output ON, IHS0 and IHS1 = 0 A
IPWR(ON)
––
20
mA
VPWR Supply Current
Output OFF, Open Load Detection Disabled, WAKE > 0.7 VDD,
RST
= VLOGIC HIGH
IPWR(SBY)
––
5.0
mA
Sleep State Supply Current (VPWR < 14 V, RST < 0.5 V, WAKE < 0.5 V)
TJ = 25°C
TJ = 85°C
IPWR(SLEEP)
10
50
µA
VDD Supply Voltage
VDD(ON)
4.5
5.0
5.5
V
VDD Supply Current
No SPI Communication
3.0 MHz SPI Communication
IDD(ON)
1.0
5.0
mA
VDD Sleep State Current
IDD(SLEEP)
––
5.0
µA
Overvoltage Shutdown Threshold
VPWR(OV)
28
32
36
V
Overvoltage Shutdown Hysteresis
VPWR(OVHYS)
0.2
0.8
1.5
V
Undervoltage Output Shutdown Threshold (Note 8)
VPWR(UV)
5.0
5.5
6.0
V
Undervoltage Hysteresis (Note 9)
VPWR(UVHYS)
–0.25
V
Undervoltage Power-ON Reset
VPWR(UVPOR)
––
5.0
V
Notes
8.
Output will automatically recover to instructed state when VPWR voltage is restored to normal so long as the VPWR degradation level did not
go below the undervoltage power-ON reset threshold. This applies to all internal device logic that is supplied by VPWR and assumes that the
external VDD supply is within specification.
9.
This applies when the undervoltage fault is not latched (IN[0:1] = 0).
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - 33984

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
33984 FREESCALE-33984 Datasheet
952Kb / 38P
   Dual Intelligent High-current Self-protected Silicon High Side Switch (4.0 mOhm)
logo
NXP Semiconductors
33984 NXP-33984 Datasheet
1Mb / 57P
   Dual intelligent high-current self-protected silicon high-side switch (4.0 mOhm)
Rev. 17.0, 07/2023
logo
Freescale Semiconductor...
33984B FREESCALE-33984B Datasheet
1Mb / 36P
   Dual Intelligent High-Current Self Protected Silicon High-Side Switch (4.0 mohm)
33984B FREESCALE-33984B Datasheet
1Mb / 38P
   Dual Intelligent High-current Self-protected Silicon High Side Switch (4.0 m廓)
33984B FREESCALE-33984B Datasheet
1Mb / 38P
   Dual Intelligent High-current
More results

Similar Description - 33984

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
33984B FREESCALE-33984B_09 Datasheet
1Mb / 38P
   Dual Intelligent High-current Self-protected Silicon High Side Switch (4.0 m廓)
logo
NXP Semiconductors
MC33984 NXP-MC33984 Datasheet
1Mb / 57P
   Dual intelligent high-current self-protected silicon high-side switch (4.0 mOhm)
Rev. 17.0, 07/2023
logo
Freescale Semiconductor...
33984B FREESCALE-33984B Datasheet
1Mb / 36P
   Dual Intelligent High-Current Self Protected Silicon High-Side Switch (4.0 mohm)
33984 FREESCALE-33984 Datasheet
952Kb / 38P
   Dual Intelligent High-current Self-protected Silicon High Side Switch (4.0 mOhm)
logo
Motorola, Inc
MC33982 MOTOROLA-MC33982 Datasheet
771Kb / 24P
   Single Intelligent High-Current Self-Protected Silicon High-Side Switch
logo
Freescale Semiconductor...
33988 FREESCALE-33988 Datasheet
1Mb / 34P
   Dual Intelligent High-current Self-protected Silicon High Side Switch (8.0m廓)
33988 FREESCALE-33988_12 Datasheet
919Kb / 34P
   Dual Intelligent High-current Self-protected Silicon High Side Switch (8.0 mOhm)
33982B FREESCALE-33982B_09 Datasheet
840Kb / 36P
   Single Intelligent High-current Self-protected Silicon High Side Switch (2.0 m廓)
33982 FREESCALE-33982_08 Datasheet
820Kb / 35P
   Single Intelligent High-current Self-protected Silicon High Side Switch (2.0m ohm)
33982B FREESCALE-33982B Datasheet
722Kb / 34P
   Single Intelligent High-Current Self-Protected Silicon High-Side Switch (2.0 mohm)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com