Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLJ12SF-60M64M-X-00 Datasheet(PDF) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part # SLJ12SF-60M64M-X-00
Description  1/2??JUMPER 7-16 MALE / 4.3-10 MALE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

SLJ12SF-60M64M-X-00 Datasheet(HTML) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  SLJ12SF-60M64M-X-00 Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG SLJ12SF-60M64M-X-00 Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Technical Data Sheet draft
½” JUMPER
7-16 MALE / 4.3-10 MALE
SLJ12SF-60M64M-X-00
Rosenberger Hochfrequenztechnik GmbH & Co. KG
P.O.Box 1260
D-84526 Tittmoning
Germany
www.rosenberger.de
Tel. : +49 8684 18-0
Email : info@rosenberger.de
Page
2 / 2
Electrical Data
Impedance
50
Frequency
DC to 2.7 GHz
Return loss
DC – 1 GHz
 32 dB
1 – 2.2 GHz
 30 dB
2.2 – 2.7 GHz
 28 dB
Insertion loss typ.
DC – 1 GHz
 0.12 dB/m (cable) + 0.01 dB * f (GHz)
1 – 2.2 GHz
 0.18 dB/m (cable) + 0.01 dB * f (GHz)
2.2 – 2.7 GHz
 0.20 dB/m (cable) + 0.01 dB * f (GHz)
Intermodulation (3rd order @ 2 x 20 W)
typ.
max.
 -120 dBm
 -117 dBm
Relative Velocity of Propagation
83 %
DC breakdown voltage
2500 V
Mechanical Data
Coupling torque 7-16 (recommended)
25 to 30 Nm
Coupling torque 4.3-10 (recommended)
5 to 8 Nm
Spanner flat on 4.3-10 coupling nut
22 mm
Spanner flat on 7-16 coupling nut
32 mm
Cable diameter, jacket
13.5 mm typ.
Tensile strength
700 N
Recommended hanger spacing
0.8 m
Minimum bend radius single
25 mm*
Minimum bend radius repeated
35 mm*
*Bending starts behind connector incl. the kink protection
Environmental Data
Operation temperature range
-40 °C to +80 °C
Installation temperature range
-25 °C to +60 °C
Degree of protection
IEC 60529, IP68 1 bar for 1 h (mated)
RoHS
compliant
Draft
Date
Approved
Date
Rev.
Engineering change number
Name
Date
A. Gasteiger
12.04.2016
A. Gasteiger
09.05.2016
100
16-v270
Fl. Öllerer
09.05.2016
While the information has been carefully compiled to the best of our knowledge, nothing is intended as representation or warranty on
our part and no statement herein shall be construed as recommendation to infringe existing patents. In the effort to improve our
products, we reserve the right to make changes judged to be necessary.


Similar Part No. - SLJ12SF-60M64M-X-00

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
SLJ12SF-60M64M-X-00_DB ROSENBERGER-SLJ12SF-60M64M-X-00_DB Datasheet
541Kb / 2P
   7-16 MALE / 4.3-10 MALE
More results

Similar Description - SLJ12SF-60M64M-X-00

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
SLJ12SP-60M64Q-X-00 ROSENBERGER-SLJ12SP-60M64Q-X-00 Datasheet
541Kb / 2P
   1/2??JUMPER 7-16 MALE / 4.3-10 MALE
SLJ12SP-60M64H-X-00 ROSENBERGER-SLJ12SP-60M64H-X-00 Datasheet
541Kb / 2P
   1/2??JUMPER 7-16 MALE / 4.3-10 MALE
SLJ12SP-60F64M-X-00 ROSENBERGER-SLJ12SP-60F64M-X-00 Datasheet
541Kb / 2P
   1/2??JUMPER 7-16 FEMALE / 4.3-10 MALE
SLJ12SP-60M64F-X-00 ROSENBERGER-SLJ12SP-60M64F-X-00 Datasheet
80Kb / 2P
   1/2??JUMPER 7-16 MALE / 4.3-10 FEMALE
SLJ12RP-60R64M-X-00 ROSENBERGER-SLJ12RP-60R64M-X-00 Datasheet
542Kb / 2P
   1/2??JUMPER 7-16 R/A MALE / 4.3-10 MALE
SLJ12RP-60M64M-X-00 ROSENBERGER-SLJ12RP-60M64M-X-00 Datasheet
541Kb / 2P
   쩍??JUMPER 7-16 MALE / 4.3-10 MALE
SLJ12SP-60M64M-X-00 ROSENBERGER-SLJ12SP-60M64M-X-00 Datasheet
80Kb / 2P
   쩍??JUMPER 7-16 MALE / 4.3-10 MALE
SLJ12SP-60R64M-X-00 ROSENBERGER-SLJ12SP-60R64M-X-00 Datasheet
540Kb / 2P
   1/2 7-16 R/A MALE 4.3-10 MALE
SLJ12SP-60R64R-X-00 ROSENBERGER-SLJ12SP-60R64R-X-00 Datasheet
80Kb / 2P
   1/2??JUMPER 7-16 R/A MALE 4.3-10 R/A MALE
SLJ12SP-64H64X-X-00 ROSENBERGER-SLJ12SP-64H64X-X-00 Datasheet
540Kb / 2P
   1/2 JUMPER 4.3-10 MALE / 4.3-10 R/A MALE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com