Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC33887VWR2 Datasheet(PDF) 9 Page - Motorola, Inc

Part # PC33887VWR2
Description  5.0 A H-Bridge with Load Current Feedback
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

PC33887VWR2 Datasheet(HTML) 9 Page - Motorola, Inc

Back Button PC33887VWR2 Datasheet HTML 5Page - Motorola, Inc PC33887VWR2 Datasheet HTML 6Page - Motorola, Inc PC33887VWR2 Datasheet HTML 7Page - Motorola, Inc PC33887VWR2 Datasheet HTML 8Page - Motorola, Inc PC33887VWR2 Datasheet HTML 9Page - Motorola, Inc PC33887VWR2 Datasheet HTML 10Page - Motorola, Inc PC33887VWR2 Datasheet HTML 11Page - Motorola, Inc PC33887VWR2 Datasheet HTML 12Page - Motorola, Inc PC33887VWR2 Datasheet HTML 13Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
33887
9
STATIC ELECTRICAL CHARACTERISTICS (continued)
Characteristics noted under conditions 5.0 V V+ 28 V and -40
°C TA 125°C unless otherwise noted. Typical values noted reflect
the approximate parameter mean at TA = 25°C under nominal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
POWER OUTPUTS (OUT1, OUT2)
Output ON-Resistance (Note 17)
5.0 V
≤ V+ ≤ 28 V, TJ = 25°C
8.0 V
≤ V+ ≤ 28 V, TJ = 150°C
5.0 V
≤ V+ ≤ 8.0 V, TJ = 150°C
RDS(ON)
120
225
300
m
Active Current Limiting Threshold (via Internal Constant OFF-Time PWM) on
Low-Side MOSFETs (Note 18)
ILIM
5.2
6.5
7.8
A
High-Side Short Circuit Detection Threshold
ISCH
11
A
Low-Side Short Circuit Detection Threshold
ISCL
8.0
A
Leakage Current (Note 19)
VOUT = V+
VOUT = Ground
IOUT(leak)
100
30
200
60
µA
Output MOSFET Body Diode Forward Voltage Drop
IOUT = 3.0 A
VF
––
2.0
V
Overtemperature Shutdown
Thermal Limit
Hysteresis
TLIM
THYS
175
10
225
30
°C
HIGH-SIDE CURRENT SENSE FEEDBACK
Feedback Current
IOUT = 0 mA
IOUT = 500 mA
IOUT = 1.5 A
IOUT = 3.0 A
IOUT = 6.0 A
IFB
1.07
3.6
7.2
14.4
1.33
4.0
8.0
16
600
1.68
4.62
9.24
18.48
µA
mA
mA
mA
mA
FAULT STATUS (Note 20)
Fault Status Leakage Current (Note 21)
VFS = 5.0 V
IFS(leak)
––
10
µA
Fault Status SET Voltage (Note 22)
IFS = 300 µA
VFS(LOW)
––
1.0
V
Notes
17.
Output-ON resistance as measured from output to V+ and ground.
18.
Active current limitation applies only for the low-side MOSFETs.
19.
Outputs switched OFF with D1 or D2.
20.
Fault Status output is an open Drain output requiring a pullup resistor to 5.0 V.
21.
Fault Status Leakage Current is measured with Fault Status HIGH and not SET.
22.
Fault Status Set Voltage is measured with Fault Status LOW and SET with IFS = 300 µA.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - PC33887VWR2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
PC33882EK FREESCALE-PC33882EK Datasheet
1Mb / 31P
   Six Output Low Side Switch with SPI and Parallel Input Control
PC33882R2 FREESCALE-PC33882R2 Datasheet
1Mb / 31P
   Six Output Low Side Switch with SPI and Parallel Input Control
logo
Motorola, Inc
PC33888APNB MOTOROLA-PC33888APNB Datasheet
667Kb / 32P
   Quad High-Side and Octal Low-Side Switch for Automotive
PC33888APNBR2 MOTOROLA-PC33888APNBR2 Datasheet
667Kb / 32P
   Quad High-Side and Octal Low-Side Switch for Automotive
PC33888PNB MOTOROLA-PC33888PNB Datasheet
667Kb / 32P
   Quad High-Side and Octal Low-Side Switch for Automotive
More results

Similar Description - PC33887VWR2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
33887 FREESCALE-33887 Datasheet
856Kb / 37P
   5.0 A H-Bridge with Load Current Feedback
33887 FREESCALE-33887_08 Datasheet
1Mb / 37P
   5.0 A H-Bridge with Load Current Feedback
33887 FREESCALE-33887_11 Datasheet
902Kb / 37P
   5.0 A H-Bridge with Load Current Feedback
logo
Motorola, Inc
MC33886 MOTOROLA-MC33886 Datasheet
637Kb / 20P
   5.0 A H BRIDGE
logo
Freescale Semiconductor...
MC33886PVWR2 FREESCALE-MC33886PVWR2 Datasheet
705Kb / 27P
   5.0 A H-Bridge
33886 FREESCALE-33886 Datasheet
570Kb / 25P
   5.0 A H-Bridge
33886 FREESCALE-33886_07 Datasheet
575Kb / 25P
   5.0 A H-Bridge
MC34932 FREESCALE-MC34932 Datasheet
872Kb / 24P
   Dual 5.0 A H-Bridge
MC33926 FREESCALE-MC33926 Datasheet
778Kb / 25P
   5.0 A Throttle Control H-Bridge
MC33932VW FREESCALE-MC33932VW Datasheet
960Kb / 28P
   5.0 A Throttle Control H-Bridge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com