Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QS40.241 Datasheet(PDF) 6 Page - PULS GmbH

Part # QS40.241
Description  24V, 40A, SINGLE PHASE INPUT
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

QS40.241 Datasheet(HTML) 6 Page - PULS GmbH

Back Button QS40.241 Datasheet HTML 2Page - PULS GmbH QS40.241 Datasheet HTML 3Page - PULS GmbH QS40.241 Datasheet HTML 4Page - PULS GmbH QS40.241 Datasheet HTML 5Page - PULS GmbH QS40.241 Datasheet HTML 6Page - PULS GmbH QS40.241 Datasheet HTML 7Page - PULS GmbH QS40.241 Datasheet HTML 8Page - PULS GmbH QS40.241 Datasheet HTML 9Page - PULS GmbH QS40.241 Datasheet HTML 10Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
QS40.241
Q-Series
24V, 40A, SINGLE PHASE INPUT
6. OUTPUT
Output voltage
nom.
DC 24V
Adjustment range
min.
24-28Vdc
guaranteed
max.
29Vdc****)
at clockwise end position of potentiometer
Factory setting
typ.
24.1Vdc
±0.2%, at full load, cold unit, in “single use” mode
typ.
24.1Vdc
±0.5%, at full load, cold unit, in “parallel use” mode
typ.
25.1Vdc
at no load, cold unit, in “parallel use” mode
Line regulation
max.
10mV
85-300Vac
Load regulation
max.
50mV
in “single use” mode: static value, 0A
40A, see Fig. 6-1
typ.
1000mV
in “parallel use” mode: static value, 0A 40A,
see Fig. 6-2
Ripple and noise voltage
max.
100mVpp
20Hz to 20MHz, 50Ohm
Output current
nom.
40A
continuously available at 24V, see Fig. 6-1 and Fig. 6-2
nom.
34.3A
continuously available at 28V, see Fig. 6-1 and Fig. 6-2
nom.
60A
short term available BonusPower®*), at 24V
for typical 4s, see Fig. 6-1 and Fig. 6-2
nom.
51.5A
short term available BonusPower®*), at 28V
for typical 4s, see Fig. 6-1 and Fig. 6-2
typ.
110A
up to 10ms, output voltage stays above 20V, see Fig.
6-4, This peak current is available once every second.
See chapter 25.2 for more peak current measurements.
Output power
nom.
960W
continuously available at 24-28V
nom.
1440W*)
short term available BonusPower®*) at 24-28V
BonusPower® time
typ.
4s
duration until the output voltage dips, see Fig. 6-5
BonusPower® recovery time
typ.
7s
overload free time to reset power manager, see Fig. 6-6
Overload behavior
cont. current
output voltage > 20Vdc, see Fig. 6-1
HiccupPLUS mode**)
output voltage < 20Vdc, see Fig. 6-1
Short-circuit current
min.
60A***)
load impedance 25mOhm, see Fig. 6-3
max.
70A***)
load impedance 25mOhm, see Fig. 6-3
max.
23A
average (R.M.S.) current, load impedance 25mOhm, see
Fig. 6-3
typ.
130A
up to 10ms, load impedance <10mOhm, see Fig. 6-4
Output capacitance
typ.
10 200μF
included in the power supply
*)
BonusPower®, short term power capability (up to typ. 4s)
The power supply is designed to support loads with a higher short-term power requirement without damage or shutdown. The short-
term duration is hardware controlled by an output power manager. This BonusPower® is repeatedly available. Detailed information
can be found in chapter 25.1. If the power supply is loaded longer with the BonusPower® than shown in the Bonus-time diagram (see
Fig. 6-5), the max. output power is automatically reduced to 960W. If the power requirement is continuously above 960W and the
voltage falls below approx. 20V (due to the current regulating mode at overload), the unit shuts-off and makes periodical restart
attempts. This behavior is called hiccup mode which is described below. If the voltage is above 20V, the unit continuously delivers
current.
**)
HiccupPLUS Mode
Up to 4s of overloading, the power supply delivers continuous output current. After this, the output power is reduced to nearly zero
for approx. 17s before a new start attempt is automatically performed. If the overload has been cleared, the device will operate
normally. If the overload still exists, the output current will be delivered for 2 to 4s (depending on the overload) again followed by a
17s rest time. This cycle is repeated as long as the overload exists. See Fig. 6-3. During the off-period a small rest voltage and rest
current is present on the output.
***)
Discharge current of output capacitors is not included.
****)
This is the maximum output voltage which can occur at the clockwise end position of the potentiometer due to tolerances. It is not
guaranteed value which can be achieved. The typical value is about 28.5V.
Oct. 2014 / Rev. 1.2 DS-QS40.241-EN
All parameters are specified at 24V, 40A, 230Vac, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
6/28


Similar Part No. - QS40.241

ManufacturerPart #DatasheetDescription
logo
PULS GmbH
QS40.244 PULS-QS40.244 Datasheet
855Kb / 28P
   24V, 40A, SINGLE PHASE INPUT
More results

Similar Description - QS40.241

ManufacturerPart #DatasheetDescription
logo
PULS GmbH
QS40.244 PULS-QS40.244 Datasheet
855Kb / 28P
   24V, 40A, SINGLE PHASE INPUT
QS3.241 PULS-QS3.241 Datasheet
793Kb / 25P
   24V, 3.4A, SINGLE PHASE INPUT
CP10.241-M1 PULS-CP10.241-M1 Datasheet
704Kb / 27P
   24V, 10A, SINGLE PHASE INPUT
CP20.241-R1 PULS-CP20.241-R1 Datasheet
827Kb / 30P
   24V, 20A, SINGLE PHASE INPUT
PIC480.241C PULS-PIC480.241C Datasheet
555Kb / 21P
   24V, 20A, SINGLE PHASE INPUT
CS10.243 PULS-CS10.243 Datasheet
682Kb / 25P
   24V, 10A, SINGLE PHASE INPUT
PIC240.241D PULS-PIC240.241D Datasheet
549Kb / 21P
   24V, 10A, SINGLE PHASE INPUT
PIC240.241C PULS-PIC240.241C Datasheet
507Kb / 21P
   24V, 10A, SINGLE PHASE INPUT
ML60.242 PULS-ML60.242 Datasheet
657Kb / 23P
   24V, 2.5A, SINGLE PHASE INPUT
QS10.241 PULS-QS10.241 Datasheet
856Kb / 28P
   24V, 10A, SINGLE PHASE INPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com