Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QS40.241 Datasheet(PDF) 7 Page - PULS GmbH

Part # QS40.241
Description  24V, 40A, SINGLE PHASE INPUT
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

QS40.241 Datasheet(HTML) 7 Page - PULS GmbH

Back Button QS40.241 Datasheet HTML 3Page - PULS GmbH QS40.241 Datasheet HTML 4Page - PULS GmbH QS40.241 Datasheet HTML 5Page - PULS GmbH QS40.241 Datasheet HTML 6Page - PULS GmbH QS40.241 Datasheet HTML 7Page - PULS GmbH QS40.241 Datasheet HTML 8Page - PULS GmbH QS40.241 Datasheet HTML 9Page - PULS GmbH QS40.241 Datasheet HTML 10Page - PULS GmbH QS40.241 Datasheet HTML 11Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
QS40.241
Q-Series
24V, 40A, SINGLE PHASE INPUT
Fig. 6-1 Output voltage vs. output current in
“single use” mode, typ.
Fig. 6-2 Output voltage vs. output current in
“parallel use” mode, typ.
Output Voltage
0
010
20
30
40
4
8
12
28V
16
20
24
60
50
70A
Output Current
Adjustment Range
Hiccup
mode
A
B
A
B
Short-term (4s)
then switching
to curve
Continuously
available
A
Output Voltage (Parallel Use, typ.)
22V
020
40
23V
24V
25V
29V
26V
27V
28V
60A
50
30
10
Adjustment
Range
Factory
setting
Output Current
Continuously
allowed
Bonus
Power
Fig. 6-3 Short-circuit on output, HiccupPLUS mode, typ.
Fig. 6-4 Dynamic overcurrent capability, typ.
Output
Current
0
65A
17s
17s
17s
2s
2s
2s
t
Short -circuit
Normal
operation
Normal
operation
Output Voltage (dynamic behavior, < 10ms)
0
0
4
8
12
28V
16
20
24
150A
60
30
90
120
15
45
75
105
135
Output Current
Adjustment
Range
Fig. 6-5 Bonus time vs. output power
Fig. 6-6 BonusPower® recovery time
max.
Bonus Time
0
100
120
130
140
150
170%
1
2
3
4
5s
110
160
Output Power
min.
Power
Demand
100%
t
t
Limitation by
Power Manager
Output
Voltage
Bonus Power disabled
Bonus
Time
Recovery Time
The BonusPower® is available as soon as power comes on and after the end of an output short circuit or output
overload.
Fig. 6-7 BonusPower® after input turn-on
Fig. 6-8 BonusPower® after output short
100%
Output
Voltage
Input
Voltage
Bonus
Power
Output
Power
150%
Short of
Output
100%
Output
Voltage
Bonus
Power
Output
Power
150%
Oct. 2014 / Rev. 1.2 DS-QS40.241-EN
All parameters are specified at 24V, 40A, 230Vac, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
7/28


Similar Part No. - QS40.241

ManufacturerPart #DatasheetDescription
logo
PULS GmbH
QS40.244 PULS-QS40.244 Datasheet
855Kb / 28P
   24V, 40A, SINGLE PHASE INPUT
More results

Similar Description - QS40.241

ManufacturerPart #DatasheetDescription
logo
PULS GmbH
QS40.244 PULS-QS40.244 Datasheet
855Kb / 28P
   24V, 40A, SINGLE PHASE INPUT
QS3.241 PULS-QS3.241 Datasheet
793Kb / 25P
   24V, 3.4A, SINGLE PHASE INPUT
CP10.241-M1 PULS-CP10.241-M1 Datasheet
704Kb / 27P
   24V, 10A, SINGLE PHASE INPUT
CP20.241-R1 PULS-CP20.241-R1 Datasheet
827Kb / 30P
   24V, 20A, SINGLE PHASE INPUT
PIC480.241C PULS-PIC480.241C Datasheet
555Kb / 21P
   24V, 20A, SINGLE PHASE INPUT
CS10.243 PULS-CS10.243 Datasheet
682Kb / 25P
   24V, 10A, SINGLE PHASE INPUT
PIC240.241D PULS-PIC240.241D Datasheet
549Kb / 21P
   24V, 10A, SINGLE PHASE INPUT
PIC240.241C PULS-PIC240.241C Datasheet
507Kb / 21P
   24V, 10A, SINGLE PHASE INPUT
ML60.242 PULS-ML60.242 Datasheet
657Kb / 23P
   24V, 2.5A, SINGLE PHASE INPUT
QS10.241 PULS-QS10.241 Datasheet
856Kb / 28P
   24V, 10A, SINGLE PHASE INPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com