Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QS20.361 Datasheet(PDF) 9 Page - PULS GmbH

Part # QS20.361
Description  36V, 13.3A, SINGLE PHASE INPUT
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

QS20.361 Datasheet(HTML) 9 Page - PULS GmbH

Back Button QS20.361 Datasheet HTML 5Page - PULS GmbH QS20.361 Datasheet HTML 6Page - PULS GmbH QS20.361 Datasheet HTML 7Page - PULS GmbH QS20.361 Datasheet HTML 8Page - PULS GmbH QS20.361 Datasheet HTML 9Page - PULS GmbH QS20.361 Datasheet HTML 10Page - PULS GmbH QS20.361 Datasheet HTML 11Page - PULS GmbH QS20.361 Datasheet HTML 12Page - PULS GmbH QS20.361 Datasheet HTML 13Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
QS20.361
Q-Series
36V, 13.3A, SINGLE PHASE INPUT
9. EFFICIENCY AND POWER LOSSES
AC 100V
AC 120V
AC 230V
Efficiency
typ.
91.7%
92.5%
94.0%
at 36V, 13.3A
Average efficiency *)
typ.
91.6%
92.3%
93.3%
25% at 3.8A, 25% at 6.7A,
25% at 10.5A. 25% at 13.3A
Power losses
typ.
9.0W
9.2W
10.0W
at 36V, 0A
typ.
43.4W
38.9W
30.6W
at 36V, 13.3A
*)
The average efficiency is an assumption for a typical application where the power supply is loaded with 25% of the nominal load for 25%
of the time, 50% of the nominal load for another 25% of the time, 75% of the nominal load for another 25% of the time and with 100%
of the nominal load for the rest of the time.
Fig. 9-1
Efficiency vs. output current at 36V,
typ
Fig. 9-2
Losses vs. output current at 36V, typ.
Efficiency
2
4
6
8
10
12
14A
86
87
88
89
90
91
Output Current
92
93
94%
120Vac
100Vac
230Vac
Power Losses
0
2
4
8
10
12
14A
10
5
20
25
30
Output Current
40
45W
120Vac
100Vac
230Vac
35
15
6
Fig. 9-3
Efficiency vs. input voltage at 36V,
13.3A, typ.
Fig. 9-4
Losses vs. input voltage at 36V,
13.3A, typ.
Efficiency
85
120
155
190
225 260Vac
88
89
90
91
Input Voltage
92
93
94%
Power Losses
20
25
30
35
40
45
50W
85
120
155
190
225 260Vac
Input Voltage
Oct. 2013 / Rev. 2.2 DS-QS20.361-EN
All parameters are specified at 36V, 13.3A, 230Vac, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
9/25


Similar Part No. - QS20.361

ManufacturerPart #DatasheetDescription
logo
PULS GmbH
QS20.241 PULS-QS20.241 Datasheet
828Kb / 26P
   24V, 20A, SINGLE PHASE INPUT
QS20.241-A1 PULS-QS20.241-A1 Datasheet
828Kb / 26P
   24V, 20A, SINGLE PHASE INPUT
QS20.241-C1 PULS-QS20.241-C1 Datasheet
828Kb / 26P
   24V, 20A, SINGLE PHASE INPUT
QS20.244 PULS-QS20.244 Datasheet
754Kb / 25P
   24V, 20A, SINGLE PHASE INPUT
QS20.481 PULS-QS20.481 Datasheet
791Kb / 25P
   48V, 10A, SINGLE PHASE INPUT
More results

Similar Description - QS20.361

ManufacturerPart #DatasheetDescription
logo
PULS GmbH
QS40.361 PULS-QS40.361 Datasheet
749Kb / 27P
   36V, 26.7A, SINGLE PHASE INPUT
CP10.361 PULS-CP10.361_17 Datasheet
861Kb / 29P
   36V, 6.7A, 240W, SINGLE PHASE INPUT
CS3.241 PULS-CS3.241 Datasheet
611Kb / 24P
   SINGLE PHASE INPUT
CS5.244 PULS-CS5.244 Datasheet
607Kb / 23P
   SINGLE PHASE INPUT
ML50.100 PULS-ML50.100 Datasheet
637Kb / 20P
   SINGLE PHASE INPUT
ML30.241 PULS-ML30.241 Datasheet
528Kb / 23P
   SINGLE PHASE INPUT
QS40.484 PULS-QS40.484 Datasheet
754Kb / 28P
   SINGLE PHASE INPUT
CP10.121 PULS-CP10.121 Datasheet
724Kb / 26P
   SINGLE PHASE INPUT
CP10.361 PULS-CP10.361 Datasheet
743Kb / 27P
   SINGLE PHASE INPUT
CPS20.241 PULS-CPS20.241 Datasheet
718Kb / 26P
   SINGLE PHASE INPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com