Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QS10.DNET Datasheet(PDF) 2 Page - PULS GmbH

Part # QS10.DNET
Description  24V, 8A, DEVICENET POWER SUPPLY
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

QS10.DNET Datasheet(HTML) 2 Page - PULS GmbH

  QS10.DNET Datasheet HTML 1Page - PULS GmbH QS10.DNET Datasheet HTML 2Page - PULS GmbH QS10.DNET Datasheet HTML 3Page - PULS GmbH QS10.DNET Datasheet HTML 4Page - PULS GmbH QS10.DNET Datasheet HTML 5Page - PULS GmbH QS10.DNET Datasheet HTML 6Page - PULS GmbH QS10.DNET Datasheet HTML 7Page - PULS GmbH QS10.DNET Datasheet HTML 8Page - PULS GmbH QS10.DNET Datasheet HTML 9Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
QS10.DNET
Q-Series
24V, 8A, DEVICENET® POWER SUPPLY
INDEX
Page
Page
1.
Intended Use .......................................................3
2.
Installation Requirements...................................3
3.
AC-Input...............................................................4
4.
DC-Input...............................................................5
5.
Input Inrush Current ...........................................5
6.
Output .................................................................6
7.
Hold-up Time.......................................................7
8.
DC-OK Relay Contact ..........................................7
9.
Efficiency and Power Losses................................8
10. Reliability .............................................................9
11. Functional Diagram...........................................10
12. Terminals and Wiring........................................10
13. Front Side and User Elements...........................11
14. EMC....................................................................12
15. Environment ......................................................13
16. Protection Features ...........................................14
17. Safety Features ..................................................14
18. Dielectric Strength ............................................15
19. Approvals...........................................................16
20. Physical Dimensions and Weight ..................... 17
21. Accessories ........................................................ 18
21.1. ZM1.WALL Wall Mounting Bracket .......18
21.2. ZM13.SIDE Side Mounting Bracket ........18
21.3. UF20.241 Buffer Module ..........................18
22. Application Notes............................................. 19
22.1. Peak Current Capability ...........................19
22.2. Back-feeding Loads ..................................19
22.3. External Input Protection.........................20
22.4. Charging of Batteries ...............................20
22.5. Output Circuit Breakers............................20
22.6. Parallel Use to Increase Output Power....21
22.7. Parallel Use for Redundancy ....................21
22.8. Series Operation .......................................21
22.9. Inductive and Capacitive Loads................21
22.10. Operation on Two Phases ........................21
22.11. Use in a Tightly Sealed Enclosure ............21
The information presented in this document is believed to be accurate and reliable and may change without notice.
No part of this document may be reproduced or utilized in any form without permission in writing from the publisher.
TERMINOLOGY AND ABREVIATIONS
PE and
symbol
PE is the abbreviation for Protective Earth and has the same meaning as the symbol
.
Earth, Ground
This document uses the term “earth” which is the same as the U.S. term “ground”.
T.b.d.
To be defined, value or description will follow later.
AC 230V
A figure displayed with the AC or DC before the value represents a nominal voltage with
standard tolerances (usually ±15%) included.
E.g.: DC 12V describes a 12V battery disregarding whether it is full (13.7V) or flat (10V)
230Vac
A figure with the unit (Vac) at the end is a momentary figure without any additional
tolerances included.
50Hz vs. 60Hz
As long as not otherwise stated, AC 230V parameters are valid at 50Hz mains frequency.
may
A key word indicating flexibility of choice with no implied preference.
shall
A key word indicating a mandatory requirement.
should
A key word indicating flexibility of choice with a strongly preferred implementation.
Dec. 2014 / Rev. 2.2 DS-QS10.DNET-EN
All parameters are specified at 24V, 8A, 230Vac, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
2/22


Similar Part No. - QS10.DNET

ManufacturerPart #DatasheetDescription
logo
PULS GmbH
QS10.121 PULS-QS10.121 Datasheet
779Kb / 26P
   12V, 15A, SINGLE PHASE INPUT
QS10.241 PULS-QS10.241 Datasheet
856Kb / 28P
   24V, 10A, SINGLE PHASE INPUT
QS10.241-60 PULS-QS10.241-60 Datasheet
765Kb / 27P
   24V, 200W, DC/DC CONVERTER
QS10.241-A1 PULS-QS10.241-A1 Datasheet
856Kb / 28P
   24V, 10A, SINGLE PHASE INPUT
QS10.241-C1 PULS-QS10.241-C1 Datasheet
856Kb / 28P
   24V, 10A, SINGLE PHASE INPUT
More results

Similar Description - QS10.DNET

ManufacturerPart #DatasheetDescription
logo
PULS GmbH
QS5.DNET PULS-QS5.DNET Datasheet
686Kb / 21P
   24V, 3.8A, NEC CLASS 2, DEVICENET POWER SUPPLY
logo
Schneider Electric
LULC09 SCHNEIDER-LULC09 Datasheet
98Kb / 3P
   DeviceNet communication module, TeSys U, 24V DC supply
May 11, 2022
logo
Alpha & Omega Semicondu...
AOZ1237QI-02 AOSMD-AOZ1237QI-02 Datasheet
846Kb / 15P
   24V/8A Synchronous EZBuckTM Regulator
AOZ1267QI-02 AOSMD-AOZ1267QI-02 Datasheet
757Kb / 15P
   24V/8A Synchronous EZBuckTM Regulator
logo
NHP Electrical Engineer...
1769-PB2 NHP-1769-PB2 Datasheet
627Kb / 1P
   COMPACTLOGIX 2A POWER SUPPLY 24V DC
8 June 2023,
logo
ATMEL Corporation
ATA6405 ATMEL-ATA6405 Datasheet
281Kb / 12P
   12/24V SYSTEM POWER SUPPLY IC
logo
NHP Electrical Engineer...
1769-PB4 NHP-1769-PB4 Datasheet
627Kb / 1P
   COMPACTLOGIX 4A POWER SUPPLY 24V DC
8 June 2023,
logo
NTE Electronics
5724D5003 NTE-5724D5003 Datasheet
864Kb / 1P
   24V AC?묭C Switching Power Supply
logo
Maxim Integrated Produc...
MAXREFDES115 MAXIM-MAXREFDES115 Datasheet
567Kb / 16P
   ISOLATED 24V TO 5V 20W POWER SUPPLY
9/6/2016
logo
Lineage Power Corporati...
CAR2024FP LINEAGEPOWER-CAR2024FP Datasheet
1Mb / 2P
   2000 Watt 24V Front End Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com