Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QS10.481 Datasheet(PDF) 7 Page - PULS GmbH

Part # QS10.481
Description  48V, 5A, SINGLE PHASE INPUT
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

QS10.481 Datasheet(HTML) 7 Page - PULS GmbH

Back Button QS10.481 Datasheet HTML 3Page - PULS GmbH QS10.481 Datasheet HTML 4Page - PULS GmbH QS10.481 Datasheet HTML 5Page - PULS GmbH QS10.481 Datasheet HTML 6Page - PULS GmbH QS10.481 Datasheet HTML 7Page - PULS GmbH QS10.481 Datasheet HTML 8Page - PULS GmbH QS10.481 Datasheet HTML 9Page - PULS GmbH QS10.481 Datasheet HTML 10Page - PULS GmbH QS10.481 Datasheet HTML 11Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
QS10.481, QS10.481-D1
Q-Series
48V, 5A, SINGLE PHASE INPUT
6. OUTPUT
Output voltage
nom.
48V
Adjustment range
min.
48-56V
guaranteed
max.
58V ***)
at clockwise end position of potentiometer
Factory setting
typ.
48.0V
±0.2%, at full load, cold unit
Line regulation
max.
10mV
60-300Vac
Load regulation
max.
100mV
static value, 0A
5A
Ripple and noise voltage
max.
100mVpp
20Hz to 20MHz, 50Ohm
Output current
nom.
5A
continuously available at 48V, see Fig. 6-1
nom.
4.3A
continuously available at 56V, see Fig. 6-1
nom.
7.5A *)
short term available BonusPower® *),
at 48V, for typical 4s, see Fig. 6-1
nom.
6.5A *)
short term available BonusPower® *),
at 56V, for typical 4s, see Fig. 6-1
Output power
nom.
240W
continuously available
nom.
360W *)
short term available BonusPower® *)
BonusPower® time
typ.
4s
duration until the output voltage dips, see Fig. 6-2
min.
3s
max.
5s
BonusPower® recovery time
typ.
7s
overload free time to reset power manager, see Fig. 6-3
Overload behaviour
cont. current
Short-circuit current
min.
3A **)
continuous, load impedance 200mOhm, see Fig. 6-1
max.
7A **)
continuous, load impedance 200mOhm, see Fig. 6-1
min.
5A **)
during BonusPower® *), load impedance 200mOhm
max.
15A **)
during BonusPower® *), load impedance 200mOhm
max.
7.5A **)
continuous, load impedance <10mOhm, see Fig. 6-1
Output capacitance
typ.
3 000μF
included inside the power supply
*)
BonusPower®, short term power capability (up to typ. 4s)
The power supply is designed to support loads with a higher short-term power requirement without damage or shutdown. The short-
term duration is hardware controlled by an output power manager. This BonusPower® is repeatedly available. Detailed information
can be found in chapter 24.1. If the power supply is loaded longer with the BonusPower® than shown in the Bonus-time diagram (see
Fig. 6-2), the max. output power is automatically reduced to 240W.
**)
Discharge current of output capacitors is not included.
***)
This is the maximum output voltage which can occur at the clockwise end position of the potentiometer due to tolerances. It is not
guaranteed value which can be achieved. The typical value is about 56.8V.
Peak current capability (up to several milliseconds)
The power supply can deliver a peak current which is higher than the specified short term current. This helps to start
current demanding loads or to safely operate subsequent circuit breakers.
The extra current is supplied by the output capacitors inside the power supply. During this event, the capacitors will be
discharged and causes a voltage dip on the output. Detailed curves can be found in chapter 24.2.
Peak current voltage dips
typ.
from 48V to 42V
at 10A for 50ms, resistive load
typ.
from 48V to 42V
at 20A for 2ms, resistive load
typ.
from 48V to 36V
at 20A for 5ms, resistive load
Nov. 2011 / Rev. 2.1 DS-QS10.481-EN
All parameters are specified at 48V, 5A, 230Vac, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
7/27


Similar Part No. - QS10.481

ManufacturerPart #DatasheetDescription
logo
PULS GmbH
QS10.481 PULS-QS10.481 Datasheet
865Kb / 27P
   48V, 5A, SINGLE PHASE INPUT
QS10.481-D1 PULS-QS10.481-D1 Datasheet
865Kb / 27P
   48V, 5A, SINGLE PHASE INPUT
More results

Similar Description - QS10.481

ManufacturerPart #DatasheetDescription
logo
PULS GmbH
QS10.481 PULS-QS10.481 Datasheet
865Kb / 27P
   48V, 5A, SINGLE PHASE INPUT
CS10.481 PULS-CS10.481 Datasheet
675Kb / 26P
   48V, 5A, SINGLE PHASE INPUT
CT10.481 PULS-CT10.481 Datasheet
694Kb / 22P
   48V, 5A, THREE PHASE INPUT
QS20.481 PULS-QS20.481 Datasheet
791Kb / 25P
   48V, 10A, SINGLE PHASE INPUT
CPS20.481 PULS-CPS20.481 Datasheet
669Kb / 26P
   48V, 10A, SINGLE PHASE INPUT
CP10.481 PULS-CP10.481_17 Datasheet
867Kb / 29P
   48V, 5.4A, 260W, SINGLE PHASE INPUT
PIC120.241D PULS-PIC120.241D Datasheet
515Kb / 22P
   24V, 5A, SINGLE PHASE INPUT
QS5.241 PULS-QS5.241 Datasheet
838Kb / 26P
   24V, 5A, SINGLE PHASE INPUT
PIC120.241C PULS-PIC120.241C Datasheet
544Kb / 22P
   24V, 5A, SINGLE PHASE INPUT
CP5.241 PULS-CP5.241 Datasheet
881Kb / 26P
   24V, 5A, 120W, SINGLE PHASE INPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com