Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QS10.301 Datasheet(PDF) 4 Page - PULS GmbH

Part # QS10.301
Description  30V, 8A, SINGLE PHASE INPUT
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

QS10.301 Datasheet(HTML) 4 Page - PULS GmbH

  QS10.301 Datasheet HTML 1Page - PULS GmbH QS10.301 Datasheet HTML 2Page - PULS GmbH QS10.301 Datasheet HTML 3Page - PULS GmbH QS10.301 Datasheet HTML 4Page - PULS GmbH QS10.301 Datasheet HTML 5Page - PULS GmbH QS10.301 Datasheet HTML 6Page - PULS GmbH QS10.301 Datasheet HTML 7Page - PULS GmbH QS10.301 Datasheet HTML 8Page - PULS GmbH QS10.301 Datasheet HTML 9Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
QS10.301
Q-Series
30V, 8A, SINGLE PHASE INPUT
3. AC-INPUT
AC input
nom.
AC 100-240V
suitable for TN-, TT- and IT mains networks
AC input range
min.
85-276Vac
continuous operation
min.
60-85Vac
full power for 200ms, no damage between 0 and 85Vac
min.
276-300Vac
< 500ms
Allowed voltage L or N to earth
max.
276Vac
continuous, IEC 62103
Input frequency
nom.
50–60Hz
±6%
Turn-on voltage
typ.
81Vac
steady-state value, see Fig. 3-1
Shut-down voltage
typ.
63Vac
steady-state value, see Fig. 3-1
typ.
55Vac
dynamic value
External input protection
See recommendations in chapter 22.4.
AC 100V
AC 120V
AC 230V
Input current
typ.
2.65A
2.22A
1.22A
at 30V, 8A, see Fig. 3-3
Power factor *)
typ.
0.99
0.98
0.92
at 30V, 8A, see Fig. 3-4
Crest factor **)
typ.
1.65
1.67
1.85
at 30V, 8A
Start-up delay
typ.
800ms
650ms
340ms
see Fig. 3-2
Rise time
typ.
21ms
21ms
21ms
0mF, 30V, 8A, see Fig. 3-2
typ.
42ms
41ms
40ms
8mF, 30V, 8A, see Fig. 3-2
Turn-on overshoot
max.
100mV
100mV
100mV
see Fig. 3-2
*)
The power factor is the ratio of the true (or real) power to the apparent power in an AC circuit.
**) The crest factor is the mathematical ratio of the peak value to RMS value of the input current waveform.
Fig. 3-1 Input voltage range
Fig. 3-2 Turn-on behavior, definitions
85V
Rated
input range
max.
500ms
V
IN
P
OUT
4/26
60V
300Vac
276V
full
power
for
200ms
Start-up
delay
Rise
Time
- 5%
Output
Voltage
Input
Voltage
Fig. 3-3 Input current vs. output load at 30V
Fig. 3-4 Power factor vs. output load
8A
1
234
56
7
0
0.5
1.0
1.5
2.0
2.5
3.0A
Input Current, typ.
Output Current
230V
ac
120
Va
c
10
0V
ac
8A
1
234
56
7
0.75
0.8
0.85
0.9
0.95
1.0
Power Factor, typ.
100Vac
120Vac
230Vac
Output Current
Dec. 2014 / Rev. 2.2 DS-QS10.301-EN
All parameters are specified at 30V, 8A, 230Vac, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany


Similar Part No. - QS10.301

ManufacturerPart #DatasheetDescription
logo
PULS GmbH
QS10.121 PULS-QS10.121 Datasheet
779Kb / 26P
   12V, 15A, SINGLE PHASE INPUT
QS10.241 PULS-QS10.241 Datasheet
856Kb / 28P
   24V, 10A, SINGLE PHASE INPUT
QS10.241-60 PULS-QS10.241-60 Datasheet
765Kb / 27P
   24V, 200W, DC/DC CONVERTER
QS10.241-A1 PULS-QS10.241-A1 Datasheet
856Kb / 28P
   24V, 10A, SINGLE PHASE INPUT
QS10.241-C1 PULS-QS10.241-C1 Datasheet
856Kb / 28P
   24V, 10A, SINGLE PHASE INPUT
More results

Similar Description - QS10.301

ManufacturerPart #DatasheetDescription
logo
PULS GmbH
CT5.121 PULS-CT5.121 Datasheet
574Kb / 21P
   12V, 8A, TWO-PHASE INPUT
logo
Frontier Electronics.
BU8-005 FRONTIER-BU8-005 Datasheet
121Kb / 2P
   8A SILICON SINGLE-PHASE BRIDGE RECTIFIERS
logo
SEMTECH ELECTRONICS LTD...
KBPC8005 SEMTECH_ELEC-KBPC8005 Datasheet
237Kb / 2P
   8A SINGLE-PHASE SILICON BRIDGE RECTIFIERS
logo
Frontier Electronics.
BU8-005-LFR FRONTIER-BU8-005-LFR Datasheet
122Kb / 2P
   8A SILICON SINGLE-PHASE BRIDGE RECTIFIERS
GBU8-005 FRONTIER-GBU8-005 Datasheet
124Kb / 2P
   8A SILICON SINGLE-PHASE BRIDGE RECTIFIERS
GBU8-005-LFR FRONTIER-GBU8-005-LFR Datasheet
127Kb / 2P
   8A SILICON SINGLE-PHASE BRIDGE RECTIFIERS
logo
International Rectifier
KBPC6005 IRF-KBPC6005 Datasheet
163Kb / 4P
   6A, 8A Single Phase Rectifier Bridge
logo
PULS GmbH
CS3.241 PULS-CS3.241 Datasheet
611Kb / 24P
   SINGLE PHASE INPUT
CS5.244 PULS-CS5.244 Datasheet
607Kb / 23P
   SINGLE PHASE INPUT
ML50.100 PULS-ML50.100 Datasheet
637Kb / 20P
   SINGLE PHASE INPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com