Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QS10.241-A1 Datasheet(PDF) 2 Page - PULS GmbH

Part # QS10.241-A1
Description  24V, 10A, SINGLE PHASE INPUT
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

QS10.241-A1 Datasheet(HTML) 2 Page - PULS GmbH

  QS10.241-A1 Datasheet HTML 1Page - PULS GmbH QS10.241-A1 Datasheet HTML 2Page - PULS GmbH QS10.241-A1 Datasheet HTML 3Page - PULS GmbH QS10.241-A1 Datasheet HTML 4Page - PULS GmbH QS10.241-A1 Datasheet HTML 5Page - PULS GmbH QS10.241-A1 Datasheet HTML 6Page - PULS GmbH QS10.241-A1 Datasheet HTML 7Page - PULS GmbH QS10.241-A1 Datasheet HTML 8Page - PULS GmbH QS10.241-A1 Datasheet HTML 9Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
QS10.241, QS10.241-A1/ -C1/ -D1
Q-Series
24V, 10A, SINGLE PHASE INPUT
INDEX
Page
Page
1.
Intended Use .......................................................3
2.
Installation Requirements...................................3
3.
AC-Input...............................................................4
4.
DC-Input...............................................................5
5.
Input Inrush Current ...........................................6
6.
Output .................................................................7
7.
Hold-up Time.......................................................9
8.
DC-OK Relay Contact ..........................................9
9.
Efficiency and Power Losses..............................10
10. Reliability ...........................................................11
11. Functional Diagram...........................................12
12. Terminals and Wiring........................................12
13. Front Side and User Elements...........................13
14. EMC....................................................................14
15. Environment ......................................................15
16. Protection Features ...........................................16
17. Safety Features ..................................................16
18. Dielectric Strength ............................................17
19. Approvals...........................................................18
20. Physical Dimensions and Weight......................19
21. Accessories .........................................................20
21.1. ZM1.WALL Wall Mounting Bracket .......20
21.2. ZM13.SIDE Side Mounting Bracket ........20
21.3. UF20.241 Buffer Module ..........................21
21.4. YR2.DIODE Redundancy Module .............21
22. Application Notes............................................. 22
22.1. Repetitive Pulse Loading..........................22
22.2. Peak Current Capability ...........................23
22.3. Back-feeding Loads ..................................23
22.4. External Input Protection.........................23
22.5. Charging of Batteries ...............................24
22.6. Output Circuit Breakers............................24
22.7. Parallel Use to Increase Output Power....25
22.8. Parallel Use for Redundancy ....................25
22.9. Daisy Chaining of Outputs .......................26
22.10. Series Operation .......................................26
22.11. Inductive and Capacitive Loads................26
22.12. Operation on Two Phases ........................27
22.13. Use in a Tightly Sealed Enclosure ............27
22.14. Mounting Orientations ............................28
The information presented in this document is believed to be accurate and reliable and may change without notice.
No part of this document may be reproduced or utilized in any form without permission in writing from the publisher.
TERMINOLOGY AND ABREVIATIONS
PE and
symbol
PE is the abbreviation for Protective Earth and has the same meaning as the symbol
.
Earth, Ground
This document uses the term “earth” which is the same as the U.S. term “ground”.
T.b.d.
To be defined, value or description will follow later.
AC 230V
A figure displayed with the AC or DC before the value represents a nominal voltage with
standard tolerances (usually ±15%) included.
E.g.: DC 12V describes a 12V battery disregarding whether it is full (13.7V) or flat (10V)
230Vac
A figure with the unit (Vac) at the end is a momentary figure without any additional
tolerances included.
50Hz vs. 60Hz
As long as not otherwise stated, AC 230V parameters are valid at 50Hz mains frequency.
may
A key word indicating flexibility of choice with no implied preference.
shall
A key word indicating a mandatory requirement.
should
A key word indicating flexibility of choice with a strongly preferred implementation.
Dec. 2014 / Rev. 2.2 DS-QS10.241-EN
All parameters are specified at 24V, 10A, 230Vac, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
2/28


Similar Part No. - QS10.241-A1

ManufacturerPart #DatasheetDescription
logo
PULS GmbH
QS10.241-60 PULS-QS10.241-60 Datasheet
765Kb / 27P
   24V, 200W, DC/DC CONVERTER
More results

Similar Description - QS10.241-A1

ManufacturerPart #DatasheetDescription
logo
PULS GmbH
CP10.241-M1 PULS-CP10.241-M1 Datasheet
704Kb / 27P
   24V, 10A, SINGLE PHASE INPUT
CS10.243 PULS-CS10.243 Datasheet
682Kb / 25P
   24V, 10A, SINGLE PHASE INPUT
PIC240.241D PULS-PIC240.241D Datasheet
549Kb / 21P
   24V, 10A, SINGLE PHASE INPUT
PIC240.241C PULS-PIC240.241C Datasheet
507Kb / 21P
   24V, 10A, SINGLE PHASE INPUT
CS10.244 PULS-CS10.244 Datasheet
670Kb / 24P
   24V, 10A, SINGLE PHASE INPUT
CP10.241 PULS-CP10.241_17 Datasheet
955Kb / 30P
   24V, 10A, 240W, SINGLE PHASE INPUT
CP10E242 PULS-CP10E242 Datasheet
954Kb / 30P
   24V, 10A, 240W, SINGLE PHASE INPUT
CT10.241 PULS-CT10.241 Datasheet
703Kb / 22P
   24V, 10A, THREE PHASE INPUT
CP10.241-R1 PULS-CP10.241-R1 Datasheet
893Kb / 31P
   24V, 10A, 240W, SINGLE PHASE
QS3.241 PULS-QS3.241 Datasheet
793Kb / 25P
   24V, 3.4A, SINGLE PHASE INPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com