Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QS5.241-60 Datasheet(PDF) 8 Page - PULS GmbH

Part # QS5.241-60
Description  24V, 100W, DC/DC CONVERTER
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

QS5.241-60 Datasheet(HTML) 8 Page - PULS GmbH

Back Button QS5.241-60 Datasheet HTML 4Page - PULS GmbH QS5.241-60 Datasheet HTML 5Page - PULS GmbH QS5.241-60 Datasheet HTML 6Page - PULS GmbH QS5.241-60 Datasheet HTML 7Page - PULS GmbH QS5.241-60 Datasheet HTML 8Page - PULS GmbH QS5.241-60 Datasheet HTML 9Page - PULS GmbH QS5.241-60 Datasheet HTML 10Page - PULS GmbH QS5.241-60 Datasheet HTML 11Page - PULS GmbH QS5.241-60 Datasheet HTML 12Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
QS5.241-60
Q-Series
24V, 100W, DC/DC CONVERTER
7. HOLD-UP TIME
The internal capacitor, which supplies the energy for the hold-up time is isolated by a diode to the input voltage. A
short on the input line does not discharge the internal hold-up capacitor.
Hold-up Time
typ.
83ms
at 2.1A, see Fig. 7-1
min.
59ms
at 2.1A, see Fig. 7-1
typ.
42ms
at 4.2A, see Fig. 7-1
min.
30ms
at 4.2A, see Fig. 7-1
Fig. 7-1 Hold-up time vs. input voltage
Fig. 7-2 Shut-down behavior, definitions
0
25
50
100ms
90
120
155
190
230Vac
Input Voltage
75
Hold-up Time
24V, 4.2A, typ.
24V, 2.1A, min.
24V, 2.1A, typ.
24V, 4.2A, min.
- 5%
Hold-up Time
Output
Voltage
Input
Voltage
Aug. 2016 / Rev. 1.0 DS-QS5.241-60-EN
All parameters are specified at 24V, 4.2A, 110Vdc, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
8/27


Similar Part No. - QS5.241-60

ManufacturerPart #DatasheetDescription
logo
PULS GmbH
QS5.241 PULS-QS5.241 Datasheet
838Kb / 26P
   24V, 5A, SINGLE PHASE INPUT
More results

Similar Description - QS5.241-60

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
SP24S12-100 WALL-SP24S12-100 Datasheet
254Kb / 7P
   100W DC-DC Converter
SP48S48-100 WALL-SP48S48-100 Datasheet
244Kb / 7P
   100W DC-DC Converter
logo
List of Unclassifed Man...
HDD100 ETC1-HDD100 Datasheet
184Kb / 3P
   DC-DC CONVERTER 100W
logo
Wall Industries,Inc.
SP48S12-100 WALL-SP48S12-100 Datasheet
249Kb / 7P
   100W DC-DC Converter
SPW48S5-100 WALL-SPW48S5-100 Datasheet
198Kb / 7P
   100W DC-DC Converter
SPW48S12-100TH WALL-SPW48S12-100TH Datasheet
220Kb / 7P
   100W DC-DC Converter
logo
PULS GmbH
CD10.241 PULS-CD10.241 Datasheet
616Kb / 25P
   DC/DC Converter 24V/24V, 10A, 240W
QS10.241-60 PULS-QS10.241-60 Datasheet
765Kb / 27P
   24V, 200W, DC/DC CONVERTER
CP10.241-60 PULS-CP10.241-60 Datasheet
787Kb / 27P
   24V, 200W, DC/DC CONVERTER
logo
List of Unclassifed Man...
BL100-H03-I ETC2-BL100-H03-I Datasheet
205Kb / 4P
   80mm Brushless DC Motor, 100W, 24V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com