Electronic Components Datasheet Search |
|
T140D105M006AT7443 Datasheet(PDF) 5 Page - Kemet Corporation |
|
T140D105M006AT7443 Datasheet(HTML) 5 Page - Kemet Corporation |
5 / 14 page © KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com T2034_T140_AXIAL_T242 • 6/27/2016 55 Tantalum Through-Hole Capacitors – Hermetically Sealed T140 Series Axial MIL–PRF–39003 Polar Type and T242 (CSR23 Style) Rated Voltage Rated Cap Case Size Code KEMET Part Number DC Leakage DF % at 25°C MIL–PRF–39003 (CSR23) Capacitors Dash Number Reference KEMET Equivalent Military Failure Rate Level (%/1,000 Hours) MIL–PRF–39003/3F MIL–PRF–39003/3F Exponential Graded VDC µF (See below for part options) µA at 25°C Max/5 Minutes 120 Hz Maximum M (1.0) P (0.1) R (0.01) S (0.001) G (1) B (0.1) C (0.01) D (0.001) Part Number 10 470.0 D T140D477M010A(3) 16.0 10 0130 0230 0330 0430 5030 2030 3030 4030 T242D477M010(2)S 10 560.0 D T140D567K010A(3) 20.0 10 0131 0231 0331 0431 5031 2031 3031 4031 T242D567K010(2)S 10 560.0 D T140D567M010A(3) 20.0 10 15 3.9 A T140A395(1)015A(3) 1 4 15 4.7 A T140A475K015A(3) 1 4 0132 0232 0332 0432 5032 2032 3032 4032 T242A475K015(2)S 15 4.7 A T140A475M015A(3) 1 4 0133 0233 0333 0433 5033 2033 3033 4033 T242A475M015(2)S 15 5.6 A T140A565K015A(3) 1.3 4 0134 0234 0334 0434 5034 2034 3034 4034 T242A565K015(2)S 15 5.6 A T140A565M015A(3) 1.3 4 15 27.0 B T140B276(1)015A(3) 3 6 15 33.0 B T140B336K015A(3) 5 6 0135 0235 0335 0435 5035 2035 3035 4035 T242B336K015(2)S 15 33.0 B T140B336M015A(3) 5 6 0136 0236 0336 0436 5036 2036 3036 4036 T242B336M015(2)S 15 39.0 B T140B396K015A(3) 5.3 6 0137 0237 0337 0437 5037 2037 3037 4037 T242B396K015(2)S 15 39.0 B T140B396M015A(3) 5.3 6 15 82.0 C T140C826(1)015A(3) 8 6 15 100.0 C T140C107(1)015A(3) 10 6 15 120.0 C T140C127(1)015A(3) 10 6 15 150.0 C T140C157K015A(3) 15 8 0138 0238 0338 0438 5038 2038 3038 4038 T242C157K015(2)S 15 150.0 C T140C157M015A(3) 15 8 0139 0239 0339 0439 5039 2039 3039 4039 T242C157M015(2)S 15 180.0 C T140C187K015A(3) 15 8 0140 0240 0340 0440 5040 2040 3040 4040 T242C187K015(2)S 15 180.0 C T140C187M015A(3) 15 8 15 220.0 D T140D227K015A(3) 20 8 0141 0241 0341 0441 5041 2041 3041 4041 T242D227K015(2)S 15 220.0 D T140D227M015A(3) 20 8 0142 0242 0342 0442 5042 2042 3042 4042 T242D227M015(2)S 15 270.0 D T140D277K015A(3) 20 8 0143 0243 0343 0443 5043 2043 3043 4043 T242D277K015(2)S 15 270.0 D T140D277M015A(3) 20 8 15 330.0 D T140D337K015A(3) 20 8 0144 0244 0344 0444 5044 2044 3044 4044 T242D337K015(2)S 15 330.0 D T140D337M015A(3) 20 8 0145 0245 0345 0445 5045 2045 3045 4045 T242D337M015(2)S 20 2.7 A T140A275K020A(3) 0.8 4 0146 0246 0346 0446 5046 2046 3046 4046 T242A275K020(2)S 20 2.7 A T140A275M020A(3) 0.8 4 20 3.3 A T140A335K020A(3) 1.0 4 0147 0247 0347 0447 5047 2047 3047 4047 T242A335K020(2)S 20 3.3 A T140A335M020A(3) 1.0 4 0148 0248 0348 0448 5048 2048 3048 4048 T242A335M020(2)S 20 3.9 A T140A395K020A(3) 1.2 4 0149 0249 0349 0449 5049 2049 3049 4049 T242A395K020(2)S 20 3.9 A T140A395M020A(3) 1.2 4 20 18.0 B T140B186K020A(3) 3.0 6 0150 0250 0350 0450 5050 2050 3050 4050 T242B186K020(2)S 20 18.0 B T140B186M020A(3) 3.0 6 20 22.0 B T140B226K020A(3) 3.0 6 0151 0251 0351 0451 5051 2051 3051 4051 T242B226K020(2)S 20 22.0 B T140B226M020A(3) 3.0 6 0152 0252 0352 0452 5052 2052 3052 4052 T242B226M020(2)S 20 27.0 B T140B276K020A(3) 4.0 6 0153 0253 0353 0453 5053 2053 3053 4053 T242B276K020(2)S 20 27.0 B T140B276M020A(3) 4.0 6 20 56.0 C T140C566K020A(3) 7.0 6 0154 0254 0354 0454 5054 2054 3054 4054 T242C566K020(2)S 20 56.0 C T140C566M020A(3) 7.0 6 20 68.0 C T140C686K020A(3) 8.0 6 0155 0255 0355 0455 5055 2055 3055 4055 T242C686K020(2)S 20 68.0 C T140C686M020A(3) 8.0 6 0156 0256 0356 0456 5056 2056 3056 4056 T242C686M020(2)S 20 82.0 C T140C826K020A(3) 10.0 6 0157 0257 0357 0457 5057 2057 3057 4057 T242C826K020(2)S 20 82.0 C T140C826M020A(3) 10.0 6 20 100.0 C T140C107K020A(3) 12.0 6 0158 0258 0358 0458 5058 2058 3058 4058 T242C107K020(2)S 20 100.0 C T140C107M020A(3) 12.0 6 0159 0259 0359 0459 5059 2059 3059 4059 T242C107M020(2)S 20 120.0 C T140C127K020A(3) 12.0 6 0160 0260 0360 0460 5060 2060 3060 4060 T242C127K020(2)S 20 120.0 C T140C127M020A(3) 12.0 6 VDC µF Case Size Code (See below for part options) µA at 25°C Max/5 Minutes 120 Hz Maximum M (1.0) P (0.1) R (0.01) S (0.001) G (1) B (0.1) C (0.01) D (0.001) Part Number Rated Voltage Rated Cap KEMET Part Number DC Leakage DF % at 25°C MIL–PRF–39003 (CSR23) Capacitors Table 1 – Ratings & Part Number Reference cont'd (1) To complete KEMET part number, insert M for ±20% or K for ± 10%. Designates capacitance tolerance. (2) To complete KEMET part number (T242), insert failure rate code from Ordering Information table. (3) To complete KEMET T140 Part Number, insert Lead Material designator: S – Standard or T – 100% Matte Tin. Designates termination finish. |
Similar Part No. - T140D105M006AT7443 |
|
Similar Description - T140D105M006AT7443 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |