Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACPL-33JT Datasheet(PDF) 9 Page - Broadcom Corporation.

Part # ACPL-33JT
Description  Automotive 2.5 Amp Gate Drive Optocoupler
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

ACPL-33JT Datasheet(HTML) 9 Page - Broadcom Corporation.

Back Button ACPL-33JT Datasheet HTML 5Page - Broadcom Corporation. ACPL-33JT Datasheet HTML 6Page - Broadcom Corporation. ACPL-33JT Datasheet HTML 7Page - Broadcom Corporation. ACPL-33JT Datasheet HTML 8Page - Broadcom Corporation. ACPL-33JT Datasheet HTML 9Page - Broadcom Corporation. ACPL-33JT Datasheet HTML 10Page - Broadcom Corporation. ACPL-33JT Datasheet HTML 11Page - Broadcom Corporation. ACPL-33JT Datasheet HTML 12Page - Broadcom Corporation. ACPL-33JT Datasheet HTML 13Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
Broadcom
- 9 -
ACPL-33JT
Data Sheet
Electrical Specifications
VCC2 to UVLO High Delay
tPLH_UVLO
9
20
μs
30
o
VCC2 to UVLO Low Delay
tPHL_UVLO
720
μs
30
p
VCC2 UVLO to VOUT High Delay
tUVLO_ON
56.5
μs
30
q
VCC2 UVLO to VOUT Low Delay
tUVLO_OFF
1.1
2
μs
30
r
Desaturation Protection
Desat Sensing Threshold
VDESAT
6.65
7.0
7.35
V
18
Desat Charging Current
ICHG
0.8
1.0
1.2
mA
VDESAT = 0V,
VDESAT =6V
19
Desat Discharging Current
IDSCHG
19
60
106
mA
VDESAT = 7.5V
20
Desat Blanking Time
tDESAT(BLANKING)
0.3
0.6
0.9
μs
RSSD = 0
Cg= 10 nF
30
s
Desat Sense to 90% VGATE Delay
tDESAT(90%)
0.05
0.2
0.5
μs
22, 30
t
Desat Sense to 10% VGATE Delay
tDESAT(10%)
0.5
1.2
2
μs
22, 30
u
Desat to Low Level FAULT Signal Delay
tDESAT(FAULT)
4.4
8
μs
v
Output Mute Time due to Desaturation tDESAT(MUTE)
37.5
12
ms
30
w
Time Input Kept Low Before Fault Reset
to High
tDESAT(RESET)
37.5
12
ms
30
x
a.
PWM switching frequency of primary gate drive (PGD) is dithered in a range of ±6% typically over 3.3 ms.
b.
CIN is measured between pin 7 and pin 8 of the IC.
c.
Maximum pulse width=1 μs, maximum duty cycle=1%.
d.
Maximum pulse width = 1.0 ms, maximum duty cycle = 1%.
e.
Once VOH of ACPL-33JT is allowed to go high (VCC2 – VEE2 > VUVLO), the DESAT detection features of the ACPL-33JT will be the primary source of IGBT
protection. Once VCC2 exceeds VUVLO+ threshold, DESAT will remain functional until VCC2 is below VUVLO- threshold. Thus, the DESAT detection and UVLO
features of the ACPL-33JT work in conjunction to ensure constant IGBT protection.
f.
tPLH is defined as propagation delay from 50% of LED input IF to 50% of High level output.
g.
tPHL is defined as propagation delay from 50% of LED input IF to 50% of Low level output.
h.
Pulse Width Distortion (PWD) is defined as (tPHL – tPLH) of any given unit.
i.
As measured from IF to VO.
j.
Dead Time Distortion (DTD) is defined as (tPLH – tPHL) between any two ACPL-33JT under the same test conditions.
k.
Common mode transient immunity in the output high state is the maximum tolerable dVCM/dt of the common mode pulse, VCM, to ensure that the output
remains in the high state (that is, VO > 14V). CMH specification is guaranteed by design and not subjected to production test.
l.
Common mode transient immunity in the output low state is the maximum tolerable dVCM/dt of the common mode pulse, VCM, to ensure that the output
remains in the low state (that is, VO < 2.0V). CML specification is guaranteed by design and not subjected to production test.
m.
This is the “increasing” (that is, turn-on or “positive going” direction) of VCC2 – VEE2.
n.
This is the “decreasing” (that is, turn-off or “negative going” direction) of VCC2 – VEE2.
o.
The delay time when VCC2 exceeded UVLO+ threshold to 50% of /UVLO positive going edge.
p.
The delay time when VCC2 exceeded UVLO- threshold to 50% of /UVLO negative going edge.
q.
The delay time when VCC2 exceeded UVLO+ threshold to 50% of High level output.
r.
The delay time when VCC2 exceeded UVLO- threshold to 50% of Low level output.
s.
The delay time for ACPL-33JT to respond to a DESAT fault condition without any external DESAT capacitor.
t.
The amount of time from when DESAT threshold is exceeded to 90% of VGATE at mentioned test conditions.
u.
The amount of time from when DESAT threshold is exceeded to 10% of VGATE at mentioned test conditions.
v.
The amount of time from when DESAT threshold is exceeded to /Fault output Low – 50% of VCC1 voltage.
w.
The amount of time when DESAT threshold is exceeded, Output is mute to LED input.
x.
The amount of time when DESAT Mute time is expired, LED input must be kept Low for Fault status to return to High.
Table 8 Electrical Specifications (Continued)
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Fig.
Note


Similar Part No. - ACPL-33JT

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-330J AVAGO-ACPL-330J Datasheet
302Kb / 22P
   Fault Feedback, Active Miller Clamp and Auto-Fault Reset
ACPL-331J AVAGO-ACPL-331J Datasheet
607Kb / 23P
   1.5 Amp Output Current IGBT Gate Driver Optocoupler with Integrated (VCE) Desaturation Detection
ACPL-331J-000E AVAGO-ACPL-331J-000E Datasheet
300Kb / 22P
   1.5 Amp Output Current IGBT Gate Driver Optocoupler
ACPL-331J-500E AVAGO-ACPL-331J-500E Datasheet
300Kb / 22P
   1.5 Amp Output Current IGBT Gate Driver Optocoupler with Integrated (VCE) Desaturation Detection, UVLO, Fault Status Feedback and Active Miller Clamping
ACPL-332J AVAGO-ACPL-332J Datasheet
299Kb / 23P
   2.5 Amp Output Current IGBT Gate Driver Optocoupler with Integrated (VCE) Desaturation Detection, UVLO Fault Status Feedback and Active Miller Clamping
More results

Similar Description - ACPL-33JT

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-312T-300E AVAGO-ACPL-312T-300E Datasheet
226Kb / 2P
   Automotive 2.5 Amp, Output Current IBGP Gate Drive Optocoupler
ACPL-312T-000E AVAGO-ACPL-312T-000E Datasheet
226Kb / 2P
   Automotive 2.5 Amp, Output Current IBGP Gate Drive Optocoupler
HCPL-3120-560E AVAGO-HCPL-3120-560E Datasheet
507Kb / 24P
   2.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-3120-000E AVAGO-HCPL-3120-000E Datasheet
465Kb / 24P
   2.5 Amp Output Current IGBT Gate Drive Optocoupler
ACPL-H342-000E AVAGO-ACPL-H342-000E Datasheet
707Kb / 19P
   2.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-3120-300E AVAGO-HCPL-3120-300E Datasheet
465Kb / 24P
   2.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-3120-500E AVAGO-HCPL-3120-500E Datasheet
409Kb / 25P
   2.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-J312 AVAGO-HCPL-J312 Datasheet
465Kb / 24P
   2.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-3180-360 AVAGO-HCPL-3180-360 Datasheet
259Kb / 16P
   2.5 Amp Output Current, High Speed, Gate Drive Optocoupler
HCPL-3180-000E AVAGO-HCPL-3180-000E Datasheet
259Kb / 16P
   2.5 Amp Output Current, High Speed, Gate Drive Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com