Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MGA-24106-BLKG Datasheet(PDF) 2 Page - Broadcom Corporation.

Part # MGA-24106-BLKG
Description  High-Gain, Low Current Low Noise Amplifier
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

MGA-24106-BLKG Datasheet(HTML) 2 Page - Broadcom Corporation.

  MGA-24106-BLKG Datasheet HTML 1Page - Broadcom Corporation. MGA-24106-BLKG Datasheet HTML 2Page - Broadcom Corporation. MGA-24106-BLKG Datasheet HTML 3Page - Broadcom Corporation. MGA-24106-BLKG Datasheet HTML 4Page - Broadcom Corporation. MGA-24106-BLKG Datasheet HTML 5Page - Broadcom Corporation. MGA-24106-BLKG Datasheet HTML 6Page - Broadcom Corporation. MGA-24106-BLKG Datasheet HTML 7Page - Broadcom Corporation. MGA-24106-BLKG Datasheet HTML 8Page - Broadcom Corporation. MGA-24106-BLKG Datasheet HTML 9Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
2
Absolute Maximum Rating[1] TA = 25°C
Symbol
Parameter
Units
Absolute Max.
Vdd
Device Drain to Source Voltage[2]
V
4
Idd
Drain Current[2]
mA
15
Pin,max
CW RF Input Power (Vdd = 2.7V, Idd = 3.3mA)
dBm
13
Pdiss
Total Power Dissipation 3]
mW
60
Tc[4]
Recommended Operating Temperature[5]
°C
-40 to +85
Tj
Junction Temperature
°C
150
TSTG
Storage Temperature
°C
-65 to 150
Notes:
1. Operation of this device in excess of any of these limits may cause permanent damage.
2. Assuming DC quiescent conditions.
3. Board (module belly) temperature TB is 25°C. Derate 5.4 mW/°C for Tb > 138.9°C.
4. Tc is defined as case temperature, the temperature of the underside of the device where it makes contact with the circuit board.
5. The device will function over the recommended range without degradation in reliability or permanent change in performance, but is not
guaranteed to meet the electrical specification.
Thermal Resistance (6)
(Vdd = 2.7V, Idd = 3.3mA)
θjc = 185.0°C/W
Notes:
6. Thermal resistance measured
using Infra-Red measurement
technique.


Similar Part No. - MGA-24106-BLKG

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
MGA-24106-BLKG AVAGO-MGA-24106-BLKG Datasheet
975Kb / 19P
   High-Gain, Low Current Low Noise Amplifier with Variable Current and Shutdown Function
More results

Similar Description - MGA-24106-BLKG

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
DEMO-MGA-24106 BOARDCOM-DEMO-MGA-24106 Datasheet
975Kb / 19P
   High-Gain, Low Current Low Noise Amplifier
logo
Advanced Semiconductor ...
ASL52D6 ASB-ASL52D6 Datasheet
295Kb / 6P
   High Gain, Low Noise Amplifier
May 2012
ASL5543 ASB-ASL5543 Datasheet
436Kb / 10P
   High Gain, Low Noise Amplifier
June 2014
ASL19D ASB-ASL19D_17 Datasheet
510Kb / 7P
   High Gain, Low Noise Amplifier
April 2017
ASL52D6 ASB-ASL52D6_17 Datasheet
641Kb / 8P
   High Gain, Low Noise Amplifier
April 2017
ASL563 ASB-ASL563_17 Datasheet
762Kb / 11P
   High Gain, Low Noise Amplifier
February 2017
ASL51S9 ASB-ASL51S9 Datasheet
426Kb / 8P
   High Gain, Low Noise Amplifier
June 2014
AST163 ASB-AST163_17 Datasheet
679Kb / 9P
   High Gain, Low Noise Amplifier
February 2017
AST20S ASB-AST20S_17 Datasheet
3Mb / 41P
   High Gain, Low Noise Amplifier
February 2017
ASL5463 ASB-ASL5463_17 Datasheet
522Kb / 12P
   High Gain, Low Noise Amplifier
August 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com