Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MGA-24106-TR2G Datasheet(PDF) 1 Page - Broadcom Corporation.

Part # MGA-24106-TR2G
Description  High-Gain, Low Current Low Noise Amplifier
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

MGA-24106-TR2G Datasheet(HTML) 1 Page - Broadcom Corporation.

  MGA-24106-TR2G Datasheet HTML 1Page - Broadcom Corporation. MGA-24106-TR2G Datasheet HTML 2Page - Broadcom Corporation. MGA-24106-TR2G Datasheet HTML 3Page - Broadcom Corporation. MGA-24106-TR2G Datasheet HTML 4Page - Broadcom Corporation. MGA-24106-TR2G Datasheet HTML 5Page - Broadcom Corporation. MGA-24106-TR2G Datasheet HTML 6Page - Broadcom Corporation. MGA-24106-TR2G Datasheet HTML 7Page - Broadcom Corporation. MGA-24106-TR2G Datasheet HTML 8Page - Broadcom Corporation. MGA-24106-TR2G Datasheet HTML 9Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
MGA-24106
High-Gain, Low Current Low Noise Amplifier
with Variable Current and Shutdown Function
Data Sheet
Description
Avago Technologies’ MGA-24106 is a low-noise amplifier
(LNA) designed for GPS/ISM/WiMAX applications in the
(0.9-3.5) GHz frequency range. The LNA uses Avago Tech-
nologies’ proprietary GaAs Enhancement-mode pHEMT
process to achieve high gain with very low noise figure
and high linearity. Noise figure distribution is very tightly
controlled. A CMOS-compatible shutdown pin is included
either for turning the LNA on/off, or for current adjust-
ment.
The low noise figure and high gain, coupled with low cur-
rent consumption make it suitable for use in critical low-
power GPS applications or during low-battery operation.
Component Image
Surface Mount 1.5x1.2x0.5 mm3 6-lead uDFN
Features
• Very Low Noise Figure : 0.97dB typical
• High Gain : 17.9 dB typical
• High IIP3 and IP1dB
• Advanced GaAs E-pHEMT
• Low external component count
• Shutdown current : < 5 uA
• CMOS compatible shutdown pin (SD) current at 2.7V
drawing 80uA
• Useable down to 1.8V supply
• Adjustable current via single external resistor/voltage
• Small package dimension: 1.5(L)x1.2(W)x0.5(H) mm3
Specifications (Typical performance @ 25°C)
At 1.575GHz
• Vdd = 2.7V, Vsd = 2.7V, Idd = 3.3mA,
– Gain = 17.9 dB
– NF = 0.97 dB
– IIP3 = -2.0 dBm, IP1dB = -9.7 dBm
– S11 = -9.3 dB, S22 =-13 dB
• Vdd = 3.3V, Vsd = 3.3V, Idd = 6.0 mA,
– Gain = 19.6 dB
– NF = 0.87 dB
– IIP3 = -0.2 dBm, IP1dB = -8.7 dBm
– S11 = -9.5 dB, S22 =-20 dB
Application
• LNA for GPS, Cellular, PCS , UMTS, WLAN, WiMAX, LTE
applications.
Attention: Observe precautions for han-
dling electrostatic sensitive devices.
ESD Machine Model = 50 V
ESD Human Body Model = 250 V
Refer to Avago Application Note A004R:
Electrostatic Discharge, Damage and Control.
AX
PIN 1
PIN 2
PIN 3
PIN 4
PIN 5
PIN 6
PIN 1: Vsd
PIN 2: RFin
PIN 3: NC[1]
PIN 6: NC
PIN 4: NC
PIN 5: RFout/Vdd
GND
Top View
Bottom View
Note:
Package marking provides orientation and identification
“A” = Product Code
“X” = Year & work week of manufacture
[1] PIN 3 must be left unconnected
L1
L2
L3
C1
C2
Vsd
Vdd
RF in
RF out
BIAS CIRCUIT


Similar Part No. - MGA-24106-TR2G

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
MGA-24106-TR2G AVAGO-MGA-24106-TR2G Datasheet
975Kb / 19P
   High-Gain, Low Current Low Noise Amplifier with Variable Current and Shutdown Function
More results

Similar Description - MGA-24106-TR2G

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
DEMO-MGA-24106 BOARDCOM-DEMO-MGA-24106 Datasheet
975Kb / 19P
   High-Gain, Low Current Low Noise Amplifier
logo
Advanced Semiconductor ...
ASL52D6 ASB-ASL52D6 Datasheet
295Kb / 6P
   High Gain, Low Noise Amplifier
May 2012
ASL5543 ASB-ASL5543 Datasheet
436Kb / 10P
   High Gain, Low Noise Amplifier
June 2014
ASL19D ASB-ASL19D_17 Datasheet
510Kb / 7P
   High Gain, Low Noise Amplifier
April 2017
ASL52D6 ASB-ASL52D6_17 Datasheet
641Kb / 8P
   High Gain, Low Noise Amplifier
April 2017
ASL563 ASB-ASL563_17 Datasheet
762Kb / 11P
   High Gain, Low Noise Amplifier
February 2017
ASL51S9 ASB-ASL51S9 Datasheet
426Kb / 8P
   High Gain, Low Noise Amplifier
June 2014
AST163 ASB-AST163_17 Datasheet
679Kb / 9P
   High Gain, Low Noise Amplifier
February 2017
AST20S ASB-AST20S_17 Datasheet
3Mb / 41P
   High Gain, Low Noise Amplifier
February 2017
ASL5463 ASB-ASL5463_17 Datasheet
522Kb / 12P
   High Gain, Low Noise Amplifier
August 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com