Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T140C105M020AT7443 Datasheet(PDF) 4 Page - Kemet Corporation

Part # T140C105M020AT7443
Description  T140 Series Axial MIL?밣RF??9003 Polar Type and T242 (CSR23 Style)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T140C105M020AT7443 Datasheet(HTML) 4 Page - Kemet Corporation

  T140C105M020AT7443 Datasheet HTML 1Page - Kemet Corporation T140C105M020AT7443 Datasheet HTML 2Page - Kemet Corporation T140C105M020AT7443 Datasheet HTML 3Page - Kemet Corporation T140C105M020AT7443 Datasheet HTML 4Page - Kemet Corporation T140C105M020AT7443 Datasheet HTML 5Page - Kemet Corporation T140C105M020AT7443 Datasheet HTML 6Page - Kemet Corporation T140C105M020AT7443 Datasheet HTML 7Page - Kemet Corporation T140C105M020AT7443 Datasheet HTML 8Page - Kemet Corporation T140C105M020AT7443 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
T2034_T140_AXIAL_T242 • 6/27/2016
44
Tantalum Through-Hole Capacitors – Hermetically Sealed
T140 Series Axial MIL–PRF–39003 Polar Type and T242 (CSR23 Style)
Table 1 – Ratings & Part Number Reference
(1) To complete KEMET part number, insert M for ±20% or K for ± 10%. Designates capacitance tolerance.
(2) To complete KEMET part number (T242), insert failure rate code from Ordering Information table.
(3) To complete KEMET T140 Part Number, insert Lead Material designator: S – Standard or T – 100% Matte Tin. Designates termination finish.
Rated
Voltage
Rated
Cap
Case
Size
Code
KEMET Part
Number
DC
Leakage
DF
% at
25°C
MIL–PRF–39003 (CSR23) Capacitors
Dash Number Reference
KEMET
Equivalent
Military
Failure Rate Level (%/1,000 Hours)
MIL–PRF–39003/3F
MIL–PRF–39003/3F
Exponential
Graded
VDC
µF
(See below for
part options)
µA at 25°C
Max/5 Minutes
120 Hz
Maximum
M
(1.0)
P
(0.1)
R
(0.01)
S
(0.001)
G
(1)
B
(0.1)
C
(0.01)
D
(0.001)
Part Number
6
8.2
A
T140A825(1)006A(3)
0.9
6
6
10.0
A
T140A106K006A(3)
0.9
6
0101
0201
0301
0401
5001
2001
3001
4001
T242A106K006(2)S
6
10.0
A
T140A106M006A(3)
0.9
6
0102
0202
0302
0402
5002
2002
3002
4002
T242A106M006(2)S
6
12.0
A
T140A126K006A(3)
1.0
6
0103
0203
0303
0403
5003
2003
3003
4003
T242A126K006(2)S
6
12.0
A
T140A126M006A(3)
1.0
6
6
68.0
B
T140B686(1)006A(3)
3.0
6
6
82.0
B
T140B826(1)006A(3)
3.0
6
6
100.0
B
T140B107K006A(3)
6.0
6
0104
0204
0304
0404
5004
2004
3004
4004
T242B107K006(2)S
6
100.0
B
T140B107M006A(3)
6.0
6
0105
0205
0305
0405
5005
2005
3005
4005
T242B107M006(2)S
6
220.0
C
T140C227(1)006A(3)
10.0
8
6
270.0
C
T140C277(1)006A(3)
10.0
8
6
330.0
C
T140C337K006A(3)
10.0
8
0106
0206
0306
0406
5006
2006
3006
4006
T242C337K006(2)S
6
330.0
C
T140C337M006A(3)
10.0
8
0107
0207
0307
0407
5007
2007
3007
4007
T242C337M006(2)S
6
390.0
C
T140C397K006A(3)
10.0
10
0108
0208
0308
0408
5008
2008
3008
4008
T242C397K006(2)S
6
390.0
C
T140C397M006A(3)
10.0
10
6
470.0
C
T140C477K006A(3)
10.0
10
0109
0209
0309
0409
5009
2009
3009
4009
T242C477K006(2)S
6
470.0
C
T140C477M006A(3)
10.0
10
0110
0210
0310
0410
5010
2010
3010
4010
T242C477M006(2)S
6
560.0
D
T140D567(1)006A(3)
20.0
10
6
680.0
D
T140D687K006A(3)
20.0
10
0111
0211
0311
0411
5011
2011
3011
4011
T242D687K006(2)S
6
680.0
D
T140D687M006A(3)
20.0
10
0112
0212
0312
0412
5012
2012
3012
4012
T242D687M006(2)S
6
820.0
D
T140D827K006A(3)
20.0
10
0113
0213
0313
0413
5013
2013
3013
4013
T242D827K006(2)S
6
820.0
D
T140D827M006A(3)
20.0
10
6
1000.0
D
T140D108K006A(3)
20.0
10
0114
0214
0314
0414
5014
2014
3014
4014
T242D108K006(2)S
6
1000.0
D
T140D108M006A(3)
20.0
10
0115
0215
0315
0415
5015
2015
3015
4015
T242D108M006(2)S
6
1200.0
D
T140D128M006A(3)
20.0
10
10
5.6
A
T140A565(1)010A(3)
1.0
4
10
6.8
A
T140A685K010A(3)
1.0
6
0116
0216
0316
0416
5016
2016
3016
4016
T242A685K010(2)S
10
6.8
A
T140A685M010A(3)
1.0
6
0117
0217
0317
0417
5017
2017
3017
4017
T242A685M010(2)S
10
8.2
A
T140A825K010A(3)
1.2
6
0118
0218
0318
0418
5018
2018
3018
4018
T242A825K010(2)S
10
8.2
A
T140A825M010A(3)
1.2
6
10
47.0
B
T140B476K010A(3)
4.0
6
0119
0219
0319
0419
5019
2019
3019
4019
T242B476K010(2)S
10
47.0
B
T140B476M010A(3)
4.0
6
0120
0220
0320
0420
5020
2020
3020
4020
T242B476M010(2)S
10
56.0
B
T140B566K010A(3)
5.0
6
0121
0221
0321
0421
5021
2021
3021
4021
T242B566K010(2)S
10
56.0
B
T140B566M010A(3)
5.0
6
10
68.0
B
T140B686K010A(3)
6.0
6
0122
0222
0322
0422
5022
2022
3022
4022
T242B686K010(2)S
10
68.0
B
T140B686M010A(3)
6.0
6
0123
0223
0323
0423
5023
2023
3023
4023
T242B686M010(2)S
10
82.0
B
T140B826K010A(3)
7.0
6
0124
0224
0324
0424
5024
2024
3024
4024
T242B826K010(2)S
10
82.0
B
T140B826M010A(3)
7.0
6
10
150.0
C
T140C157(1)010A(3)
8.0
8
10
180.0
C
T140C187(1)010A(3)
8.0
8
10
220.0
C
T140C227K010A(3)
12.0
8
0125
0225
0325
0425
5025
2025
3025
4025
T242C227K010(2)S
10
220.0
C
T140C227M010A(3)
12.0
8
0126
0226
0326
0426
5026
2026
3026
4026
T242C227M010(2)S
10
270.0
C
T140C277K010A(3)
13.0
8
0127
0227
0327
0427
5027
2027
3027
4027
T242C277K010(2)S
10
270.0
C
T140C277M010A(3)
13.0
8
10
330.0
D
T140D337(1)010A(3)
16.0
8
10
390.0
D
T140D397K010A(3)
16.0
10
0128
0228
0328
0428
5028
2028
3028
4028
T242D397K010(2)S
10
390.0
D
T140D397M010A(3)
16.0
10
10
470.0
D
T140D477K010A(3)
16.0
10
0129
0229
0329
0429
5029
2029
3029
4029
T242D477K010(2)S
VDC
µF
Case
Size
Code
(See below for
part options)
µA at 25°C
Max/5 Minutes
120 Hz
Maximum
M
(1.0)
P
(0.1)
R
(0.01)
S
(0.001)
G
(1)
B
(0.1)
C
(0.01)
D
(0.001)
Part Number
Rated
Voltage
Rated
Cap
KEMET Part
Number
DC
Leakage
DF
% at
25°C
MIL–PRF–39003 (CSR23) Capacitors


Similar Part No. - T140C105M020AT7443

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T140C105M050ASC KEMET-T140C105M050ASC Datasheet
590Kb / 84P
   TANTALUM HERMETICALLY SEALED / AXIAL
T140C105M050BSC KEMET-T140C105M050BSC Datasheet
590Kb / 84P
   TANTALUM HERMETICALLY SEALED / AXIAL
T140C105M050CSC KEMET-T140C105M050CSC Datasheet
590Kb / 84P
   TANTALUM HERMETICALLY SEALED / AXIAL
T140C105M050DSC KEMET-T140C105M050DSC Datasheet
590Kb / 84P
   TANTALUM HERMETICALLY SEALED / AXIAL
T140C105M050MSC KEMET-T140C105M050MSC Datasheet
590Kb / 84P
   TANTALUM HERMETICALLY SEALED / AXIAL
More results

Similar Description - T140C105M020AT7443

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T110 KEMET-T110 Datasheet
809Kb / 26P
   Series Axial MIL?밣RF??9003 Polar Type and T212 (CSR13 Style)
T110A105K050AT7200 KEMET-T110A105K050AT7200 Datasheet
1Mb / 26P
   T110 Series Axial MIL-PRF-39003 Polar Type and T212 (CSR13 Style)
T32XA474M035AT KEMET-T32XA474M035AT Datasheet
576Kb / 15P
   T322 and T323 Series MIL?밣RF??9137/1 and 5 (CX01 and CX05 Style)
logo
Vishay Siliconix
EKSU VISHAY-EKSU Datasheet
101Kb / 6P
   Aluminum Capacitors Radial Style Non-Polar
Revision: 24-Jun-08
logo
RFE international
TN331M0JTR080160 RFE-TN331M0JTR080160 Datasheet
86Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITOR TN Series: Axial Non-Polar
logo
Amphenol Corporation
MS3102A20-15P AMPHENOL-MS3102A20-15P Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015 Type Standard
logo
RFE international
TB330M1HTR160380 RFE-TB330M1HTR160380 Datasheet
76Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITORS TB/TBL Series: Axial, Bi-Polar
logo
Amphenol Corporation
MS3102A14S-7S AMPHENOL-MS3102A14S-7S Datasheet
1Mb / 54P
   MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
12-020 AMPHENOL-12-020 Datasheet
2Mb / 73P
   MIL-DTL-5015 and Mil-5015 Type Standard Cylindrical Connectors
logo
Vishay Siliconix
EBUEBT VISHAY-EBUEBT Datasheet
97Kb / 7P
   Aluminum Capacitors Axial Non-Polar Capacitor Styles
Revision: 11-Jun-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com