Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THC63LVDM83E Datasheet(PDF) 5 Page - THine Electronics, Inc.

Part # THC63LVDM83E
Description  SMALL PACKAGE / 24Bit COLOR LVDS TRANSMITTER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINE [THine Electronics, Inc.]
Direct Link  http://www.thine.co.jp/index_e.html
Logo THINE - THine Electronics, Inc.

THC63LVDM83E Datasheet(HTML) 5 Page - THine Electronics, Inc.

  THC63LVDM83E_15 Datasheet HTML 1Page - THine Electronics, Inc. THC63LVDM83E_15 Datasheet HTML 2Page - THine Electronics, Inc. THC63LVDM83E_15 Datasheet HTML 3Page - THine Electronics, Inc. THC63LVDM83E_15 Datasheet HTML 4Page - THine Electronics, Inc. THC63LVDM83E_15 Datasheet HTML 5Page - THine Electronics, Inc. THC63LVDM83E_15 Datasheet HTML 6Page - THine Electronics, Inc. THC63LVDM83E_15 Datasheet HTML 7Page - THine Electronics, Inc. THC63LVDM83E_15 Datasheet HTML 8Page - THine Electronics, Inc. THC63LVDM83E_15 Datasheet HTML 9Page - THine Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
THC63LVDM83E_Rev.1.30_E
Copyright©2012 THine Electronics, Inc.
4
THine Electronics, Inc.
Absolute Maximum Ratings
Parameter
Min
Max
Units
Supply Voltage
-0.3
+4.0
V
LV-CMOS/TTL Input Voltage
-0.3
VCC + 0.3
V
LVDS Transmitter Output Voltage
-0.3
VCC + 0.3
V
Output Current
-30
30
mA
Junction Temperature
+125
°C
Storage Temperature
-55
+125
°C
Reflow Peak Temperature
+260
°C
Reflow Peak Temperature Time
10
sec
Maximum Power Dissipation @+25
°C
1.2
W
Recommended Operating Conditions
Symbol
Parameter
Min
Typ
Max
Units
All Supply Voltage
3.0
3.3
3.6
V
Ta
Operating Ambient Temperature
0
25
+70
°C
Clock Frequency
8
160
MHz


Similar Part No. - THC63LVDM83E_15

ManufacturerPart #DatasheetDescription
logo
THine Electronics, Inc.
THC63LVDM83E THINE-THC63LVDM83E Datasheet
333Kb / 13P
   SMALL PACKAGE / 24Bit COLOR LVDS TRANSMITTER
More results

Similar Description - THC63LVDM83E_15

ManufacturerPart #DatasheetDescription
logo
THine Electronics, Inc.
THC63LVDM83E THINE-THC63LVDM83E Datasheet
333Kb / 13P
   SMALL PACKAGE / 24Bit COLOR LVDS TRANSMITTER
THC63LVDM87 THINE-THC63LVDM87_15 Datasheet
273Kb / 13P
   LOW POWER / SMALL PACKAGE / 24Bit COLOR LVDS TRANSMITTER
THC63LVD827 THINE-THC63LVD827 Datasheet
345Kb / 19P
   LOW POWER / SMALL PACKAGE / 24Bit COLOR LVDS TRANSMITTER
THC63LVDM87 THINE-THC63LVDM87 Datasheet
123Kb / 12P
   LOW POWER / SMALL PACKAGE / 24Bit COLOR LVDS TRANSMITTER
THC36LVD827-Q THINE-THC36LVD827-Q Datasheet
941Kb / 19P
   24Bit COLOR LVDS TRANSMITTER
THC63LVDM83D THINE-THC63LVDM83D_17 Datasheet
668Kb / 17P
   24bit COLOR LVDS TRANSMITTER
THC63LVDM83D THINE-THC63LVDM83D_16 Datasheet
2Mb / 18P
   24bit COLOR LVDS TRANSMITTER
THC63LVDM83D-Z THINE-THC63LVDM83D-Z Datasheet
1Mb / 17P
   24bit COLOR OPEN LDI(LVDS) TRANSMITTER
THC63LVDR84C THINE-THC63LVDR84C_16 Datasheet
456Kb / 15P
   24bit Color LVDS Receiver
THC63LVDF84B THINE-THC63LVDF84B_16 Datasheet
1Mb / 16P
   24bit COLOR LVDS RECEIVER (Falling Edge Clock)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com