Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K9K1G16Q0A Datasheet(PDF) 7 Page - Samsung semiconductor

Part # K9K1G16Q0A
Description  128M x 8 Bit / 64M x 16 Bit NAND Flash Memory
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K9K1G16Q0A Datasheet(HTML) 7 Page - Samsung semiconductor

Back Button K9K1G16Q0A Datasheet HTML 3Page - Samsung semiconductor K9K1G16Q0A Datasheet HTML 4Page - Samsung semiconductor K9K1G16Q0A Datasheet HTML 5Page - Samsung semiconductor K9K1G16Q0A Datasheet HTML 6Page - Samsung semiconductor K9K1G16Q0A Datasheet HTML 7Page - Samsung semiconductor K9K1G16Q0A Datasheet HTML 8Page - Samsung semiconductor K9K1G16Q0A Datasheet HTML 9Page - Samsung semiconductor K9K1G16Q0A Datasheet HTML 10Page - Samsung semiconductor K9K1G16Q0A Datasheet HTML 11Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 43 page
background image
FLASH MEMORY
7
K9K1G08U0A
K9K1G08Q0A
K9K1G16U0A
K9K1G16Q0A
Preliminary
512B Bytes
16 Bytes
Figure 1-1. Functional Block Diagram
Figure 2-1. Array Organization
NOTE : Column Address : Starting Address of the Register.
00h Command(Read) : Defines the starting address of the 1st half of the register.
01h Command(Read) : Defines the starting address of the 2nd half of the register.
* A8 is set to "Low" or "High" by the 00h or 01h Command.
* L must be set to "Low".
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
1st Cycle
A0
A1
A2
A3
A4
A5
A6
A7
2nd Cycle
A9
A10
A11
A12
A13
A14
A15
A16
3rd Cycle
A17
A18
A19
A20
A21
A22
A23
A24
4th Cycle
A25
A26
*L
*L
*L
*L
*L
*L
VCC
X-Buffers
Command
I/O Buffers & Latches
Latches
& Decoders
Y-Buffers
Latches
& Decoders
Register
Control Logic
& High Voltage
Generator
Global Buffers
Output
Driver
VSS
A9 - A26
A0 - A7
Command
CE
RE
WE
CLE
WP
I/0 0
I/0 7
VCC
VSS
A8
1st half Page Register
(=256 Bytes)
2nd half Page Register
(=256 Bytes)
256K Pages
(=8,192 Blocks)
512 Bytes
8 bit
16 Bytes
1 Block = 32 Pages
(16K + 512) Byte
I/O 0 ~ I/O 7
1 Page = 528 Bytes
1 Block = 528 B x 32 Pages
= (16K + 512) Bytes
1 Device = 528B x 32Pages x 8,192 Blocks
= 1,056 Mbits
Column Address
Row Address
(Page Address)
Page Register
ALE
1,024M + 32M Bit
NAND Flash
ARRAY
(512 + 16)Byte x 262,144
Y-Gating
Page Register & S/A


Similar Part No. - K9K1G16Q0A

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9K1G08B0B SAMSUNG-K9K1G08B0B Datasheet
1Mb / 41P
   128M x 8 Bit NAND Flash Memory
K9K1G08R0B SAMSUNG-K9K1G08R0B Datasheet
1Mb / 41P
   128M x 8 Bit NAND Flash Memory
K9K1G08U0B SAMSUNG-K9K1G08U0B Datasheet
1Mb / 41P
   128M x 8 Bit NAND Flash Memory
K9K1G08U0M-YCB0 SAMSUNG-K9K1G08U0M-YCB0 Datasheet
467Kb / 37P
   128M x 8 Bit NAND Flash Memory
K9K1G08U0M-YIB0 SAMSUNG-K9K1G08U0M-YIB0 Datasheet
467Kb / 37P
   128M x 8 Bit NAND Flash Memory
More results

Similar Description - K9K1G16Q0A

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K91G08Q0M SAMSUNG-K91G08Q0M Datasheet
729Kb / 40P
   128M x 8 Bit / 64M x 16 Bit NAND Flash Memory
K9K2G08U0M SAMSUNG-K9K2G08U0M Datasheet
680Kb / 39P
   256M x 8 Bit / 128M x 16 Bit NAND Flash Memory
K9F1208D0A SAMSUNG-K9F1208D0A Datasheet
748Kb / 46P
   64M x 8 Bit , 32M x 16 Bit NAND Flash Memory
K9K1208Q0C SAMSUNG-K9K1208Q0C Datasheet
953Kb / 39P
   64M x 8 Bit , 32M x 16 Bit NAND Flash Memory
K9K2G08U0M-VCB0 SAMSUNG-K9K2G08U0M-VCB0 Datasheet
734Kb / 38P
   256M x 8 Bit / 128M x 16 Bit NAND Flash Memory
K9F1216U0A SAMSUNG-K9F1216U0A Datasheet
968Kb / 45P
   64M x 8 Bit , 32M x 16 Bit NAND Flash Memory
K9W4G08U1M SAMSUNG-K9W4G08U1M Datasheet
641Kb / 40P
   256M x 8 Bit / 128M x 16 Bit NAND Flash Memory
K9F1208Q0B SAMSUNG-K9F1208Q0B Datasheet
767Kb / 45P
   64M x 8 Bit NAND Flash Memory
K9F1208R0B SAMSUNG-K9F1208R0B Datasheet
1Mb / 45P
   64M x 8 Bit NAND Flash Memory
K9F1G08U0B SAMSUNG-K9F1G08U0B Datasheet
570Kb / 36P
   128M x 8 Bit NAND Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com