Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KM416S1120D Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # KM416S1120D
Description  512K x 16bit x 2 Banks Synchronous DRAM LVTTL
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

KM416S1120D Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  KM416S1120D Datasheet HTML 1Page - List of Unclassifed Manufacturers KM416S1120D Datasheet HTML 2Page - List of Unclassifed Manufacturers KM416S1120D Datasheet HTML 3Page - List of Unclassifed Manufacturers KM416S1120D Datasheet HTML 4Page - List of Unclassifed Manufacturers KM416S1120D Datasheet HTML 5Page - List of Unclassifed Manufacturers KM416S1120D Datasheet HTML 6Page - List of Unclassifed Manufacturers KM416S1120D Datasheet HTML 7Page - List of Unclassifed Manufacturers KM416S1120D Datasheet HTML 8Page - List of Unclassifed Manufacturers KM416S1120D Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 43 page
background image
KM416S1120D
CMOS SDRAM
- 3 -
Rev. 1.4 (Jun. 1999)
The KM416S1120D is 16,777,216 bits synchronous high data
rate Dynamic RAM organized as 2 x 524,288 words by 16 bits,
fabricated with SAMSUNG
′s high performance CMOS technol-
ogy. Synchronous design allows precise cycle control with the
use of system clock I/O transactions are possible on every clock
cycle. Range of operating frequencies, programmable burst
length and programmable latencies allow the same device to be
useful for a variety of high bandwidth, high performance mem-
ory system applications.
• 3.3V power supply
• LVTTL compatible with multiplexed address
• Dual banks operation
• MRS cycle with address key programs
-. CAS Latency ( 2 & 3)
-. Burst Length (1, 2, 4, 8 & full page)
-. Burst Type (Sequential & Interleave)
• All inputs are sampled at the positive going edge of the system
clock
• Burst Read Single-bit Write operation
• DQM for masking
• Auto & self refresh
• 15.6us refresh duty cycle (2K/32ms)
GENERAL DESCRIPTION
FEATURES
FUNCTIONAL BLOCK DIAGRAM
512K x 16Bit x 2 Banks Synchronous DRAM
ORDERING INFORMATION
Part NO.
MAX Freq.
Interface Package
KM416S1120DT-G/FC
183MHz
LVTTL
50
TSOP(II)
KM416S1120DT-G/F6
166MHz
KM416S1120DT-G/F7
143MHz
KM416S1120DT-G/F8
125MHz
KM416S1120DT-G/F10
100MHz
Samsung Electronics reserves the right to
change products or specification without
notice.
*
Bank Select
Data Input Register
512K x 16
512K x 16
Column Decoder
Latency & Burst Length
Programming Register
LCKE
LRAS
LCBR
LWE
LDQM
CLK
CKE
CS
RAS
CAS
WE
L(U)DQM
LWE
LDQM
DQi
CLK
ADD
LCAS
LWCBR
Timing Register


Similar Part No. - KM416S1120D

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM416S1120D SAMSUNG-KM416S1120D Datasheet
1Mb / 43P
   512K x 16bit x 2 Banks Synchronous DRAM LVTTL
KM416S1120DT-G/F10 SAMSUNG-KM416S1120DT-G/F10 Datasheet
1Mb / 43P
   512K x 16bit x 2 Banks Synchronous DRAM LVTTL
KM416S1120DT-G/F6 SAMSUNG-KM416S1120DT-G/F6 Datasheet
1Mb / 43P
   512K x 16bit x 2 Banks Synchronous DRAM LVTTL
KM416S1120DT-G/F7 SAMSUNG-KM416S1120DT-G/F7 Datasheet
1Mb / 43P
   512K x 16bit x 2 Banks Synchronous DRAM LVTTL
KM416S1120DT-G/F8 SAMSUNG-KM416S1120DT-G/F8 Datasheet
1Mb / 43P
   512K x 16bit x 2 Banks Synchronous DRAM LVTTL
More results

Similar Description - KM416S1120D

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM416S1120D SAMSUNG-KM416S1120D Datasheet
1Mb / 43P
   512K x 16bit x 2 Banks Synchronous DRAM LVTTL
K4S161622D SAMSUNG-K4S161622D Datasheet
1Mb / 41P
   512K x 16Bit x 2 Banks Synchronous DRAM
KM416S1021C SAMSUNG-KM416S1021C Datasheet
78Kb / 8P
   512K x 16Bit x 2 Banks Synchronous DRAM with SSTL interface
K4S281632B SAMSUNG-K4S281632B Datasheet
108Kb / 10P
   128Mbit SDRAM 2M x 16Bit x 4 Banks Synchronous DRAM LVTTL
K4S281632M SAMSUNG-K4S281632M Datasheet
87Kb / 10P
   128Mbit SDRAM 2M x 16Bit x 4 Banks Synchronous DRAM LVTTL
KM416S8030B SAMSUNG-KM416S8030B Datasheet
133Kb / 11P
   128Mbit SDRAM 2M x 16Bit x 4 Banks Synchronous DRAM LVTTL
K4S561632A SAMSUNG-K4S561632A Datasheet
127Kb / 10P
   256Mbit SDRAM 4M x 16bit x 4 Banks Synchronous DRAM LVTTL
K4S281632C SAMSUNG-K4S281632C Datasheet
47Kb / 9P
   128Mbit SDRAM 2M x 16Bit x 4 Banks Synchronous DRAM LVTTL
K4S281632D SAMSUNG-K4S281632D Datasheet
112Kb / 11P
   128Mbit SDRAM 2M x 16Bit x 4 Banks Synchronous DRAM LVTTL
K4S561632D-TC75000 SAMSUNG-K4S561632D-TC75000 Datasheet
64Kb / 11P
   256Mbit SDRAM 4M x 16bit x 4 Banks Synchronous DRAM LVTTL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com