Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

854449--1 Datasheet(PDF) 4 Page - Tyco Electronics

Part # 854449--1
Description  Ribbon Cable Notcher
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

854449--1 Datasheet(HTML) 4 Page - Tyco Electronics

  854449--1 Datasheet HTML 1Page - Tyco Electronics 854449--1 Datasheet HTML 2Page - Tyco Electronics 854449--1 Datasheet HTML 3Page - Tyco Electronics 854449--1 Datasheet HTML 4Page - Tyco Electronics 854449--1 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
408- 9515
Ribbon Cable Notcher 854449- [ ]
Rev C
4
of 5
Tyco Electronics Corporation
Figure 5
End Notch
Feed-Through Notch
Notch Length
Width of Web
Removed
Notch Length
Width of Web
Removed
Make sure that the notcher is oriented in the
power unit as shown in Figure 3.
1. Remove the two socket head screws securing
the cable stop plate, and remove and store the
cablestopplate.
DO NOT bend or otherwise damage the cable
stop plate during removal.
2. Place the cable on the cable support plate, and
align the cable with the flutes of the plate.
3. Slightly press down on the cable (to keep the
cable aligned with the flutes in the plate), and slide
the cable into the notcher until desired length.
Refer toFigure4.
4. Cycle the power unit.
5. Advance the cable to the location of the next
notch.
6. Remove the cable by pulling the cable either
straight front or back and out of the notcher.
7. Refer to Figure 5, and inspect the cable
according to the specifications listed in Figure 1.
5.3. Scrap Removal
The frequency of scrap removal will depend on the
number of notches.
Compressed air used for scrap removal must be
reduced to less than 206.8 kPa [30 psi]. Effective
chip guarding and personal protective equipment
(including eye protection) must be used.
1. Connect the air control valve to a suitable air
supply.
2. Periodically depress the air control valve button
to remove scraps. Depress the button for a
maximum of two seconds.
6. MAINTENANCE AND INSPECTION
6.1. Daily Maintenance
It is recommended that each operator be responsible
for the following four steps of daily maintenance:
1. Remove dust, moisture, and outer contaminants
with a clean, soft brush or a soft, lint--free cloth; or
clean the notcher with compressed air.
Compressed air used for cleaning must be
reduced to less than 206.8 kPa [30 psi]. Effective
chip guarding and personal protective equipment
(including eye protection) must be used.
2. Make sure that the upper tooling is in place and
secure.
3. Lubricate the upper tooling dowel pins and
pressure plate dowel posts daily with an extreme
pressure (EP) lithium grease or equivalent.
DO NOT lubricate excessively.
For location of components, refer to the drawing
included with the notcher.
4. When not in use, store the notcher in a clean,
dry area.
6.2. Periodic Inspection
Regular inspection should be performed by
quality--control personnel. A record of scheduled
inspections should remain with the notcher or be
supplied to personnel responsible for notcher. Though
recommendations call for at least one inspection a
month, the frequency should be based on amount of
use, working conditions, operator training and skill,
and established company policies.
CAUTION
!
CAUTION
!
DANGER
DANGER
NOTE
i


Similar Part No. - 854449--1

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
85444290 PHOENIX-85444290 Datasheet
81Kb / 5P
   Sensor/Actuator cable - SAC-4P- 2,0-542/M8 FS BK
12.07.2013
More results

Similar Description - 854449--1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
499252-2 MACOM-499252-2 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect
logo
Assmann Electronics Inc...
AWG28-44-G-1-300-R ASSMANN-AWG28-44-G-1-300-R Datasheet
582Kb / 1P
   GREY RIBBON CABLE
logo
Hirose Electric
HIF4-16D-3.18R HIROSE-HIF4-16D-3.18R Datasheet
728Kb / 7P
   Ribbon Cable Connector
logo
Assmann Electronics Inc...
AWG28-20-G-1-300 ASSMANN-AWG28-20-G-1-300 Datasheet
566Kb / 1P
   GREY RIBBON CABLE
AWG28-40-G-1-300 ASSMANN-AWG28-40-G-1-300 Datasheet
881Kb / 1P
   GREY RIBBON CABLE
AWG28-20-G-300 ASSMANN-AWG28-20-G-300 Datasheet
48Kb / 1P
   Flat Ribbon Cable
AWG28-25-G-1-300-R ASSMANN-AWG28-25-G-1-300-R Datasheet
1Mb / 1P
   GREY RIBBON CABLE
AWG28-26-G-1-300 ASSMANN-AWG28-26-G-1-300 Datasheet
575Kb / 1P
   GREY RIBBON CABLE
AWG28-50-G-1-300-R ASSMANN-AWG28-50-G-1-300-R Datasheet
562Kb / 1P
   GREY RIBBON CABLE
logo
Tyco Electronics
2-1658526-3 MACOM-2-1658526-3 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com