Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EKI-7657C-AE Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # EKI-7657C-AE
Description  73G Combo Port Gigabit Managed Redundant Industrial Ethernet Switch with 2 x DI/O
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

EKI-7657C-AE Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  EKI-7657C-AE Datasheet HTML 1Page - Advantech Co., Ltd. EKI-7657C-AE Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Industrial Ethernet Solutions
Features
Specifications
Communications
ƒ
Standard
IEEE 802.3, 802.3u, 802.3x, 802.3z, 802.1D, 802.1w,
802.1p, 802.1Q, 802.1X, 802.3ad, 802.3ab
ƒ
LAN
10/100/1000Base-T (X), Optional 100Base-FX,
1000Base-SX/LX/LHX/XD/ZX/EZX
ƒ
Transmission Distance Ethernet: Up to 100 m (4- wire Cat.5e, Cat.6 RJ45
cable suggested for Gigabit port)
SFP: Up to 110 km (depends on SFP)
ƒ
Transmission Speed
Ethernet: 10/100 Mbps Auto-Negotiation
Gigabit Copper: 10/100/1000 Mbps, Auto-Negotiation
Gigabit Fiber: Up to 1000 Mbps
Interface
ƒ
Connectors
7 x RJ45 (Ethernet)
3 x RJ45/SFP (mini-GBIC) combo ports
1 x 6-pin removable terminal (Power & Relay)
ƒ
1 x 6-pin removable terminal (DI/DO)
ƒ
LED Indicators
System: PWR, PWR1, PWR2, R.M., P-Fail
10/100T (X): Link/Activity, Duplex/Collision
Gigabit Copper: Link/Activity, Speed (1000 Mbps)
SFP: Link/Activity
ƒ
Console
RS-232 (RJ45)
Network Management
ƒ
Configuration
Web browser, Telnet, Serial console, TFTP,
SNMPv1/v2c/v3, Port Speed/Duplex Configuration,
IPv6
ƒ
VLAN
IEEE 802.1Q, GVRP, Port-based VLAN
ƒ
Redundancy
Advantech X-Ring Pro (Recovery time < 20 ms at 250
pcs full loading ring structure), Dual Homing, Dual
Ring, Couple Ring, 802.1w/D RSTP/STP
ƒ
Security
IP Access security, port security, DHCP Server, Port
and IP Binding, 802.1X Port Access Control, SSL
ƒ
Traffic Control
IGMP Snooping/Query for multicast group
management, Port Trunking, Static/802.3ad, LACP Rate
limit and storm control, IEEE 802.1p QoS CoS/TOS/
DSCP priority queuing, IEEE 802.3x flow control
ƒ
Diagnostics
Port Mirroring, Real-time traffic statistic, MAC Address
Table, SNTP, Syslog, Email Alert, SNMP Trap, RMON
Mechanism
ƒ
Enclosure
IP30, metal shell with solid mounting kits
ƒ
Dimensions (W x H x D) 79 x 152 x 105 mm (3.11" x 5.98" x 4.13")
ƒ
Mounting
DIN-rail, Wall
Power
ƒ
Power Consumption
Max. 10.7 W
ƒ
Power Input
12 ~ 48 VDC, redundant dual inputs
ƒ
Fault Output
1 Relay Output
Protection
ƒ
Power Reverse
Present
ƒ
Overload Current
Present
Environment
ƒ
Operating Temperature -10 ~ 60°C (14 ~ 140°F)
-40 ~ 75°C (-40 ~ 167°F) (EKI-7657CI)
ƒ
Storage Temperature
-40 ~ 85°C (-40 ~ 185°F)
ƒ
Operating Humidity
5 ~ 95% (non-condensing)
ƒ
Storage Humidity
0 ~ 95% (non-condensing)
ƒ
MTBF
284,409 hours
Introduction
The EKI-7657C supports seven Fast Ethernet ports and three Gigabit combo ports with 2 x Digital Input and Digital Output ports. To create reliability in your network, the EKI-7657C
comes equipped with a proprietary redundant network protocol -- X-Ring Pro that was developed by Advantech, which provides users with an easy way to establish a redundant
Ethernet network with ultra high-speed recovery time less than 20 ms. Furthermore, the EKI-7657C also supports many advanced network standards to optimize network performance,
ease maintenance issues, and secure network safety.
ƒ 3 Gigabit Copper/SFP combo ports, plus 7 Fast Ethernet ports
ƒ 2 Digital Inputs and 2 Digital Outputs for Events and Alarms in the Network
ƒ SFP socket for Easy and Flexible Fiber Expansion
ƒ Redundancy: Gigabit X-Ring Pro (ultra high-speed recovery time < 20 ms),
RSTP/STP (802.1w/1D)
ƒ Management: Web, Telnet, Serial Console, SNMP
ƒ Control: VLAN/GVRP, QoS, IGMP Snooping/Query, LACP, Rate Limit
ƒ Security: IP/MAC and port binding, DHCP Server, IP access list, 802.1X, SSL,
SNMPv3
ƒ Diagnostic: Port Statistics, Port Mirroring, RMON, Trap, Email Alert, Syslog
ƒ Dual 12 ~ 48 VDC power input and 1 relay output
ƒ Operating temperature from -40 to 75°C (EKI-7657CI)
RoHS
COMPLIANT
2011/65/EU
EKI-7657C/CI
7+3G Combo Port Gigabit Managed
Redundant Industrial Ethernet Switch
with 2 x DI/O
All product specifications are subject to change without notice
Last updated : 5-May-2015


Similar Part No. - EKI-7657C-AE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
EKI-7657C ADVANTECH-EKI-7657C Datasheet
551Kb / 1P
   73G Combo Port Gigabit Managed Redundant Industrial Ethernet Switch with 2 x DI/O
EKI-7657C ADVANTECH-EKI-7657C Datasheet
326Kb / 2P
   73G Combo Port Gigabit Managed Redundant Industrial Ethernet Switch with 2 x DI/O
EKI-7657CI ADVANTECH-EKI-7657CI Datasheet
326Kb / 2P
   73G Combo Port Gigabit Managed Redundant Industrial Ethernet Switch with 2 x DI/O
EKI-7657C ADVANTECH-EKI-7657C_15 Datasheet
326Kb / 2P
   73G Combo Port Gigabit Managed Redundant Industrial Ethernet Switch with 2 x DI/O
More results

Similar Description - EKI-7657C-AE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
EKI-7657C ADVANTECH-EKI-7657C Datasheet
551Kb / 1P
   73G Combo Port Gigabit Managed Redundant Industrial Ethernet Switch with 2 x DI/O
EKI-7657C ADVANTECH-EKI-7657C_15 Datasheet
326Kb / 2P
   73G Combo Port Gigabit Managed Redundant Industrial Ethernet Switch with 2 x DI/O
logo
List of Unclassifed Man...
JETNET5010G ETC1-JETNET5010G Datasheet
1Mb / 9P
   Industrial 73G Gigabit Managed Ethernet Switch
logo
Advantech Co., Ltd.
EKI-7654C ADVANTECH-EKI-7654C Datasheet
555Kb / 1P
   42G Combo Port Gigabit Managed Redundant Industrial Ethernet Switch
EKI-7656CI ADVANTECH-EKI-7656CI Datasheet
275Kb / 1P
   162G Combo Port Gigabit Managed Redundant Industrial Ethernet Switch
EKI-7656CI ADVANTECH-EKI-7656CI_15 Datasheet
329Kb / 2P
   162G Combo Port Gigabit Managed Redundant Industrial Ethernet Switch
EKI-7656C-AE ADVANTECH-EKI-7656C-AE Datasheet
329Kb / 2P
   162G Combo Port Gigabit Managed Redundant Industrial Ethernet Switch
EKI-7659CI ADVANTECH-EKI-7659CI Datasheet
557Kb / 1P
   82G Combo Port Gigabit Managed Redundant Industrial Ethernet Switch
EKI-7656C ADVANTECH-EKI-7656C Datasheet
552Kb / 1P
   162G Combo Port Gigabit Managed Redundant Industrial Ethernet Switch
logo
Moxa Inc.
EDS-510A MOXA-EDS-510A Datasheet
1Mb / 6P
   73G-port Gigabit managed Ethernet switches
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com