Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L2800 Datasheet(PDF) 5 Page - Unisonic Technologies

Part # L2800
Description  SWITCHING REGULATOR CONTROLLER(LOW VOLTAGE)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L2800 Datasheet(HTML) 5 Page - Unisonic Technologies

  L2800 Datasheet HTML 1Page - Unisonic Technologies L2800 Datasheet HTML 2Page - Unisonic Technologies L2800 Datasheet HTML 3Page - Unisonic Technologies L2800 Datasheet HTML 4Page - Unisonic Technologies L2800 Datasheet HTML 5Page - Unisonic Technologies L2800 Datasheet HTML 6Page - Unisonic Technologies L2800 Datasheet HTML 7Page - Unisonic Technologies L2800 Datasheet HTML 8Page - Unisonic Technologies L2800 Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
UTC L2800
LINEAR INTEGRATED CIRCUIT
UTC
UNISONIC TECHNOLOGIES CO., LTD.
5
QW-R121-010,A
TYPICAL CHARACTERISTICS
Supply Voltage vs.Supply Current
0
2
4
6
4
0
812
16
20
8
10
Supply voltage ,Vcc ( V )
-40
-10
-20
-5
0
0
-15
20
40
60
80
100
5
10
Supply Voltage vs.Input Threshold Voltage
0
0.2
0.4
0.6
4
0
812
16
20
0.8
1.0
Supply voltage ,Vcc ( V )
Supply Voltage vs.Input Threshold Voltage
0
0.2
0.4
0.6
1.0
0
2.0
3.0
4.0
5.0
0.8
1.0
Supply voltage ,Vcc ( V )
Ambient Temperature vs. Input Threshold
VoltageVariationRatio
High Level Output
0
0.4
0.8
1.2
-10
0
-20
-30
-40
-50
1.6
2.0
Low Level Output
0
100
200
300
20
0
40
60
80
100
400
500
Ambient temperature ,Ta (℃)
High level output current ,IOUT(mA)
Ta=+25℃
RB=390Ω
Ta=+25℃
Ta=+25℃
Vcc=2V
Vcc=2V
Ta=+25℃
RB=390Ω
Vcc=2V
Ta=+25℃
RB=390Ω
High level output current ,IOUT(mA)


Similar Part No. - L2800

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
L2800 UTC-L2800 Datasheet
252Kb / 7P
   SWITCHING REGULATOR CONTROLLER(LOW VOLTAGE)
logo
E-Tech Electronics LTD
L2800 ETL-L2800 Datasheet
269Kb / 7P
   SWITCHING REGULATOR CONTROLLER(LOW VOLTAGE)
logo
Unisonic Technologies
L2800G-P08-R UTC-L2800G-P08-R Datasheet
252Kb / 7P
   SWITCHING REGULATOR CONTROLLER(LOW VOLTAGE)
L2800G-P08-R UTC-L2800G-P08-R Datasheet
269Kb / 7P
   SWITCHING REGULATOR CONTROLLER(LOW VOLTAGE)
L2800G-P08-R UTC-L2800G-P08-R Datasheet
269Kb / 7P
   LINEAR INTEGRATED CIRCUIT
More results

Similar Description - L2800

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB3800 FUJITSU-MB3800 Datasheet
151Kb / 18P
   Switching Regulator Controller (Low Voltage)
logo
List of Unclassifed Man...
PJ3800 ETC1-PJ3800 Datasheet
333Kb / 8P
   Low Voltage Switching Regulator Controller
logo
Unisonic Technologies
L2800 UTC-L2800_11 Datasheet
252Kb / 7P
   SWITCHING REGULATOR CONTROLLER(LOW VOLTAGE)
logo
Fujitsu Component Limit...
MB3800 FUJITSU-MB3800_06 Datasheet
287Kb / 20P
   Switching Regulator Controller (Low Voltage)
logo
Unisonic Technologies
L2800 UTC-L2800_13 Datasheet
269Kb / 7P
   SWITCHING REGULATOR CONTROLLER(LOW VOLTAGE)
logo
E-Tech Electronics LTD
L2800 ETL-L2800 Datasheet
269Kb / 7P
   SWITCHING REGULATOR CONTROLLER(LOW VOLTAGE)
logo
List of Unclassifed Man...
B3800M ETC1-B3800M Datasheet
410Kb / 10P
   Switching Regulator Controller Step Up Low Voltage (BIPOLAR)
logo
Fujitsu Component Limit...
MB3775 FUJITSU-MB3775 Datasheet
485Kb / 25P
   SWITCHING REGULATOR CONTROLLER
logo
Seiko Instruments Inc
S-8533A125FT-TB-X SII-S-8533A125FT-TB-X Datasheet
1Mb / 33P
   SWITCHING REGULATOR CONTROLLER
logo
Agamem Microelectronic ...
AA18380 AGAMEM-AA18380 Datasheet
489Kb / 14P
   Switching Regulator Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com