Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

51S131-K00N5 Datasheet(PDF) 1 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part # 51S131-K00N5
Description  adaptor bnc 50 plug ??Microdot jack
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

51S131-K00N5 Datasheet(HTML) 1 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  51S131-K00N5 Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG 51S131-K00N5 Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TECHNICAL DATA SHEET
adaptor
bnc 50
 plug – Microdot jack
51S131-K00N5
Rosenberger Hochfrequenztechnik GmbH & Co. KG
Tel.: +49 8684 18-0
Page
P.O.Box 1260
D-84526 Tittmoning
Germany
Fax: +49 8684 18-499
www.rosenberger.de
email: info@rosenberger.de
1 / 2
All dimensions are in mm; tolerances according to ISO 2768 m-H
Interface
According to
BNC side:
IEC 60169-8, MIL-PRF-39012, CECC 22120
Microdot side:
specification of MALCO INC.(USA)
Documents
N/A
Material and plating
Connector parts
Material
Plating
Center contact BNC and Microdot side
CuBe
AuroDur®, gold plated
Outer contact BNC and Microdot side
Brass
Flash white bronze over silver(e.g. Optargen®)
Body
Brass
Flash white bronze over silver(e.g. Optargen®)
Dielectric
PTFE
Gasket
NeopreneCR 50C6
Gasket
Silicone


Similar Part No. - 51S131-K00N5

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
51S101-115N5 ROSENBERGER-51S101-115N5 Datasheet
75Kb / 2P
   BNC 50 STRAIGHT PLUG
51S101-117N5 ROSENBERGER-51S101-117N5 Datasheet
74Kb / 2P
   BNC 50 STRAIGHT PLUG
51S101-272B5 ROSENBERGER-51S101-272B5 Datasheet
40Kb / 2P
   BNC 50 STRAIGHT PLUG
51S101-S00N5 ROSENBERGER-51S101-S00N5 Datasheet
43Kb / 2P
   ADAPTOR BNC 50 plug - plug
51S105-015N5 ROSENBERGER-51S105-015N5 Datasheet
43Kb / 2P
   51S105-015N5
More results

Similar Description - 51S131-K00N5

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
51S301-K00N5 ROSENBERGER-51S301-K00N5 Datasheet
52Kb / 2P
   ADAPTOR BNC 50 jack ??plug - jack
51S303-K00N5 ROSENBERGER-51S303-K00N5 Datasheet
42Kb / 2P
   adaptor BNC 50 plug ??jack - jack
51S153-K00N5 ROSENBERGER-51S153-K00N5 Datasheet
44Kb / 2P
   ADAPTOR BNC 50 plug ??N 50 jack
56S151-K00N5 ROSENBERGER-56S151-K00N5 Datasheet
145Kb / 2P
   ADAPTOR TNC 50 Plug - BNC 50 Jack
51K501-K00N5 ROSENBERGER-51K501-K00N5 Datasheet
41Kb / 2P
   adaptor BNC 50 jack - jack
51K401-K00N5 ROSENBERGER-51K401-K00N5 Datasheet
41Kb / 2P
   ADAPTOR BNC 50 jack ??jack
51K101-K00N5 ROSENBERGER-51K101-K00N5 Datasheet
40Kb / 2P
   adaptor BNC 50 jack ??jack
32K151-S00L5 ROSENBERGER-32K151-S00L5 Datasheet
228Kb / 2P
   ADAPTOR SMA JACK ??BNC 50 W PLUG
logo
Tyco Electronics
5-1634526-1 MACOM-5-1634526-1 Datasheet
62Kb / 1P
   BNC ELBOW ADAPTOR PLUG - JACK 50 OHMS
logo
Rosenberger Hochfrequen...
32S151-K00L5 ROSENBERGER-32S151-K00L5 Datasheet
315Kb / 2P
   ADAPTOR SMA PLUG ??BNC 50 W JACK
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com