Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DASUTLC500MD Datasheet(PDF) 3 Page - Pulse A Technitrol Company

Part # DASUTLC500MD
Description  DAS, Ultra Thin, Low Clearance Antenna
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

DASUTLC500MD Datasheet(HTML) 3 Page - Pulse A Technitrol Company

  DASUTLC500MD Datasheet HTML 1Page - Pulse A Technitrol Company DASUTLC500MD Datasheet HTML 2Page - Pulse A Technitrol Company DASUTLC500MD Datasheet HTML 3Page - Pulse A Technitrol Company DASUTLC500MD Datasheet HTML 4Page - Pulse A Technitrol Company DASUTLC500MD Datasheet HTML 5Page - Pulse A Technitrol Company DASUTLC500MD Datasheet HTML 6Page - Pulse A Technitrol Company DASUTLC500MD Datasheet HTML 7Page - Pulse A Technitrol Company DASUTLC500MD Datasheet HTML 8Page - Pulse A Technitrol Company DASUTLC500MD Datasheet HTML 9Page - Pulse A Technitrol Company Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Issue: 1649
In the effort to improve our products, we reserve the right to make changes judged to be necessary.
CONFIDENTIAL AND PROPRIETARY INFORMATION
This document contains confidential and proprietary information of Pulse Electronics, Inc. (Pulse) and is protected by copyright, trade secret and other state and federal laws.
Its receipt or possession does not convey any rights to reproduce, disclose its contents, or to manufacture, use or sell anything it may describe. Reproduction, disclosure or
use without specific written authorization of Pulse is strictly forbidden.
Description: DAS, Ultra Thin, Low Clearance
Antenna
PART NUMBER: DASUTLC500NF
Series: Clarity
ELECTRICAL SPECIFICATIONS
3
Frequency
608-960/1695-2200/2300-2700MHz
Nominal Impedance
50
VSWR (608-960MHz)
2:1
VSWR (1695-2700MHz)
2:1
Average Peak Gain (608-960MHz)
4dBi
Average Peak Gain (1695-2200MHz)
6dBi
Average Peak Gain (2300-2700MHz)
6dBi
Efficiency (608-960MHz)
70%
Efficiency (1695-2200MHz)
65%
Efficiency (2300-2700MHz)
60%
Horizontal plane(th=45deg)
Omni
HPBW Vertical plane (608-960MHz)
80̊ Typ
HPBW Vertical plane (1695-2200MHz)
60̊ Typ
HPBW Vertical plane (2300-2700MHz)
60̊ Typ
Maximum power input
40W
PIM at 2x20W
<-155dBc


Similar Part No. - DASUTLC500MD

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
DASUTCC5004310 PULSE-DASUTCC5004310 Datasheet
1Mb / 10P
   Ceiling-Mount Omni Antenna
DASUTCC5004310 PULSE-DASUTCC5004310 Datasheet
2Mb / 21P
   UltraThin, clear radome antenna for iDAS
DASUTCC5004310 PULSE-DASUTCC5004310 Datasheet
1Mb / 21P
   UltraThin, clear radome antenna for iDAS
DASUTCC500MD PULSE-DASUTCC500MD Datasheet
1Mb / 10P
   Ceiling-Mount Omni Antenna
DASUTCC500MD PULSE-DASUTCC500MD Datasheet
2Mb / 21P
   UltraThin, clear radome antenna for iDAS
More results

Similar Description - DASUTLC500MD

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
DASUTWC500NF PULSE-DASUTWC500NF Datasheet
2Mb / 21P
   Ultra-thin white radomeantenna for i-DAS
DASUTWCXXX PULSE-DASUTWCXXX Datasheet
2Mb / 21P
   Ultra-thin white radomeantenna for i-DAS
PSDAS4310F PULSE-PSDAS4310F Datasheet
1Mb / 19P
   Omni-Directional Public Safety/DAS Antenna
logo
Johanson Technology Inc...
2650AT43A0100 JOHANSON-2650AT43A0100 Datasheet
188Kb / 4P
   2.6~2.7GHz Chip Antenna (Ground Clearance Not Required)
2500AT43A0100 JOHANSON-2500AT43A0100 Datasheet
378Kb / 4P
   2.5GHz Chip Antenna (No GND clearance required)
logo
Harwin Plc
R30-9400500 HARWIN-R30-9400500 Datasheet
44Kb / 1P
   CLEARANCE SPACERS
logo
Yuechung International ...
YIC73030PGMGG YIC-YIC73030PGMGG Datasheet
1Mb / 16P
   Ultra Low Power GNSS Antenna Module
logo
Nihon Kaiheiki Industry...
GW12RBP NKK-GW12RBP Datasheet
147Kb / 4P
   Ultra-Thin Rockers
logo
List of Unclassifed Man...
GW12RCP ETC2-GW12RCP Datasheet
135Kb / 4P
   Ultra-Thin Rockers
GB215AB ETC2-GB215AB Datasheet
147Kb / 4P
   Ultra-Thin Pushbuttons
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com