Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC898094 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # LC898094
Description  LC898094
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC898094 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  LC898094 Datasheet HTML 1Page - Sanyo Semicon Device LC898094 Datasheet HTML 2Page - Sanyo Semicon Device LC898094 Datasheet HTML 3Page - Sanyo Semicon Device LC898094 Datasheet HTML 4Page - Sanyo Semicon Device LC898094 Datasheet HTML 5Page - Sanyo Semicon Device LC898094 Datasheet HTML 6Page - Sanyo Semicon Device LC898094 Datasheet HTML 7Page - Sanyo Semicon Device LC898094 Datasheet HTML 8Page - Sanyo Semicon Device LC898094 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
LC898094
No.7958-3/13
前ページより続く。
項目
記号
条件
min
typ
max
unit
適応ピン
7
10
13
k
(5)(18)
50
100
200
k
(6)
プルアップ抵抗
RUP
25
50
100
k
(7)
50
100
200
k
(1)
プルダウン抵抗
RDN
6
10
16
k
(17)
アナログ出力電圧
VANO
10*VDD3/33
32*VDD3/33
V
(20)
アナログ入力電圧
VANI
VREF=2.1V時
10*VDD3/33
32*VDD3/33
V
(21)
アナログ出力電圧
VANO
VDD3/6
5*VDD3/6
V
(20)
アナログ入力電圧
VANI
VREF=1.65V時
VDD3/6
5*VDD3/6
V
(21)
(1)
FG
(2)
ZHRST,ZDMACK
(3)
ZRESET,SUA15-SUA0,ZCS,ZWR,ZRD,TEST0,DEF,HFL,TES,WOBBLE
(4)
BIDATA,BICLK,A16,A15,TEST4,ATIPSYNC,ACRCNG
(5)
D15-D8,port15-port0,CE1
(6)
D7-D0,DQ15-DQ0
(7)
ZSWAIT,ZINT0,ZINT1
(8)
CE,R/W,A14-A0,UB,LB
(9)
LDON
(10) LOCK,EFMG
(11) SSP2,SSP1,RAPC,WAPC,H11T0,LDH,ATEST3,WDAT,NWDAT,ATEST1,PCK2
(12) WRITE
(13) SHOCK
(14) EFMO
(15) SUBSYNC
(16) PWM0,DSLB
(17) DMARQ
(18) ZDASP,ZPDIAG,CE2
(19) PDS1,PDS2,PDS3
(20) SDA0∼SDA2,TDO,FDO,SLDO,SPDO
(21) SAD0∼SAD2,RREC,FE,TE,VREF
(番号):入力 5V 耐圧あり


Similar Part No. - LC898094

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC898093 SANYO-LC898093 Datasheet
64Kb / 13P
   40쨈 Playback/12쨈 Write CD-R/RW Encoder/Decoder IC with Built-in ATAPI Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com