Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICEFIN49NMOHF Datasheet(PDF) 4 Page - Pulse A Technitrol Company

Part # ICEFIN49NMOHF
Description  LOW PROFILE MULTIBAND ANTENNA
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

ICEFIN49NMOHF Datasheet(HTML) 4 Page - Pulse A Technitrol Company

  ICEFIN49NMOHF Datasheet HTML 1Page - Pulse A Technitrol Company ICEFIN49NMOHF Datasheet HTML 2Page - Pulse A Technitrol Company ICEFIN49NMOHF Datasheet HTML 3Page - Pulse A Technitrol Company ICEFIN49NMOHF Datasheet HTML 4Page - Pulse A Technitrol Company ICEFIN49NMOHF Datasheet HTML 5Page - Pulse A Technitrol Company ICEFIN49NMOHF Datasheet HTML 6Page - Pulse A Technitrol Company ICEFIN49NMOHF Datasheet HTML 7Page - Pulse A Technitrol Company ICEFIN49NMOHF Datasheet HTML 8Page - Pulse A Technitrol Company ICEFIN49NMOHF Datasheet HTML 9Page - Pulse A Technitrol Company Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 52 page
background image
Issue: 1648
In the effort to improve our products, we reserve the right to make changes judged to be necessary.
CONFIDENTIAL AND PROPRIETARY INFORMATION
This document contains confidential and proprietary information of Pulse Electronics, Inc. (Pulse) and is protected by copyright, trade secret and other state and federal laws.
Its receipt or possession does not convey any rights to reproduce, disclose its contents, or to manufacture, use or sell anything it may describe. Reproduction, disclosure or
use without specific written authorization of Pulse is strictly forbidden.
Description: LOW PROFILE MULTIBAND
ANTENNA
PART NUMBER: ICEFINXXX
Series: IceFin
ELECTRICAL SPECIFICATIONS
4
Project
Frequency
VSWR
Peak Gain
Efficiency
Power
Handling
ICEFINLNMOHF
698-960MHz
1710-2700MHz
3:1(0.698-0.731GHz)
2.5:1(0.731-0.763GHz)
2:1(0.763-0.859GHz)
2.5:1(0.859-0.897GHz)
3:1(0.897-0.96GHz)
2:1(1.71-2.08GHz)
1.7:1(2.08-2.7GHz)
2.98dBi(0.698-0.96GHz)
3.82dBi(1.71-2.69GHz)
75%
61%
20W(100%
duty cycle)
30W(50%
duty cycle)
ICEFIN698/869DMN
698-869MHz
2:1
2.6dBi
54%
5W(100%
duty cycle)
15W(50%
duty cycle)
ICEFIN806DMN
806-960MHz
2:1(0.806-0.837GHz)
1.7:1(0.837-0.96GHz)
3.7dBi
78%
10W(100%
duty cycle)
20W(50%
duty cycle)
ICEFINLDMN
698-960MHz
1710-2700MHz
3:1(0.698-0.725GHz)
2.5:1(0.725-0.775GHz)
2:1(0.775-0.838GHz)
2.5:1(0.838-0.875GHz)
3:1(0.875-0.96GHz)
1.5:1(1.71-2.7GHz)
3.1dBi(0.698-0.96GHz)
5.17dBi(1.71-2.69GHz)
76%
79%
20W(100%
duty cycle)
30W(50%
duty cycle)


Similar Part No. - ICEFIN49NMOHF

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
ICEFIN49NMOHF PULSE-ICEFIN49NMOHF Datasheet
2Mb / 60P
   LOW PROFILE MULTIBAND ANTENNA
More results

Similar Description - ICEFIN49NMOHF

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
ICEFINXXX PULSE-ICEFINXXX Datasheet
2Mb / 60P
   LOW PROFILE MULTIBAND ANTENNA
logo
Raltron Electronics Cor...
RST-MB-P-157-SMA-G RALTRON-RST-MB-P-157-SMA-G Datasheet
174Kb / 2P
   MULTIBAND ANTENNA
RST-MB-P-153-SMA-G RALTRON-RST-MB-P-153-SMA-G Datasheet
214Kb / 3P
   MULTIBAND ANTENNA
RPA-MB-P-56-IPEX-30-G RALTRON-RPA-MB-P-56-IPEX-30-G Datasheet
138Kb / 2P
   MULTIBAND ANTENNA
RDM-GPGLBD-A-110-N-W-G RALTRON-RDM-GPGLBD-A-110-N-W-G Datasheet
285Kb / 5P
   MULTIBAND ANTENNA
Rev B
logo
Abracon Corporation
ACA-108-T ABRACON-ACA-108-T Datasheet
1Mb / 4P
   Multiband Chip Antenna
10.07.14
logo
Raltron Electronics Cor...
RPC-900-W5-GSM-MMCXRA RALTRON-RPC-900-W5-GSM-MMCXRA Datasheet
223Kb / 2P
   Multiband Blade ANTENNA
logo
Abracon Corporation
ACAJ-109-T ABRACON-ACAJ-109-T Datasheet
2Mb / 5P
   Multiband Chip Antenna
11.19.15
APAMPSLJ-142 ABRACON-APAMPSLJ-142 Datasheet
2Mb / 4P
   Multiband Antenna Module
08.03.15
logo
Harris Corporation
RF-3162-AT001 HARRIS-RF-3162-AT001 Datasheet
1Mb / 2P
   Multiband Soldier Antenna
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com