Electronic Components Datasheet Search |
|
KG470UDPL Datasheet(PDF) 8 Page - Pulse A Technitrol Company |
|
KG470UDPL Datasheet(HTML) 8 Page - Pulse A Technitrol Company |
8 / 11 page 1 800 ANTENNA 69 NOTE: Antennas are not to scale UHF 406-512 MHz To convert to Gain (dBd): Gain (dBi) - 2.14 MODEL WHIP SIZE NMOQBASE1B .070 NMOQBASE2B .100 NMOQBASE3B .125 NMOUHFBASEB .100 SPECIFICATIONS TYPE Base only POWER RATING 200 Watts COLOR Black WHIP Various COAX Order separately MAX HEIGHT 2” Black UHF base for NMO mounts Economy factory tuned NMO 1/4 wave chrome nut antenna. MODEL FREQUENCY (MHz) NMOQW406 406 - 430 NMOQW450 450 - 470 SPECIFICATIONS GAIN 2.14 dBi TYPE 1/4 wave VSWR (see bandwidth) 1.5:1 BANDWIDTH @ 1.5 5% BANDWIDTH @ 2.0 10% POWER RATING 200 Watts COLOR Stainless WHIP .070 COAX Order separately MAX HEIGHT 7” |
Similar Part No. - KG470UDPL |
|
Similar Description - KG470UDPL |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |