Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3475MF Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3475MF
Description  Hysteretic PFET Buck Controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3475MF Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LM3475MF Datasheet HTML 4Page - National Semiconductor (TI) LM3475MF Datasheet HTML 5Page - National Semiconductor (TI) LM3475MF Datasheet HTML 6Page - National Semiconductor (TI) LM3475MF Datasheet HTML 7Page - National Semiconductor (TI) LM3475MF Datasheet HTML 8Page - National Semiconductor (TI) LM3475MF Datasheet HTML 9Page - National Semiconductor (TI) LM3475MF Datasheet HTML 10Page - National Semiconductor (TI) LM3475MF Datasheet HTML 11Page - National Semiconductor (TI) LM3475MF Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Operation Description (Continued)
device enters soft-start. During soft-start, the reference volt-
age is ramped up to the nominal value of 0.8V in approxi-
mately 4ms. Duty cycle and output voltage will increase as
the reference voltage is ramped up.
UNDER VOLTAGE DETECTION
When the output voltage falls below 70% (typical) of the
normal voltage, as measured at the FB pin, the device turns
off PFET and restarts a new soft-start cycle. In short circuit,
the PFET is always on, and the converter is effectively a
resistor divider from input to output to ground. Whether the
part restarts depends on the power path resistance and the
short circuit resistance. This feature should not be consid-
ered as overcurrent protection or output short circuit protec-
tion.
PGATE
During switching, the PGATE pin swings from V
IN (off) to
ground (on). As input voltage increases, the time it takes to
slew the gate of the PFET on and off also increases. Also, as
the PFET gate voltage approaches V
IN, the PGATE current
driving capability decreases. This can cause a significant
additional delay in turning the switch off when using a PFET
with a low threshold voltage. These two effects will increase
power dissipation and reduce efficiency. Therefore, a PFET
with relatively high threshold voltage and low gate capaci-
tance is recommended.
MINIMUM ON/OFF TIME
To ensure accurate comparator switching, the LM3475 im-
poses a blanking time after each comparator state change.
This blanking time is 180ns typically. Immediately after the
comparator goes high or low, it will be held in that state for
the duration of the blanking time. This helps keep the hys-
teretic comparator from improperly responding to switching
noise spikes (See Reducing Switching Noise) and ESL
spikes (See Output Capacitor Selection) at the output.
At very low or very high duty cycle operation, maximum
frequency will be limited by the blanking time. The maximum
operating frequency can be determined by the following
equations:
F
MAX =D/tonmin
F
MAX = (1-D) / toffmin
Where D is the duty cycle, defined as V
OUT/VIN, and tonmin
and toff
min is the sum of the blanking time, the propagation
delay time and the PFET delay time (see Figure 1).
ENABLE PIN (EN)
The LM3475 provides a shutdown function via the EN pin to
disable the device. The device is active when the EN pin is
pulled above 1.5V (typ) and in shutdown mode when EN is
below 1.135V (typ). In shutdown mode, total quiescent cur-
rent is less than 10µA. The EN pin can be directly connected
to V
IN for always-on operation.
www.national.com
8


Similar Part No. - LM3475MF

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3475MF TI1-LM3475MF Datasheet
1Mb / 25P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3475MF/NOPB TI1-LM3475MF/NOPB Datasheet
1Mb / 25P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3475MFX/NOPB TI1-LM3475MFX/NOPB Datasheet
1Mb / 25P
[Old version datasheet]   Hysteretic PFET Buck Controller
More results

Similar Description - LM3475MF

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3485 NSC-LM3485 Datasheet
369Kb / 15P
   Hysteretic PFET Buck Controller
logo
Texas Instruments
LM3485 TI-LM3485_15 Datasheet
1Mb / 24P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3485 TI1-LM3485_14 Datasheet
1,023Kb / 22P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3475 TI1-LM3475_14 Datasheet
1Mb / 21P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3485 TI1-LM3485_16 Datasheet
1Mb / 28P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3485MMX TI-LM3485MMX Datasheet
996Kb / 23P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3475 TI1-LM3475 Datasheet
1Mb / 25P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3485MM TI-LM3485MM Datasheet
1Mb / 23P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3485EVAL TI-LM3485EVAL Datasheet
1,023Kb / 22P
[Old version datasheet]   LM3485 Hysteretic PFET Buck Controller
LM3475 TI-LM3475_15 Datasheet
1Mb / 24P
[Old version datasheet]   LM3475 Hysteretic PFET Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com