Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4875 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4875
Description  750 mW Audio Power Amplifier with DC Volume Control and Headphone Switch
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4875 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM4875 Datasheet HTML 1Page - National Semiconductor (TI) LM4875 Datasheet HTML 2Page - National Semiconductor (TI) LM4875 Datasheet HTML 3Page - National Semiconductor (TI) LM4875 Datasheet HTML 4Page - National Semiconductor (TI) LM4875 Datasheet HTML 5Page - National Semiconductor (TI) LM4875 Datasheet HTML 6Page - National Semiconductor (TI) LM4875 Datasheet HTML 7Page - National Semiconductor (TI) LM4875 Datasheet HTML 8Page - National Semiconductor (TI) LM4875 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Absolute Maximum Ratings (Note 2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage
6.0V
Storage Temperature
−65˚C to +150˚C
Input Voltage
−0.3V to V
DD
+0.3V
Power Dissipation (Note 3)
Internally Limited
ESD Susceptibility (Note 4)
2000V
ESD Susceptibility (Note 5)
200V
Junction Temperature
150˚C
Soldering Information
Vapor Phase (60 sec.)
215˚C
Infrared (15 sec.)
220˚C
Thermal Resistanc
θ
JC (SOP)
35˚C/W
θ
JA (SOP)
150˚C/W
θ
JC (MSOP)
56˚C/W
θ
JA (MSOP)
190˚C/W
Operating Ratings
Temperature Range
T
MIN
≤ T
A
≤ T
MAX
−40˚C
≤ T
A
≤ +85˚C
Supply Voltage
2.7V
≤ V
DD
≤ 5.5V
See AN-450 “Surface Mounting and their Effects on Product
Reliability” for other methods of soldering surface mount
devices.
Electrical Characteristics (Notes 1, 2)
The following specifications apply for V
DD = 5V, unless otherwise specified. Limits apply for TA = 25˚C.
Symbol
Parameter
Conditions
LM4875
Min
(Note 7)
Typical
(Note 6)
Max
(Note 7)
Units
V
DD
Supply Voltage
2.7
5.5
V
I
DD
Quiescent Power Supply
Current
V
IN = 0V, IO = 0A, HP Sense = 0V
4
7
mA
V
IN = 0V, IO - 0A, HP Sense = 5V
3.5
6
mA
I
SD
Shutdown Current
V
PIN4
≤ 0.3V
0.7
µA
V
OS
Output Offset Voltage
V
IN = 0V
5
50
mV
P
O
Output Power
THD = 1% (max), HP Sense < 0.8V,
f = 1kHz, R
L =8
500
750
mW
THD = 10% (max), HP Sense < 0.8V,
f = 1kHz, R
L =8
1.0
W
THD+N=1%, HP Sense > 4V,
f = 1kHz, R
L =32
80
mW
THD = 10%, HP Sense > 4V,
f = 1kHz, R
L =32
110
mW
THD+N
Total Harmonic Distortion +
Noise
P
O = 300 mWrms, f = 20Hz–20kHz,
R
L =8
0.6
%
PSRR
Power Supply Rejection Ratio
V
RIPPLE = 200mVrms, RL =8
Ω,C
B =
1.0 µF, f = 1kHz
50
dB
Gain
RANGE
Single-Ended Gain Range
Gain with V
PIN4
≥ 4.0V, (80% of V
DD)
18.8
20
dB
Gain with V
PIN4
≤ 0.9V, (20% of V
DD)
−70
−72
dB
V
IH
HP Sense High Input Voltage
4
V
V
IL
HP Sense Low Input Voltage
0.8
V
Note 1: All voltages are measured with respect to the ground pin, unless otherwise specified.
Note 2: “Absolute Maximum Ratings” indicate limits beyond which damage to the device may occur. “Operating Ratings” indicate conditions for which the device
is functional, but do not guarantee specific performance limits. “Electrical Characteristics” state DC and AC electrical specifications under particular test conditions
that guarantee specific performance limits. This assumes that the device operates within the Operating Ratings. Specifications are not guaranteed for parameters
where no limit is given. The typical value, however, is a good indication of device performance.
Note 3: The maximum power dissipation must be derated at elevated temperatures and is dictated by TJMAX, θJA, and the ambient temperature TA. The maximum
allowable power dissipation is PDMAX =(TJMAX −TA)/θJA or the number given in the Absolute Maximum Ratings, whichever is lower. For the LM4875M, TJMAX =
150˚C.
Note 4: Human body model, 100pF discharged through a 1.5k
Ω resistor.
Note 5: Machine Model, 220pF–240pF discharged through all pins.
Note 6: Typicals are measured at 25˚C and represent the parametric norm.
Note 7: Limits are guaranteed to National’s AOQL (Average Outgoing Quality Level).
Note 8: The quiescent power supply current depends on the offset voltage when a practical load is connected to the amplifier.
www.national.com
2


Similar Part No. - LM4875

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4875 NSC-LM4875 Datasheet
1Mb / 37P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
logo
Texas Instruments
LM4875 TI-LM4875 Datasheet
1Mb / 21P
[Old version datasheet]   750 mW Audio Power Amplifier with DC Volume Control and Headphone Switch
LM4875M/NOPB TI-LM4875M/NOPB Datasheet
1Mb / 21P
[Old version datasheet]   750 mW Audio Power Amplifier with DC Volume Control and Headphone Switch
LM4875MM/NOPB TI-LM4875MM/NOPB Datasheet
1Mb / 21P
[Old version datasheet]   750 mW Audio Power Amplifier with DC Volume Control and Headphone Switch
LM4875MX/NOPB TI-LM4875MX/NOPB Datasheet
1Mb / 21P
[Old version datasheet]   750 mW Audio Power Amplifier with DC Volume Control and Headphone Switch
More results

Similar Description - LM4875

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4875 TI-LM4875_15 Datasheet
1Mb / 21P
[Old version datasheet]   750 mW Audio Power Amplifier with DC Volume Control and Headphone Switch
logo
National Semiconductor ...
LM4865 NSC-LM4865 Datasheet
340Kb / 9P
   750 mW Audio Power Amplifier with DC Volume Control and Headphone Switch
logo
Texas Instruments
LM4865MX TI1-LM4865MX Datasheet
1Mb / 25P
[Old version datasheet]   LM4865 750 mW Audio Power Amplifier with DC Volume Control and Headphone Switch
logo
TEXAS ADVANCED OPTOELEC...
TPA6130A2 TAOS-TPA6130A2 Datasheet
1Mb / 28P
   138-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
logo
National Semiconductor ...
LM4682 NSC-LM4682 Datasheet
1Mb / 21P
   10 Watt Stereo CLASS D Audio Power Amplifier with Stereo Headphone Amplifier and DC Volume Control
logo
Texas Instruments
TPA6130A2 TI-TPA6130A2_07 Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
TPA6130A2 TI-TPA6130A2 Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
TPA6130A2_0701 TI-TPA6130A2_0701 Datasheet
1Mb / 29P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
TPA6130A2 TI1-TPA6130A2_17 Datasheet
1Mb / 39P
[Old version datasheet]   138-mW DIRECTPATH Stereo Headphone Amplifier with I2C Volume Control
logo
Power Analog Micoelectr...
PAM8007 PAM-PAM8007 Datasheet
968Kb / 16P
   Filterless 3W Class-D Stereo Audio Amplifier with DC Volume Control and Headphone Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com