Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5020SDX-1 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM5020SDX-1
Description  100V Current Mode PWM Controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5020SDX-1 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LM5020SDX-1 Datasheet HTML 4Page - National Semiconductor (TI) LM5020SDX-1 Datasheet HTML 5Page - National Semiconductor (TI) LM5020SDX-1 Datasheet HTML 6Page - National Semiconductor (TI) LM5020SDX-1 Datasheet HTML 7Page - National Semiconductor (TI) LM5020SDX-1 Datasheet HTML 8Page - National Semiconductor (TI) LM5020SDX-1 Datasheet HTML 9Page - National Semiconductor (TI) LM5020SDX-1 Datasheet HTML 10Page - National Semiconductor (TI) LM5020SDX-1 Datasheet HTML 11Page - National Semiconductor (TI) LM5020SDX-1 Datasheet HTML 12Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Oscillator and Sync Capability
A single external resistor connected between the RT and
GND pins sets the LM5020 oscillator frequency. Internal to
the LM5020–2 device (50% duty cycle limited option) is an
oscillator divide by two circuit. This divide by two circuit
creates an exact 50% duty cycle pulse which is used inter-
nally to create a precise 50% duty cycle limit function. Be-
cause of this, the internal oscillator actually operates at twice
the frequency of the output (OUT). For the LM5020–1 device
the oscillator frequency and the operational output frequency
are the same. To set a desired output operational frequency
(F), the RT resistor can be calculated from:
LM5020-1:
LM5020-2:
The LM5020 can also be synchronized to an external clock.
The external clock must have a higher frequency than the
free running oscillator frequency set by the RT resistor. The
clock signal should be capacitively coupled into the RT pin
with a 100pF capacitor. A peak voltage level greater than 3.7
Volts at the RT pin is required for detection of the sync pulse.
The sync pulse width should be set between 15 to 150ns by
the external components. The RT resistor is always required,
whether the oscillator is free running or externally synchro-
nized. The voltage at the RT pin is internally regulated to a 2
Volts. The RT resistor should be located very close to the
device and connected directly to the pins of the controller
(RT and GND).
PWM Comparator / Slope
Compensation
The PWM comparator compares the current ramp signal
with the loop error voltage derived from the error amplifier
output. The error amplifier output voltage at the COMP pin is
offset by 1.4V and then further attenuated by a 3:1 resistor
divider. The PWM comparator polarity is such that 0 Volts on
the COMP pin will result in a zero duty cycle at the controller
output. For duty cycles greater than 50 percent, current
mode control circuits are subject to sub-harmonic oscillation.
By adding an additional fixed slope voltage ramp signal
(slope compensation) to the current sense signal, this oscil-
lation can be avoided. The LM5020-1 integrates this slope
compensation by summing a current ramp generated by the
oscillator with the current sense signal. Additional slope
compensation may be added by increasing the source im-
pedance of the current sense signal. Since the LM5020-2 is
not capable of duty cycles greater than 50%, there is no
slope compensation feature in this device.
Soft Start
The softstart feature allows the power converter to gradually
reach the initial steady state operating point, thereby reduc-
ing start-up stresses and current surges. At power on, after
the V
CC and the line undervoltage lockout thresholds are
satisfied, an internal 10µA current source charges an exter-
nal capacitor connected to the SS pin. The capacitor voltage
will ramp up slowly and will limit the COMP pin voltage and
the duty cycle of the output pulses.
Gate Driver and Maximum Duty
Cycle Limit
The LM5020 provides an internal gate driver (OUT), which
can source and sink a peak current of 1 Amp. The LM5020 is
available in two duty cycle limit options. The maximum out-
put duty cycle is typically 80% for the LM5020-1 option and
precisely equal to 50% for the LM5020-2 option. The maxi-
mum duty cycle function for the LM5020-2 is accomplished
with an internal toggle flip-flop which ensures an accurate
duty cycle limit. The internal oscillator frequency of the
LM5020-2 is therefore twice the operating frequency of the
PWM controller (OUT pin).
The 80% maximum duty cycle limit of the LM5020-1 is
determined by the internal oscillator and varies more than
the 50% limit of the LM5020-2. For the LM5020-1 the internal
oscillator frequency and the operational frequency of the
PWM controller are equal.
Thermal Protection
Internal thermal shutdown circuitry is provided to protect the
integrated circuit in the event the maximum junction tem-
perature is exceeded. This feature prevents catastrophic
failures from accidental device overheating. When activated,
typically at 165 degrees Celsius, the controller is forced into
a low power standby state, disabling the output driver and
the bias regulator. After the temperature is reduced (typical
hysteresis = 25˚C) the V
CC regulator will be enabled and a
softstart sequence initiated.
www.national.com
8


Similar Part No. - LM5020SDX-1

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5020SDX-1 NSC-LM5020SDX-1 Datasheet
229Kb / 12P
   100V Current Mode PWM Controller
LM5020SDX-1 NSC-LM5020SDX-1 Datasheet
629Kb / 13P
   100V Current Mode PWM Controller
logo
Texas Instruments
LM5020SDX-1/NOPB TI1-LM5020SDX-1/NOPB Datasheet
890Kb / 17P
[Old version datasheet]   100V Current Mode PWM Controller
More results

Similar Description - LM5020SDX-1

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5020 NSC-LM5020_06 Datasheet
629Kb / 13P
   100V Current Mode PWM Controller
logo
Texas Instruments
SM74202 TI1-SM74202 Datasheet
179Kb / 12P
[Old version datasheet]   100V Current Mode PWM Controller
LM5020 TI1-LM5020_14 Datasheet
899Kb / 19P
[Old version datasheet]   100V Current Mode PWM Controller
logo
National Semiconductor ...
LM5020 NSC-LM5020 Datasheet
229Kb / 12P
   100V Current Mode PWM Controller
logo
Texas Instruments
LM5020 TI1-LM5020 Datasheet
890Kb / 17P
[Old version datasheet]   100V Current Mode PWM Controller
LM5020MM-1 TI-LM5020MM-1 Datasheet
892Kb / 17P
[Old version datasheet]   LM5020 100V Current Mode PWM Controller
LM5020 TI-LM5020_15 Datasheet
865Kb / 17P
[Old version datasheet]   LM5020 100V Current Mode PWM Controller
logo
National Semiconductor ...
LM5030 NSC-LM5030_05 Datasheet
642Kb / 12P
   100V Push-Pull Current Mode PWM Controller
LM5030 NSC-LM5030 Datasheet
230Kb / 11P
   100V Push-Pull Current Mode PWM Controller
logo
Texas Instruments
LM5030 TI1-LM5030_15 Datasheet
1Mb / 28P
[Old version datasheet]   100V Push-Pull Current Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com