Electronic Components Datasheet Search |
|
AA1206JR-07100R Datasheet(PDF) 5 Page - YAGEO Corporation |
|
AA1206JR-07100R Datasheet(HTML) 5 Page - YAGEO Corporation |
5 / 10 page Chip Resistor Surface Mount www.yageo.com Dec. 08 2015 V.3 Product specification 5 10 SERIES AA 0201 to 2512 TYPE RESISTANCE RANGE CHARACTERISTICS Operating Temperature Range Max. Working Voltage Max. Overload Voltage Dielectric Withstanding Voltage Temperature Coefficient of Resistance Jumper Criteria AA0201 5% (E24) 1Ω≤ R ≤ 22MΩ (0201: Max. 10MΩ. 1218: Max. 1MΩ) 0.5%, 1% (E24/E96) 1Ω≤ R ≤10MΩ (1218: Max. 1MΩ) Jumper < 50mΩ –55 °C to +155 °C 25V 50V 50V 1Ω ≤ R ≤ 10Ω , -100/+400 ppm/°C 10Ω < R ≤ 10 MΩ , ± 300 ppm/°C Rated Current 0.5A Max. Current 1.0A AA0402 50 V 100 V 100 V 1 Ω ≤ R ≤ 10 Ω , ± 200 ppm/°C 10 Ω < R ≤ 10 MΩ , ± 150 ppm/°C 10 MΩ < R ≤ 22 M Ω , ±200 ppm/°C Rated Current 1A Max. Current 2A AA0603 75V 150 V 150 V Rated Current 1A Max. Current 2A AA0805 150 V 300 V 300 V Rated Current 2A Max. Current 5A AA1206 200 V 400 V 500 V Rated Current 2A Max. Current 10A AA1210 200 V 500 V 500 V Rated Current 2A Max. Current 10A AA1218 200 V 500 V 500 V Rated Current 6A Max. Current 10A AA2010 200 V 500 V 500 V Rated Current 2A Max. Current 10A AA2512 200 V 500 V 500 V Rated Current 2A Max. Current 10A E EL LE EC CT TR RIIC CA AL L C CH HA AR RA AC CT TE ER RIIS ST TIIC CS S Table 2 |
Similar Part No. - AA1206JR-07100R |
|
Similar Description - AA1206JR-07100R |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |