Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH6504MMX Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMH6504MMX
Description  Wideband, Low Power, Variable Gain Amplifier
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6504MMX Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LMH6504MMX Datasheet HTML 2Page - National Semiconductor (TI) LMH6504MMX Datasheet HTML 3Page - National Semiconductor (TI) LMH6504MMX Datasheet HTML 4Page - National Semiconductor (TI) LMH6504MMX Datasheet HTML 5Page - National Semiconductor (TI) LMH6504MMX Datasheet HTML 6Page - National Semiconductor (TI) LMH6504MMX Datasheet HTML 7Page - National Semiconductor (TI) LMH6504MMX Datasheet HTML 8Page - National Semiconductor (TI) LMH6504MMX Datasheet HTML 9Page - National Semiconductor (TI) LMH6504MMX Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Typical Performance Characteristics Unless otherwise specified: V
S = ±5V, TA = 25˚C,
VG =VGMAX,RF =1k
Ω,RG = 100Ω,VIN = 0.1V, input terminated in 50Ω.RL = 100Ω, Typical values. (Continued)
Gain Control Frequency Response
I
S vs. VS
20084333
20084321
I
S vs. VS
Input Bias Current vs. V
S
20084320
20084322
PSRR
A
VMAX vs. Supply Voltage
20084334
20084323
www.national.com
6


Similar Part No. - LMH6504MMX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6504MMX/NOPB TI1-LMH6504MMX/NOPB Datasheet
1Mb / 29P
[Old version datasheet]   LMH6504 Wideband, Low Power, Variable Gain Amplifier
More results

Similar Description - LMH6504MMX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6504 TI1-LMH6504_14 Datasheet
1Mb / 29P
[Old version datasheet]   Wideband, Low Power, Variable Gain Amplifier
logo
National Semiconductor ...
LMH6503 NSC-LMH6503 Datasheet
1,009Kb / 20P
   Wideband, Low Power, Linear Variable Gain Amplifier
logo
Texas Instruments
LMH6504 TI1-LMH6504 Datasheet
1Mb / 29P
[Old version datasheet]   LMH6504 Wideband, Low Power, Variable Gain Amplifier
logo
National Semiconductor ...
CLC522 NSC-CLC522 Datasheet
281Kb / 8P
   Wideband Variable-Gain Amplifier
logo
NXP Semiconductors
NE5209 PHILIPS-NE5209 Datasheet
306Kb / 15P
   Wideband variable gain amplifier
1990 Aug 20
SA5209 PHILIPS-SA5209 Datasheet
202Kb / 17P
   Wideband variable gain amplifier
1997 Nov 07
SA5219 PHILIPS-SA5219 Datasheet
236Kb / 18P
   Wideband variable gain amplifier
1997 Nov 07
logo
Texas Instruments
LMH6503MAX TI-LMH6503MAX Datasheet
1Mb / 33P
[Old version datasheet]   LMH6503 Wideband, Low Power, Linear Variable Gain Amplifier
LMH6503 TI1-LMH6503 Datasheet
1Mb / 33P
[Old version datasheet]   LMH6503 Wideband, Low Power, Linear Variable Gain Amplifier
LMH6503MT TI-LMH6503MT Datasheet
1Mb / 33P
[Old version datasheet]   LMH6503 Wideband, Low Power, Linear Variable Gain Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com