Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMS33460 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMS33460
Description  3V Under Voltage Detector
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMS33460 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LMS33460 Datasheet HTML 1Page - National Semiconductor (TI) LMS33460 Datasheet HTML 2Page - National Semiconductor (TI) LMS33460 Datasheet HTML 3Page - National Semiconductor (TI) LMS33460 Datasheet HTML 4Page - National Semiconductor (TI) LMS33460 Datasheet HTML 5Page - National Semiconductor (TI) LMS33460 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Application Circuit Information
The LMS33460 is a micro power under voltage sensing
circuit with an open drain output configuration, which re-
quires a pull resistor.
The LMS33460 features a voltage reference, a comparator
with precise thresholds and built in hysteresis to prevent
erratic reset operation.
20020008
FIGURE 1. Propagation Delay
www.national.com
5


Similar Part No. - LMS33460

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMS33460 TI1-LMS33460 Datasheet
723Kb / 13P
[Old version datasheet]   3V Under Voltage Detector
LMS33460MG TI1-LMS33460MG Datasheet
723Kb / 13P
[Old version datasheet]   3V Under Voltage Detector
LMS33460MG/NOPB TI1-LMS33460MG/NOPB Datasheet
723Kb / 13P
[Old version datasheet]   3V Under Voltage Detector
LMS33460MGNOPB TI1-LMS33460MGNOPB Datasheet
723Kb / 13P
[Old version datasheet]   3V Under Voltage Detector
LMS33460 TI1-LMS33460_14 Datasheet
723Kb / 13P
[Old version datasheet]   3V Under Voltage Detector
More results

Similar Description - LMS33460

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMS33460 TI1-LMS33460_14 Datasheet
723Kb / 13P
[Old version datasheet]   3V Under Voltage Detector
logo
ON Semiconductor
MC33460 ONSEMI-MC33460 Datasheet
256Kb / 12P
   Under Voltage Detector Series
November, 1999 ??Rev. 2
logo
Intersil Corporation
ICL7665S INTERSIL-ICL7665S Datasheet
86Kb / 11P
   CMOS Micropower Over/Under Voltage Detector
ICL7665S INTERSIL-ICL7665S_06 Datasheet
354Kb / 14P
   CMOS Micropower Over/Under Voltage Detector
logo
Megawin Technology Co.,...
MG39304AS1 MEGAWIN-MG39304AS1 Datasheet
264Kb / 18P
   Under Voltage Protection
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-800J AVAGO-HCPL-800J Datasheet
503Kb / 18P
   Under-Voltage Detection
logo
Minmax Technology Co., ...
MTQZ75 MINMAX-MTQZ75 Datasheet
784Kb / 7P
   under-voltage shutdown
logo
Texas Instruments
TPS37A-Q1 TI-TPS37A-Q1 Datasheet
2Mb / 32P
[Old version datasheet]   TPS37x-Q1 (65 V & 2uA) Over & Under Voltage Detector with Delay Function
PT5540 TI1-PT5540_14 Datasheet
199Kb / 9P
[Old version datasheet]   Under-Voltage Lockout
logo
Rohm
BA3708F ROHM-BA3708F Datasheet
155Kb / 8P
   Mute detector IC for 3V sets
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com