Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV3220-Q1 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # DRV3220-Q1
Description  Three-Phase Automotive Gate Driver With Enhanced Protection, Diagnostics, and Monitoring
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV3220-Q1 Datasheet(HTML) 5 Page - Texas Instruments

  DRV3220-Q1 Datasheet HTML 1Page - Texas Instruments DRV3220-Q1 Datasheet HTML 2Page - Texas Instruments DRV3220-Q1 Datasheet HTML 3Page - Texas Instruments DRV3220-Q1 Datasheet HTML 4Page - Texas Instruments DRV3220-Q1 Datasheet HTML 5Page - Texas Instruments DRV3220-Q1 Datasheet HTML 6Page - Texas Instruments DRV3220-Q1 Datasheet HTML 7Page - Texas Instruments DRV3220-Q1 Datasheet HTML 8Page - Texas Instruments DRV3220-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
5
DRV3220-Q1
www.ti.com
SLVSDM3 – FEBRUARY 2017
Product Folder Links: DRV3220-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages are with respect to network ground terminal, unless specified otherwise.
(3)
IVCC5 is not specifying VCC5 output current capability for external load. The allowed external load on VCC5 is specified at position 3.18
in Recommended Operating Conditions.
(4)
The maximum value also depends on PCB thermal design, modulation scheme, and motor operation time.
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1) (2)
POS
MIN
MAX
UNIT
2.1
DC voltage
VS, VSH
–0.3
60
V
2.1a
VS
Negative voltages with minimum serial resistor 5 Ω,
TA = 25°C
–5
V
2.1c
Negative voltages with minimum serial resistor 5 Ω,
TA = 105°C
–2.5
V
2.1b
VSH
Negative voltages with minimum serial resistor 10 Ω,
TA = 25°C
–5
V
2.1d
Negative voltages with minimum serial resistor 10 Ω,
TA = 105°C
–2.5
V
2.2A
Gate high-side voltage
GHSx
–9
70
V
2.2B
Source high-side voltage
SHSx
–9
70
V
2.3
Gate-source high-side voltage
difference
GHSx-
SHSx
Externally driven, internal limited, see position 5.4 in
Electrical Characteristics
–0.3
15
V
2.4
Gate low-side voltage
GLSx
–9
20
V
2.5
Source low-side voltage
SLSx
–9
7
V
2.6
Gate-source low-side voltage
difference
GLSx-
SLSx
Externally driven, internal limited, see position 5.5 in
Electrical Characteristics
–0.3
15
V
2.7
Boost converter
BOOST, SW
–0.3
70
V
2.9
Analog input voltage
VDDIO
–0.3
60
V
2.9a
ADREF
–0.3
60
V
2.11
RVSET
–0.3
60
V
2.10
Digital input voltage
ILSx,IHSx, EN, DRVOFF, SCLK, NCS, SDI
–0.3
60
V
2.13
Difference between GNDA and
GNDLS_B
GNDA, GNDLS_B
–0.3
0.3
V
2.20
Maximum slew rate of SHSx pins, SRSHS
–250
250
V/µs
2.21
Analog and digital output
voltages
ERR, SDO, RO
–0.3
6
V
2.22
Unused pins (connect to GND)
TEST
–0.3
0.3
V
2.24
Internal supply voltage
VCC5
–0.3
6
V
2.25
VCC3
–0.3
3.6
V
2.21
A
Forced input and output current
ERR, SDO, RO
–10
10
mA
2.24
A
Short-to-ground current, IVCC5
(3)
Internal current limit
80
mA
2.26
Short-to-ground current, IVCC3
Limited by VCC5
80
mA
2.27
Driver FET total gate charge (per
FET), Qgmax
VS = 12 V, ƒPWM = 20 kHz, 6 FETs ON/OFF per PWM cycle
200(4)
nC
2.28
VS = 24 V, ƒPWM = 20 kHz, 6 FETs ON/OFF per PWM cycle
100(4)
nC


Similar Part No. - DRV3220-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV3201-Q1 TI1-DRV3201-Q1 Datasheet
412Kb / 44P
[Old version datasheet]   3 Phase Motor Driver-IC for Automotive Safety Applications
DRV3201-Q1 TI1-DRV3201-Q1 Datasheet
3Mb / 60P
[Old version datasheet]   DRV3201-Q1 3 Phase Motor Driver-IC for Automotive Safety Applications
DRV3201-Q1 TI1-DRV3201-Q1_16 Datasheet
3Mb / 60P
[Old version datasheet]   DRV3201-Q1 3 Phase Motor Driver-IC for Automotive Safety Applications
DRV3201QPAPQ1 TI1-DRV3201QPAPQ1 Datasheet
412Kb / 44P
[Old version datasheet]   3 Phase Motor Driver-IC for Automotive Safety Applications
DRV3201QPAPQ1 TI1-DRV3201QPAPQ1 Datasheet
3Mb / 60P
[Old version datasheet]   DRV3201-Q1 3 Phase Motor Driver-IC for Automotive Safety Applications
More results

Similar Description - DRV3220-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV3205-Q1 TI1-DRV3205-Q1 Datasheet
127Kb / 6P
[Old version datasheet]   DRV3205-Q1 Three-Phase Automotive Gate Driver With Three Integrated Current Shunt Amplifiers and Enhanced Protection, Diagnostics, and Monitoring
DRV3205-Q1 TI-DRV3205-Q1_15 Datasheet
111Kb / 6P
[Old version datasheet]   DRV3205-Q1 Three-Phase Automotive Gate Driver With Three Integrated Current Shunt Amplifiers and Enhanced Protection, Diagnostics, and Monitoring
DRV3245Q-Q1 TI1-DRV3245Q-Q1 Datasheet
135Kb / 6P
[Old version datasheet]   3-Phase Automotive Gate Driver Unit (GDU) With High Performance Sensing, Protection and Diagnostics
DRV3245Q-Q1 TI1-DRV3245Q-Q1_18 Datasheet
138Kb / 6P
[Old version datasheet]   3-Phase Automotive Gate Driver Unit (GDU) With High Performance Sensing, Protection and Diagnostics
DRV3245-Q1 TI1-DRV3245-Q1 Datasheet
135Kb / 5P
[Old version datasheet]   Three-Phase Automotive Gate Driver
DRV8305-Q1 TI1-DRV8305-Q1_16 Datasheet
640Kb / 54P
[Old version datasheet]   Three-Phase Automotive Gate Driver
DRV3245Q-Q1 TI-DRV3245Q-Q1_V02 Datasheet
1Mb / 17P
[Old version datasheet]   DRV3245Q-Q1 3-Phase Automotive Gate Driver Unit (GDU) With High Performance Sensing, Protection and Diagnostics
REVISED MAY 2023
DRV3245E-Q1 TI1-DRV3245E-Q1_19 Datasheet
771Kb / 11P
[Old version datasheet]   3-Phase Grade 0 Automotive Gate Driver Unit (GDU) With High Performance Sensing, Protection and Diagnostics
DRV3245Q-Q1 TI1-DRV3245Q-Q1_V01 Datasheet
786Kb / 12P
[Old version datasheet]   DRV3245Q-Q1 3-Phase Automotive Gate Driver Unit (GDU) With High Performance Sensing, Protection and Diagnostics
DRV3245E-Q1 TI1-DRV3245E-Q1 Datasheet
770Kb / 10P
[Old version datasheet]   3-Phase Grade 0 Automotive Gate Driver Unit (GDU) With High Performance Sensing, Protection and Diagnostics
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com