Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMS1587CS-ADJ Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LMS1587CS-ADJ
Description  5A/LMS1587 5A and 3A Low Dropout Fast Response Regulators
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMS1587CS-ADJ Datasheet(HTML) 5 Page - Texas Instruments

  LMS1587CS-ADJ Datasheet HTML 1Page - Texas Instruments LMS1587CS-ADJ Datasheet HTML 2Page - Texas Instruments LMS1587CS-ADJ Datasheet HTML 3Page - Texas Instruments LMS1587CS-ADJ Datasheet HTML 4Page - Texas Instruments LMS1587CS-ADJ Datasheet HTML 5Page - Texas Instruments LMS1587CS-ADJ Datasheet HTML 6Page - Texas Instruments LMS1587CS-ADJ Datasheet HTML 7Page - Texas Instruments LMS1587CS-ADJ Datasheet HTML 8Page - Texas Instruments LMS1587CS-ADJ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
LMS1585A , LMS1587
www.ti.com
SNVS061G – MONTH 2003 – REVISED JULY 2013
ELECTRICAL CHARACTERISTICS (continued)
Typicals and limits appearing in normal type apply for TJ = 25˚C. Limits appearing in Boldface type apply over the entire
junction temperature range for operation, 0
˚C to 125˚C for commercial grade and −40˚C to 125˚C for industrial grade.
ILIMIT
Current Limit
LMS1585A-ADJ/LMS1585A-3.3/LMS1585A-1.5
VIN−VOUT = 5.5V
5.0
6.6
A
LMS1587-ADJ/LMS1587-3.3/LMS1587-1.5
VIN−VOUT = 5.5V
3.1
4.3
A
Minimum Load
LMS1585A/87-ADJ
Current (4)
1.5V
≤ VIN−VOUT ≤ 5.75V
2.0
10.0
mA
Quiescent Current
LMS1585A-3.3/LMS1587-3.3/
LMS1585A-1.5/LMS1587-1.5
VIN = 5V
7.0
13.0
mA
Thermal Regulation
TA = 25
˚C, 30ms Pulse
0.003
%/W
Ripple Rejection
LMS1585A-ADJ
fRIPPLE = 120Hz, VIN−VOUT = 3V,
IOUT = 5A, COUT = 25µF Tantalum
72
dB
LMS1585A-1.5
fRIPPLE = 120Hz, COUT = 25µF
Tantalum, IOUT = 5A, VIN = 4.5V
60
72
dB
LMS1585A-3.3
fRIPPLE = 120Hz, COUT = 25µF
Tantalum, IOUT = 5A, VIN = 6.3V
72
dB
LMS1587-ADJ
fRIPPLE = 120 Hz, VIN−VOUT = 3V, IOUT = 3A
COUT = 25 µF Tantalum
72
dB
LMS1587-1.5
fRIPPLE = 120 Hz, COUT = 25µF Tantalum,
IOUT = 3A, VIN = 4.5V
60
72
dB
LMS1587-3.3
fRIPPLE = 120 Hz, COUT = 25µF Tantalum,
IOUT = 3A, VIN = 6.3V
72
dB
Adjust Pin Current
55
120
µA
Adjust Pin Current
10mA
≤ IOUT ≤ IFULLLOAD,
1.5V
≤ VIN−VOUT ≤ 5.75V
(5)
0.2
µA
Temperature Stability
0.5
%
Long Term Stability
TA = 125
˚C, 1000Hrs
0.03
%
RMS Output Noise
10Hz
≤ f ≤ 10kHz
0.003
%
(% of VOUT)
Thermal Resistance
3-Lead KTT (TO-263): Control/Output Section
0.65/2.7
*C/W
Junction-to-Case
3-Lead NDE (TO-220): Control/Output Section
0.65/2.7
*C/W
(4)
The minimum output current required to maintain regulation.
(5)
IFULLLOAD is 5A for LMS1585A and 3A for LMS1587.
Copyright © 2003–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LMS1585A LMS1587


Similar Part No. - LMS1587CS-ADJ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMS1587CS-ADJ NSC-LMS1587CS-ADJ Datasheet
103Kb / 8P
   5A and 3A Low Dropout Fast Response Regulators
logo
Texas Instruments
LMS1587CS-ADJ TI1-LMS1587CS-ADJ Datasheet
1Mb / 15P
[Old version datasheet]   LMS1585A 5A/LMS1587 5A and 3A Low Dropout Fast Response Regulators
LMS1587CS-ADJ/NOPB TI1-LMS1587CS-ADJ/NOPB Datasheet
1Mb / 15P
[Old version datasheet]   LMS1585A 5A/LMS1587 5A and 3A Low Dropout Fast Response Regulators
More results

Similar Description - LMS1587CS-ADJ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMS1585A TI1-LMS1585A Datasheet
1Mb / 15P
[Old version datasheet]   LMS1585A 5A/LMS1587 5A and 3A Low Dropout Fast Response Regulators
LMS1587CT-33 TI1-LMS1587CT-33 Datasheet
1Mb / 16P
[Old version datasheet]   LMS1585A 5A/LMS1587 5A and 3A Low Dropout Fast Response Regulators
LMS1585A TI-LMS1585A_15 Datasheet
1Mb / 14P
[Old version datasheet]   LMS1585A 5A/LMS1587 5A and 3A Low Dropout Fast Response Regulators
LMS1587 TI-LMS1587_15 Datasheet
1Mb / 14P
[Old version datasheet]   LMS1585A 5A/LMS1587 5A and 3A Low Dropout Fast Response Regulators
logo
National Semiconductor ...
LMS1585A NSC-LMS1585A Datasheet
103Kb / 8P
   5A and 3A Low Dropout Fast Response Regulators
LMS1585AEP NSC-LMS1585AEP Datasheet
128Kb / 7P
   Enhanced Plastic 5A and 3A Low Dropout Fast Response Regulators
logo
Linear Technology
LT1585A-3.3 LINER-LT1585A-3.3_15 Datasheet
170Kb / 12P
   5A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
LT1585A LINER-LT1585A Datasheet
253Kb / 12P
   5A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
LT1585A LINER-LT1585A_15 Datasheet
170Kb / 12P
   5A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
logo
TelCom Semiconductor, I...
TCL1584 TELCOM-TCL1584 Datasheet
144Kb / 13P
   7A / 5A / 4.6A / 3A, FAST RESPONSE, LOW DROPOUT POSITIVE LINEAR VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com