Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TOPPOWER Datasheet(PDF) 4 Page - Toppower Electronic Technology Limited

Part # TOPPOWER
Description  1W 1KVDC and 3KVDC Isolated Miniature Single Output DC/DC Converters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TOPPOWER Datasheet(HTML) 4 Page - Toppower Electronic Technology Limited

  TOPPOWER Datasheet HTML 1Page - Toppower Electronic Technology Limited TOPPOWER Datasheet HTML 2Page - Toppower Electronic Technology Limited TOPPOWER Datasheet HTML 3Page - Toppower Electronic Technology Limited TOPPOWER Datasheet HTML 4Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
TKE Series
www.gztoppower.com
TEL:020-61038836
EMAIL:sales@gztoppower.com
page 4 of 4
RECOMMENDED FOOTPRINT DETAILS
TUBE OUTLINE DIMENSIONS
SOLDERING INFORMATION
This series is compatible with RoHS soldering systems with a peak wave solder temperature of 300°C for 10 seconds. Both SIP and DIP types in this series are
backward compatible with Sn/Pb soldering systems.
Unless otherwise stated all dimensions in mm ±0.5mm
Tube Quantity:40PCS
Tube length(8 Pin DIP):520mm ±2mm
Tube length(4 Pin SIP):525mm ±2mm
5.40
5.00
0.60±0.15
11.60
8 Pin DIP Package
4 Pin SIP Package
4.45
7.70
8 Pin DIP Tube
4 Pin SIP Tube
2.54
1.00
1.15
4
4HOLES
2.54
4
1.00
1.15 4HOLES
TOPPOWER


Similar Part No. - TOPPOWER

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TOPPOWER TOPPOWER-TOPPOWER Datasheet
432Kb / 3P
   1W 3KVDC Isolated Miniature Single Output DC/DC Converters
TOPPOWER TOPPOWER-TOPPOWER Datasheet
416Kb / 4P
   10W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
TOPPOWER TOPPOWER-TOPPOWER Datasheet
723Kb / 4P
   25~30W 3KVAC Isolation Wide Input AC/DC Converters
TOPPOWER TOPPOWER-TOPPOWER Datasheet
409Kb / 3P
   1W 3KVDC Isolated Single and Dual Output DC/DC Converters
TOPPOWER TOPPOWER-TOPPOWER Datasheet
643Kb / 3P
   1W 3KVDC Isolated Single and Dual Output DC/DC Converters
More results

Similar Description - TOPPOWER

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TKA-A TOPPOWER-TKA-A_17 Datasheet
460Kb / 3P
   1W 3KVDC Isolated Miniature Single Output DC/DC Converters
TKA-A TOPPOWER-TKA-A Datasheet
432Kb / 3P
   1W 3KVDC Isolated Miniature Single Output DC/DC Converters
TKE TOPPOWER-TKE_V02 Datasheet
229Kb / 4P
   1W 1.5KVDC and 3KVDC Isolated Miniature Single Output DC/DC Converters
TKE TOPPOWER-TKE_17 Datasheet
469Kb / 4P
   1W 1.5KVDC and 3KVDC Isolated Miniature Single Output DC/DC Converters
TKE TOPPOWER-TKE_19 Datasheet
677Kb / 4P
   1W 1.5KVDC and 3KVDC Isolated Miniature Single Output DC/DC Converters
TKE_19 TOPPOWER-TKE_19_03 Datasheet
744Kb / 4P
   1W 1.5KVDC and 3KVDC Isolated Miniature Single Output DC/DC Converters
TKE TOPPOWER-TKE_V01 Datasheet
733Kb / 4P
   1W 1.5KVDC and 3KVDC Isolated Miniature Single Output DC/DC Converters
logo
Murata Power Solutions ...
MER1 MURATA-PS-MER1 Datasheet
140Kb / 6P
   1kVDC Isolated 1W Single Output DC/DC Converters
logo
Toppower Electronic Tec...
TPE1-1W TOPPOWER-TPE1-1W Datasheet
447Kb / 3P
   1W 1KVDC and 2KVDC Isolated Single Output DC/DC Converters
TPE2 TOPPOWER-TPE2 Datasheet
362Kb / 3P
   1W 1KVDC and 2KVDC Isolated Single Output DC/DC Converters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com